PART |
Description |
Maker |
LT3481IMSEPBF LT3481HMSETRPBF |
36V, 2A, 2.8MHz Step-Down Switching Regulator with 50µA Quiescent Current; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C 4.4 A SWITCHING REGULATOR, 3100 kHz SWITCHING FREQ-MAX, PDSO10 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 4.4 A SWITCHING REGULATOR, 3100 kHz SWITCHING FREQ-MAX, PDSO10
|
Linear Technology, Corp.
|
LT3972EDD-PBF LT3972IDD-PBF LT3972EMSE-PBF LT3972E |
33V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75µA Quiescent Current, MSOP-10 6.2 A SWITCHING REGULATOR, 2700 kHz SWITCHING FREQ-MAX, PDSO10 33V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75μA Quiescent Current
|
Linear Technology, Corp.
|
MPQ4560DQ |
SWITCHING REGULATOR, PDSO10
|
MONOLITHIC POWER SYSTEMS INC
|
LT3686A LT3686AHMSEPBF LT3686AIDDTRPBF LT3686AHMSE |
2.65 A SWITCHING REGULATOR, 2500 kHz SWITCHING FREQ-MAX, PDSO10 2.65 A SWITCHING REGULATOR, 2500 kHz SWITCHING FREQ-MAX, PDSO12 37V/1.2A Step-Down Regulator in 3mm 3mm DFN and MSE
|
LINEAR TECHNOLOGY CORP
|
LTC3541 LTC3541EDD LTC3541EDDPBF |
High Efficiency Buck VLDO Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.25 A SWITCHING REGULATOR, 2700 kHz SWITCHING FREQ-MAX, PDSO10
|
Linear Technology, Corp.
|
MP2492 MP2492DQ MP2492DN MP2492DQ-Z |
2A, 55V, 100kHz Step-Down Converter with Programmable Output Current Limit SWITCHING REGULATOR, 120 kHz SWITCHING FREQ-MAX, PDSO10
|
Monolithic Power Systems MONOLITHIC POWER SYSTEMS INC
|
MIC2224YML MIC2224 |
High Efficiency 2MHz PWM Buck Converter with DAC Input and 40mOHM Bypass Switch 2.5 A SWITCHING REGULATOR, 2200 kHz SWITCHING FREQ-MAX, PDSO10 Replaced by PTH05060W :
|
Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
ADP2120 ADP2120ACPZ-1.0-R7 ADP2120ACPZ-1.2-R7 ADP2 |
2 A/1.25 A, 1.2 MHz, Synchronous, Step-Down DC-to-DC Regulators SWITCHING REGULATOR, PDSO10 3 X 3 MM, ROHS COMPLIANT, LFCSP-10
|
Analog Devices, Inc.
|
LT3970EMS-3.3-PBF LT3970EMS-3.3-TRPBF LT3970EMS-5- |
40V, 350mA Step-Down Regulator with 2.5楼矛A Quiescent Current and Integrated Diodes 40V, 350mA Step-Down Regulator with 2.5μA Quiescent Current and Integrated Diodes 40V, 350mA Step-Down Regulator with 2.5µA Quiescent Current and Integrated Diodes, 10-Lead Plastic MSOP, Temp E –40°C to 125°C 0.865 A SWITCHING REGULATOR, 2640 kHz SWITCHING FREQ-MAX, PDSO10 40V, 350mA Step-Down Regulator with 2.5µA Quiescent Current and Integrated Diodes, 10-Lead (3mm × 2mm) Plastic DFN, Temp I –40°C to 125°C 0.865 A SWITCHING REGULATOR, 2640 kHz SWITCHING FREQ-MAX, PDSO10
|
http:// Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LT3990IMSEPBF LT3990IDDTRPBF |
0.865 A SWITCHING REGULATOR, 2760 kHz SWITCHING FREQ-MAX, PDSO16 0.865 A SWITCHING REGULATOR, 2760 kHz SWITCHING FREQ-MAX, PDSO10
|
LINEAR TECHNOLOGY CORP
|
|