PART |
Description |
Maker |
LTC1451IN8 LTC1451IS8 LTC1451CN8 LTC1451CS8 LTC145 |
12-Bit Rail-to-Rail Micropower DACs in SO-8(3V-5V2位满幅度微功耗电压输出数模转换器(SO-8封装 12-Bit Rail-to-Rail Micropower DACs in SO-8 SERIAL INPUT LOADING, 14 us SETTLING TIME, 12-BIT DAC, PDIP8 12-Bit Rail-to-Rail Micropower DACs in SO-8 SERIAL INPUT LOADING, 14 us SETTLING TIME, 12-BIT DAC, PDSO8
|
Linear Technology Corporation LINER[Linear Technology] Linear Technology, Corp.
|
LTC1669 1669F LTC1669-1CS5 LTC1669CS5 LTC1669IMS8 |
Replaced by TLV5617A : 10-Bit, 2.5 us Dual DAC, Serial Input, Pgrmable Settling Time, Simultaneous Update, Low Power 8-SOIC 0 to 70 10-Bit Rail-to-Rail Micropower DAC with I2C Interface From old datasheet system 10-Bit Rail-to-Rail Micropower DAC with I²C Interface; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C SERIAL INPUT LOADING, 30 us SETTLING TIME, 10-BIT DAC, PDSO5
|
Linear Technology Corporation LINER[Linear Technology] Linear Technology, Corp.
|
LTC1655CS8 LTC1655C LTC1655CN8 LTC1655IN8 LTC1655I |
From old datasheet system 16-Bit Rail-to-Rail Micropower DAC in SO-8 Package
|
LINER[Linear Technology]
|
LTC1450LCGTRPBF |
Parallel Input, 12-Bit Rail-to-Rail Micropower DACs in SSOP
|
Linear Technology
|
LTC1446L LTC1446 LTC1446LIS8 LTC1446LCS8 LTC1446IS |
Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8 From old datasheet system
|
Linear Technology Corporation LINER[Linear Technology]
|
LTC1659CMS8-PBF LTC1659CMS8-TRPBF LTC1659CS8-PBF L |
12-Bit Rail-to-Rail Micropower DAC in MSOP Package
|
Linear Technology
|
LTC1446CN8 LTC1446CS8 |
Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8
|
Linear Technology
|
AD5310 AD5310BRM AD5310BRT AD5310BRM-REEL AD5310BR |
2.5 V to 5.5 V/ 230uA/ Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs 2.7 V to 5.5 V, 140 A, Rail-to-Rail Voltage Output 10-Bit DAC 2.7 V to 5.5 V, 140 uA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 2.7 V to 5.5 V/ 140 uA/ Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 Lithium Battery; Voltage Rating:3.6V; Battery Terminals:Connector SERIAL INPUT LOADING, 6 us SETTLING TIME, 10-BIT DAC, PDSO8 2.7 V to 5.5 V. 140 uA. Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 2.7伏至5.540微安。轨至轨电压输出10位DAC采用SOT - 23 2.7 V to 5.5 V, 140 µA, Rail-to-Rail Voltage Output 10-Bit DAC 2.5 V to 5.5 V/ 115 uA/ Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
LT1716 LT1716CS5 LT1716HS5 LT1716IS5 |
Microprocessor Crystal; Frequency:24.576MHz; Frequency Tolerance:20ppm; Load Capacitance:18pF; Crystal Terminals:Radial Leaded; ESR:25ohm; Leaded SOT-23, 44V, Over-The-Top, Micropower, Precision Rail-to-Rail Comparator SOT-23, 44V, Over-the-Top, Micropower, Precision, Rail-to-Rail Comparator
|
Linear Technology Corporation LINER[Linear Technology]
|
AFL2803.3SX/CH AFL12003.3SX/CH AFL12003.3SW/ES AFL |
Quad 12-Bit Rail-to-Rail Micropower DACs; Package: SO; No of Pins: 28; Temperature Range: 0°C to 70°C Single Cell to 3.3V Regulated Charge Pump DC/DC Converter Quad 12-Bit Rail-to-Rail Micropower DACs; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 85°C Quad 12-Bit Rail-to-Rail Micropower DACs; Package: SO; No of Pins: 28; Temperature Range: -40°C to 85°C Analog IC 模拟IC Single Cell to 3.3V Regulated Charge Pump DC/DC Converter 模拟IC 1-OUTPUT 66 W DC-DC REG PWR SUPPLY MODULE 2-OUTPUT 66 W DC-DC REG PWR SUPPLY MODULE
|
International Rectifier, Corp. HIROSE ELECTRIC Co., Ltd. TE Connectivity, Ltd.
|
ISL28005FH-20EVAL1Z ISL28005 ISL28005FH-100EVAL1Z |
Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
|
Intersil Corporation
|