PART |
Description |
Maker |
M5238AFP M5238AL M5238AP M5238P M5238FP |
DUAL LOW-NOISE J-FET INPUT OPERATIONAL AMPLIFIERS 双路低噪声J - FET输入运算放大 DUAL LOW NOISE JFET INPUT OPERATIONAL AMPLIFIERS CRYSTAL 30.000 MHZ 10PF SMD 双低噪声JFET输入运算放大 Dual Low Noise J-Fet Input Operational Amplifier
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
HA-5114/883 HA4-5114/883 HA-5114 |
Dual and Quad/ 8MHz and 60MHz/ Low Noise Operational Amplifiers Quad, Low Noise, High Performance Uncompensated Operational Amplifier
|
Intersil Corporation
|
MC33171 MC33171P |
(MC33172/MC33174) Low Power / Single Supply Operational Amplifiers Dual Low-Noise Operational Amplifier 8-SOIC -40 to 85 OP-AMP, 6500 uV OFFSET-MAX, 1.8 MHz BAND WIDTH, PDIP8
|
Motorola Mobility Holdings, Inc.
|
K4S643232C-TC/L80 K4S643232C-TC/L10 K4S643232C-TC/ |
ECONOLINE: RY & RX - Controllable Output- 1kVDC Isolation- No Heatsink Required- UL94V-0 Package Material- Toroidal Magnetics- No External Components- Fully Encapsulated- Efficiency to 70% Dual Low-Noise Precision Rail-To-Rail Operational Amplifier 14-SOIC 200万32内存12k × 32 × 4银行同步DRAM LVTTL Low Noise Precision Advanced LinCMOS(TM) Single Operational Amplifier 8-CDIP -55 to 125 200万32内存12k × 32 × 4银行同步DRAM LVTTL ECONOLINE: RY & RX - Controllable Output- 1kVDC Isolation- No Heatsink Required- UL94V-0 Package Material- Toroidal Magnetics- No External Components- Fully Encapsulated- Efficiency to 70% Replaced by TLC2201A : Advanced LinCMOS(TM) Low-Noise Precision Operational Amplifier 8-PDIP -40 to 85 Replaced by TLC2201A : Advanced LinCMOS(TM) Low-Noise Precision Operational Amplifier 8-SOIC -40 to 85 Dual Low-Noise Precision Rail-To-Rail Operational Amplifier 14-SOIC Low Noise Precision Advanced LinCMOS(TM) Single Operational Amplifier 20-LCCC -55 to 125 2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD.
|
HA1-5104_883 HA-5104883 HA-5104/883 |
Op Amp, Quad 8MHz, Unity Gain Stable, Low Noise, 883 Compliant Low Noise, High Performance, Quad Operational Amplifier
|
INTERSIL[Intersil Corporation]
|
HA7-5127-2 HA7-5127-5 HA7-5127A-5 HA9P5127-5 HA-51 |
From old datasheet system 8.5MHz, Ultra-Low Noise Precision Operational Amplifier Features 8.5MHz Ultra-Low Noise Precision Operational Amplifier 8.5MHz/ Ultra-Low Noise Precision Operational Amplifier
|
INTERSIL[Intersil Corporation]
|
TL071M TL071I TL071C TL071B TL071_01 TL071A TL071A |
LOW NOISE SINGLE JFET OP-AMPS LOW NOISE J-FET SINGLE OPERATIONAL AMPLIFIERS
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
TL074CN TL071C TL072AC TL074AC TL072C TL074C ON299 |
LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS From old datasheet system LOW NOISE/ JFET INPUT OPERATIONAL AMPLIFIERS
|
MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
LTC1562-2 LTC1562C-2 LTC1562CG-2 LTC1562I-2 LTC156 |
From old datasheet system Very Low Noise/ Low Distortion Active RC Quad Universal Filter Advanced LinEPIC Self-Calibrating Precision Dual Operational Amplifier 20-LCCC -55 to 125 Very Low Noise, Low Distortion Active RC Quad Universal Filter
|
Linear Technology Corporation
|
LT1037 LT1037ACH LT1037ACJ8 LT1037ACN8 LT1037AMH L |
Low Noise/ High Speed Precision Operational Amplifiers Low Noise, High Speed Precision Operational Amplifiers From old datasheet system
|
LINER[Linear Technology]
|
TSH10I TSH10 |
140 MHZ BANDWIDTH LOW NOISE SINGLE OP-AMPS 140MHz BANDWIDTH LOW NOISE SINGLE OPERATIONAL AMPLIFIER
|
ST Microelectronics STMicroelectronics
|