PART |
Description |
Maker |
MAC99706 MAC997B8RLRP MAC997 MAC997A6 MAC997A6RL1 |
400 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Ammunition Box; Qty per Container: 2000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bulk; Qty per Container: 5000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs Silicon Bidirectional Thyristors
|
ONSEMI[ON Semiconductor]
|
BT136M-500 BT136M-500F BT136M-500G BT136M-600 BT13 |
Triacs 双向可控 Octal Registered Transceivers with 3-State Outputs 24-SSOP/QSOP -40 to 85 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Triacs(双向可控 800 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Octal Registered Transceivers with 3-State Outputs 24-SSOP/QSOP -40 to 85 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Triacs 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 DIODE ZENER DUAL COMMON-ANODE 300mW 8.2Vz 5mA-Izt 0.05 0.1uA-Ir 6 SOT-23 3K/REEL RECTIFIER SCHOTTKY SINGLE 0.5A 20V 5.5A-Ifsm 0.385Vf 0.25A-IR SOD-123 3K/REEL Octal Registered Transceivers with 3-State Outputs 24-SOIC -40 to 85 Triacs sensitive gate Triacs logic level
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
TIC253D TIC253M |
400 V, 20 A, 4 QUADRANT LOGIC LEVEL TRIAC 600 V, 20 A, 4 QUADRANT LOGIC LEVEL TRIAC
|
BOURNS INC
|
Z0103NA5AL2 STMICROELECTRONICS-Z0103NA1AA2 Z0107MA |
800 V, 1 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 600 V, 1 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92
|
STMICROELECTRONICS
|
CQ92MLEADFREE |
600 V, 1 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92
|
CENTRAL SEMICONDUCTOR CORP
|
CQ220-10B CQ220-10D CQ220-10M CQ220-10N |
10 AMP TRIAC 200 V, 10 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 10 AMP TRIAC 400 V, 10 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 10 AMP TRIAC 600 V, 10 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 10 AMP TRIAC 800 V, 10 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
Central Semiconductor C... Central Semiconductor Corp. Central Semiconductor, Corp.
|
BT138-800 BT138-800F BT138-800G BT138 BT138-500 BT |
Triacs sensitive gate CAP, 0.1UF, 100V, 5%, POLYESTER Triacs(双向可控 Octal Buffers and Line Drivers with 3-State Outputs 20-CFP -55 to 125 600 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB Octal Bus Transceivers with 3-State Outputs 20-LCCC -55 to 125 800 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
MAC08MT1G |
Sensitive Gate Triacs Silicon Bidirectional Thyristors 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-261AA
|
ON Semiconductor
|
T0505XH T0509DH T0509SH T0509MH T0509NH T0509XH T0 |
From old datasheet system SENSITIVE GATE TRIACS 400 V, 5 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220 800 V, 5 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
CQ220I-10D CQ220I-10N CQ220I-10B CQ220I-10M |
CAP 0.039UF 16V 10% X7R SMD-0805 TR-7 PLATED-NI/SN 600 V, 10 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED TAB TRIAC 10 AMP Leaded Thyristor TRIAC
|
Central Semiconductor, Corp. Central Semiconductor Corp.
|
CQDD-16N |
16 AMP TRIAC 600 THRU 800 VOLTS 800 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC
|
Central Semiconductor, Corp.
|
|