PART |
Description |
Maker |
HA3-5020-5 HA9P5020-5 HA-5020 HA7-5020883 HA4-5020 |
Op Amp, 100MHz, Video, Current Feedback, with Output Disable 100MHz Current Feedback Video Amplifier With Disable
|
INTERSIL[Intersil Corporation]
|
5962-89620012A |
100MHz Current Feedback Video Amplifier With Disable; Temperature Range: -55°C to 125°C; Package: 20-LCC 1 CHANNEL, VIDEO AMPLIFIER, CQCC20
|
Intersil, Corp.
|
LT1228_07 LT1228 LT1228CJ8 LT1228CN8 LT1228CS8 LT1 |
100MHz Current Feedback Amplifier with DC Gain Control
|
LINER[Linear Technology]
|
LT1228 LT1228C LT1228CJ8 LT1228CN8 LT1228CS8 LT122 |
From old datasheet system 100MHz Current Feedback Amplifier with DC Gain Control
|
LINER[Linear Technology]
|
HFA1135 HFA1135EVAL HFA1135IB HFA1135IB96 FN3653 H |
Op Amp, 360MHz, Video, Low Power, Output Limiting, Current Feedback Op Amp, 850MHz, Low Distortion, Video/RF, Current Feedback, SR=2300V/s From old datasheet system 360MHz, Low Power, Video Operational Amplifier with Output Limiting 360MHz,低功耗,视频运算放大器输出的限制 GT 3C 3#16S SKT RECP BOX 1 CHANNEL, VIDEO PREAMPLIFIER, PDSO8 360MHz/ Low Power/ Video Operational Amplifier with Output Limiting
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
HS7B-1145RH-Q 5962F9683001VPC 5962F9683001VPA HS7- |
Radiation Hardened, High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable 1 CHANNEL, VIDEO AMPLIFIER, CDIP8 CONNECTOR ACCESSORY Radiation Hardened, High Speed, Low
Power, Current Feedback Video
Operational Amplifier with Output Disable(抗辐射超高速电流反馈视频运算放大器(带输出禁止 Radiation Hardened/ High Speed/ Low Power/ Current Feedback Video Operational Amplifier with Output Disable
|
Intersil, Corp. Intersil Corporation http://
|
R1005300L |
Si Reverse, low current, 5 - 100MHz, 30.8dB typ. Gain @ 100MHz, 140mA max. @ 24VDC
|
PDI[PREMIER DEVICES, INC.]
|
HA5025_03 HA5025 HA5025EVAL HA5025IB HA5025IP |
Quad, 125MHz Video Current Feedback Amplifier
|
INTERSIL[Intersil Corporation]
|
HFA1105 |
Op Amp, 330MHz, Video, Low Power, Current Feedback
|
Intersil
|
LT1204-15 |
4-Input Video Multiplexer with 75MHz Current Feedback Amplifier
|
Linear Technology
|