PART |
Description |
Maker |
H1121NL H1102NL H1101NL H1100NL H1302NL HX1188NL H |
RoHS peak reflow temperature rating: 245C
|
Pulse A Technitrol Company
|
T1210 T1208T T1219T T1218T T1217NL |
RoHS peak reflow temperature rating 245 T1/E1/CEPT/ISDN-PRI INTERFACE MODULES
|
Pulse Engineering, Inc. Pulse A Technitrol Comp...
|
ISPPAC-CLK5510V-01T48C ISPPAC-CLK5510V-01T48I ISPP |
LED Area Light; Forward Current:300mA; Operating Temperature Range:0 C to 50 C; LED Color:Red; Leaded Process Compatible:No; Light Emitting Area:80x80mm; Peak Reflow Compatible (260 C):No; Supply Current:250mA LED Area Light; LED Color:Blue; Leaded Process Compatible:No; Light Emitting Area:62x62mm; Peak Reflow Compatible (260 C):No; Supply Current:200mA; Supply Voltage:24VDC; Wavelength:470nm Backlight LED; Color:Infrared; Digit/Alpha Height:85mm; Forward Current:500mA; Operating Temperature Range:0 C to 50 C; Leaded Process Compatible:No; Light Emitting Area:85x220mm; Peak Reflow Compatible (260 C):No LED Area Light; LED Color:Infrared; Leaded Process Compatible:No; Light Emitting Area:62x62mm; Peak Reflow Compatible (260 C):No; Supply Current:150mA; Supply Voltage:24VDC; Wavelength:940nm Linear Array Light; LED Color:Green; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Supply Current:1.6A; Supply Voltage:24VDC; Wavelength:530nm Linear Array Light; LED Color:Blue; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Supply Current:800mA; Supply Voltage:24VDC; Wavelength:470nm 5500 SERIES, PLL BASED CLOCK DRIVER, 20 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PQFP100 In-System Programmable Clock Generator with Universal Fan-Out Buffer 5500 SERIES, PLL BASED CLOCK DRIVER, 10 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PQFP48
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
2-2W5I-AT636S18 2-2W5I-AT636 |
WATER COOLED A.C. SWITCH WATERCOOLEDA.C.SWITCH Computer Keyboard; No. of Keys:104; Color:Charcoal Black; Leaded Process Compatible:No; Output Type:PS/2; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes Computer Keyboard; No. of Keys:104; Color:Black; Leaded Process Compatible:No; Output Type:USB; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes
|
POSEICO[Power Semiconductors] PowerSemiconductors POSEICO SPA
|
2-2WI-1000S16 2-2WI-1000 2-2WI-1000S-16 |
1600 V, 1100 A, 8.8 kA water cooled A.C.switch Computer Keyboard; No. of Keys:104; Color:Charcoal Black; Leaded Process Compatible:No; Output Type:PS/2; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes Computer Keyboard; No. of Keys:104; Color:Light Gray; Leaded Process Compatible:No; Output Type:USB; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes WATERCOOLEDA.C.SWITCH WATER COOLED A.C. SWITCH
|
POSEICO SPA PowerSemiconductors POSEICO[Power Semiconductors] Powerex Power Semiconductors
|
117-97-620-41-005 117-97-624-41-005 217-99-764-41- |
Cable; Number of Conductors:3; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Polyethylene; Conductor Material:Copper; Jacket Color:Chrome; Temperature Max:80 C; Voltage Nom.:600V RoHS Compliant: Yes Shrinkdip插座,公开和非公开框架焊尾 Cable; Leaded Process Compatible:Yes RoHS Compliant: Yes Shrinkdip插座,公开和非公开框架焊尾 Multiconductor Cable; Jacket Material:Rubber; Leaded Process Compatible:Yes RoHS Compliant: Yes Shrinkdip插座,公开和非公开框架焊尾 Portable Cordage; Number of Conductors:4; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:FEP Teflon; Leaded Process Compatible:Yes RoHS Compliant: Yes Shrinkdip插座,公开和非公开框架焊尾 2#20 TYPE J THERMOCOUPLE RoHS Compliant: Yes Shrinkdip插座,公开和非公开框架焊尾 Shrinkdip sockets Open and closed frame Solder tail Shrinkdip插座,公开和非公开框架焊尾 Paired Cable; Number of Conductors:2; Conductor Size AWG:16; No. Strands x Strand Size:65 x 34; Jacket Material:Rubber; Features:Tinned Copper Braid; Impedance:59ohm; Leaded Process Compatible:Yes; Temperature Max:60 C RoHS Compliant: Yes Paired Cable; Number of Conductors:3; Conductor Size AWG:24; No. Strands x Strand Size:40 x 45; Jacket Material:Rubber; Leaded Process Compatible:Yes; Features:Tinned Copper Braid; Temperature Max:90 C; Voltage Nom.:300V RoHS Compliant: Yes Belden Microphone Cable, Wire Size: 20 AWG, Number of Conductors: 2, Length: 500 feet, Conductor Material: Tinned Copper, Shielding: Copper Braid, Jacket: Black Rubber Multiconductor Paired Cable; Number of Conductors:3; Conductor Size AWG:24; No. Strands x Strand Size:40 x 45; Jacket Material:Rubber; Leaded Process Compatible:Yes; Features:Tinned Copper Braid; Temperature Max:90 C RoHS Compliant: Yes Cable; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No Multiconductor Power-Limited Fire Protective, Control & Instrumentation Cable; Number of Conductors:4; Conductor Size AWG:12; No. Strands x Strand Size:7 x 20; Jacket Material:FEP RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:16; No. Strands x Strand Size:65 x 34; Jacket Material:Rubber; Leaded Process Compatible:No; Conductor Material:Copper; Features:Tinned Copper Braid RoHS Compliant: Yes Multiconductor Audio, Control & Instrumentation Cable; Number of Conductors:6; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:FEP; Shielding Material:Aluminum Foil/Polyester Tape/Tinned Copper Braid RoHS Compliant: Yes Paired Cable; Number of Conductors:4; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Polyethylene; Features:Tinned Copper Braid; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Polyethylene; Leaded Process Compatible:No; Conductor Material:Copper; Features:Tinned Copper Braid RoHS Compliant: Yes Paired Cable; Number of Conductors:4; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Polyethylene; Features:Tinned Copper Braid; Leaded Process Compatible:Yes; Temperature Max:60 C; Voltage Nom.:300V RoHS Compliant: Yes Cable; Conductor Size AWG:20; No. Strands x Strand Size:26 x 34; Conductor Material:Copper; Conductor Plating:Tin; Leaded Process Compatible:Yes RoHS Compliant: Yes Multiconductor, Paired Thermocouple Extension Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:FEP; Shielding Material:Aluminum Foil/Polyester Tape/Aluminum Foil RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:16; No. Strands x Strand Size:65 x 34; Jacket Material:Rubber; Features:Tinned Copper Braid; Leaded Process Compatible:Yes; Temperature Max:60 C; Voltage Nom.:300V RoHS Compliant: Yes Paired Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:26 x 34; Jacket Material:Rubber; Features:Tinned Copper Braid; Impedance:52ohm; Leaded Process Compatible:Yes; Temperature Max:90 C RoHS Compliant: Yes Cable; Number of Conductors:3; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Polyethylene; Conductor Material:Copper; Jacket Color:Chrome; Leaded Process Compatible:Yes; Temperature Max:80 C RoHS Compliant: Yes Connector assemblies, Outlet; Leaded Process Compatible:Yes RoHS Compliant: Yes 2#12 FEP SH FEP RoHS Compliant: Yes Paired Cable; Number of Conductors:2; Conductor Size AWG:24; No. Strands x Strand Size:40 x 45; Jacket Material:Rubber; Features:Tinned Copper Braid; Impedance:55ohm; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No ShrinkdipsocketsOpenandclosedframeSoldertail
|
PRECI-DIP SA Precid-DipDurtalSA PREDIP[Precid-Dip Durtal SA]
|
A3121UA A3121LUA A3121EU A3123LUA 3122 3121 A3123U |
HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION Hall Effect switch For High-Temperature Operation(工作于高温的霍尔效应开 HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION 霍尔效应开关高温作 Audio CODEC IC; IC Function:Audio Codec; Package/Case:28-SSOP; Interface Type:Serial; Leaded Process Compatible:No; No. of Bits:24; Peak Reflow Compatible (260 C):No; Mounting Type:Surface Mount RoHS Compliant: No 霍尔效应开关高温作 KPT 18C 18#20 PIN PLUG 霍尔效应开关高温作
|
ALLEGRO[Allegro MicroSystems] Allegro MicroSystems, Inc.
|
F6S2-2M2 |
Fiber Optic Cable Assembly; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No
|
PANDUIT CORP
|
0435.250 04351.25 04351.75 0435.500 0435.375 04350 |
Surface Mount Fuses - Thin-Film Surface Mount Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:18; No. Strands x Strand Size:41 x 34; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:60 C; Voltage Nom.:300V RoHS Compliant: Yes LED Panel Mount Indicator; LED Color:Orange; Color:Orange; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No
|
Littelfuse, Inc.
|
50-25SN-12 |
Card Edge Connector; No. of Contacts:50; Pitch Spacing:0.1"; Contact Termination:Solder; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No
|
CINCH CONNECTORS
|
54C |
Terminal Block; No. of Positions:5; Pitch Spacing:0.375"; Color:Chocolate Brown; Leaded Process Compatible:No; No. of Contacts:5; Peak Reflow Compatible (260 C):No RoHS Compliant: No
|
CINCH CONNECTORS
|
T2322B T2323 T2327N T2320 T2320A T2320B T2320D T23 |
CONN., 26 POS LATCH HEADER Connector; Leaded Process Compatible:No; Mounting Type:PC Board; Peak Reflow Compatible (260 C):No RoHS Compliant: No 2.5-A SENSITIVE GATE SILICON TRIACS 2.5一个敏感栅硅双向可控硅
|
General Electric Solid State List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|