PART |
Description |
Maker |
PZ8GG-1515EH30 PZ8GG-0505EH30 PZ8GG-0512EH30 PZ8GG |
Input voltage:15V, output voltage 12V (125mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage 15V (100mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage 12V (125mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage 5V (300mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage 15V (100mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage 12V (125mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage 5V (300mA), 3KV isolated 1.5W regulated single output Input voltage:15V, output voltage 5V (300mA), 3KV isolated 1.5W regulated single output PZ8GgxxxxEH30 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT SIP12 PZ8GgxxxxEH30 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT SIP12
|
PEAK[PEAK electronics GmbH]
|
NCS12S1212C NCS12D1205C NCS12D1212C NCS12D1215C NC |
UL 60950 recognition pending 4:1 Wide range voltage input Isolated 12W 4:1 Input Single & Dual Output DC/DC Converters
|
Murata Power Solutions Inc.
|
MC33071 MC33074 MC34072 MC34074 MC33072 MC3407A MC |
Single Supply 3.0 V to 44 V Operational Amplifiers Single Supply 3V to 44V, Single Operational Amplifier Single Supply 3V to 44V, Quad Op Amp Single Supply 3V to 44V, Low Input Offset Voltage, Dual Op Amp Single Supply 3V to 44V, Single Op Amp Single Supply 3V to 44V, Low Input Offset Voltage, Single Op Amp Single Supply 3V to 44V, Low Input Offset Voltage, Quad Op Amp
|
ONSEMI[ON Semiconductor]
|
74LX1G02 74LX1G02CTR 74LX1G02STR |
LOW VOLTAGE SINGLE 2-INPUT NOR GATE SINGLE 2-INPUT NOR GATE 单两输入或非
|
ST Microelectronics 意法半导 STMicroelectronics N.V.
|
HEC100-48S3P3 HEC100-48S3P3-K HEC100-48S3P3-L HEC1 |
Input range:36-75 VDC;output voltage:3.3 VDC; output current:25 A;input current:2.022 A; 100 W single output DC-DC converter Input range:36-75 VDC;output voltage:5/2.5 VDC; output current:20/25 A;input current:2.45 A; 100 W dual output DC-DC converter Input range:36-75 VDC;output voltage:2.5 VDC; output current:25 A;input current:1.608 A; 100 W single output DC-DC converter Input range:36-75 VDC;output voltage:1.8 VDC; output current:25 A;input current:1.157 A; 100 W single output DC-DC converter
|
Power Mate Technology
|
UM3150F UM3150H |
LOW VOLTAGE SINGLE BUS BUFFER (3-STATE) Single 2-input Schmitt NAND gate
|
|
VKA100LS02 VKA100LS02F VKA100LS03 VKA100LS03F VKA1 |
100 watt single output half brick DC/DC converter. Input voltage 24VDC, VOUT 2.0VDC, IOUT 30.0A. 100 watt single output half brick DC/DC converter. Input voltage 24VDC, VOUT 2.5VDC, IOUT 30.0A. 100 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER 1-OUTPUT 100 W DC-DC REG PWR SUPPLY MODULE 100 watt single output half brick DC/DC converter. Input voltage 24VDC, VOUT 2.0VDC, IOUT 20.0A. 100 watt single output half brick DC/DC converter. Input voltage 24VDC, VOUT 3.3VDC, IOUT 20.0A.
|
CANDD[C&D Technologies] C&D TECHNOLOGIES INC
|
24IMP12-0505-7 24IMP12-051212-7 24IMP12-05-7 24IMP |
1...12 Watt DC-DC Converters 1...12WattDC-DCConverters Test Lead Storage Rack; Color:Orange; External Width:11"; Features:Accepts Type RG-58 & RG-142 Cable Sizes; Cold Rolled Steel w/Baked Enamel Finish; 4 Mounting Holes 0.094" RoHS Compliant: NA 1 ... 12瓦特的DC - DC转换 1...12 Watt DC-DC Converters 1 ... 12瓦特的DC - DC转换 Connector Adapter; Convert From:Binding Post; Convert To:BNC Male; Contact Material:Brass; Impedance:50ohm RoHS Compliant: Yes Input voltage range:4.5-5.5V output voltage /-5V ( /-100mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-12V ( /-42mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-15V ( /-33mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-5V ( /-500mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-12V ( /-250mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-15V ( /-200mA) DC/DC converter
|
Electronic Theatre Controls, Inc. TE Connectivity, Ltd. Vishay Intertechnology, Inc. Cosmo Electronics POWER-ONE[Power-One]
|
Z2803R3S Z2803R3S_EM Z2801R5S Z2801R5S_EM Z2802R5S |
Hi-Rel DC-DC Rad-Hard Single Converter in a Z package with 2.5 Vout 28V Input, Single Output LOW VOLTAGE HIGH EFFICIENCY RADIATION HARDENED DC/DC CONVERTER
|
IRF[International Rectifier]
|
P8SG-247R2EH30 P8SG-0505EH30 P8SG-1205EH30 P8SG-12 |
Input voltage:24V, output voltage 7.2V (200mA), 3KV isolated 1.5W regulated single output 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24 3千伏隔震1.5糯稳压单输出DIP24
|
PEAK[PEAK electronics GmbH]
|
P8SG-247R2E P8SG-0505E P8SG-1205E P8SG-1212E P8SG- |
Input voltage:24V, output voltage 7.2V (200mA), 1KV isolated 1.5W regulated single output 1 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24 1千伏隔震1.5糯稳压单输出DIP24
|
PEAK[PEAK electronics GmbH]
|