PART |
Description |
Maker |
ST2600C..RSERIES 2680 ST2600C22R0 ST2600C24R0 ST26 |
Silicon Controlled Rectifier, 4800 A, 2200 V, SCR, RPUK-2 Silicon Controlled Rectifier, 4800 A, 2800 V, SCR, RPUK-2 PHASE CONTROL THYRISTORS From old datasheet system 2200V 2220A Phase Control SCR in a A-36 (R-Puk) package 2400V 2220A Phase Control SCR in a A-36 (R-Puk) package 2800V 2220A Phase Control SCR in a A-36 (R-Puk) package 2000V 2220A Phase Control SCR in a A-36 (R-Puk) package 2600V 2220A Phase Control SCR in a A-36 (R-Puk) package 3000V 2220A Phase Control SCR in a A-36 (R-Puk) package
|
Vishay Semiconductors International Rectifier
|
ST3230C18R0 ST3230C10R0 ST3230C16R0 ST3230C14R0 ST |
Silicon Controlled Rectifier, 5970 A, 1400 V, SCR, RPUK-2 1800V 2785A Phase Control SCR in a A-36 (R-Puk) package 1000V 2785A Phase Control SCR in a A-36 (R-Puk) package 1600V 2785A Phase Control SCR in a A-36 (R-Puk) package Stratix II GX FPGA 30K FPGA-780 1600V 2785A可控硅相位控制在 36(注册商标,北辰)封 1200V 2785A Phase Control SCR in a A-36 (R-Puk) package
|
Vishay Semiconductors International Rectifier
|
22RIA40M 22RIA40MS90 22RIA140S9 22RIA40S90 22RIA40 |
800V 22A Phase Control SCR in a TO-208AA (TO-48) package 1600V 35A Phase Control SCR in a TO-208AA (TO-48) package 1400V 35A Phase Control SCR in a TO-208AA (TO-48) package 1200V 22A Phase Control SCR in a TO-208AA (TO-48) package 1000V 22A Phase Control SCR in a TO-208AA (TO-48) package 100V 22A Phase Control SCR in a TO-208AA (TO-48) package 600V 22A Phase Control SCR in a TO-208AA (TO-48) package MEDIUMPOWERTHYRISTORS 400V 22A Phase Control SCR in a TO-208AA (TO-48) package Circular Connector; MIL SPEC:MIL-C-5015 A/B/C; Body Material:Aluminum Alloy; Series:97-3106; No. of Contacts:4; Connector Shell Size:14S; Connecting Termination:Solder; Circular Shell Style:Straight Plug RoHS Compliant: Yes MEDIUM POWER THYRISTORS 中功率晶闸管
|
IRF[International Rectifier] International Rectifier, Corp.
|
VHF15-16IO5 VHF15-08IO5 VHF15-12IO5 VHF15-14IO5 VH |
Power Modules/Rectifier Bridge Modules: Single Phase Half-control Bridges / Single Phase, Full-control Rectifier Bridges From old datasheet system Half Controlled Single Phase Rectifier Bridge(VRRM00-1600V的半桥控制单相位整流 Insulation Displacement (IDC) Connector; No. of Contacts:60; Contact Termination:IDC; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Pitch Spacing:0.05" RoHS Compliant: Yes 15 A, 800 V, SCR Half Controlled Single Phase Rectifier Bridge 15 A, 1200 V, SCR
|
IXYS[IXYS Corporation] IXYS, Corp.
|
16TTS08S 16TTS08STRL 16TTS08STRR 16TTS16STRR 16TTS |
Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits 12000A条相控制可控硅的一D2 - PAK封装 800V 10A Phase Control SCR in a D2-Pak package 1600V 10A Phase Control SCR in a D2-Pak package 1200V 10A Phase Control SCR in a D2-Pak package CAT5E 350MHZ PATCH CORD, 10 FT BEIGE SURFACE MOUNTABLE PHASE CONTROL SCR 表面贴装相位控制可控
|
IDEC, Corp. International Rectifier, Corp.
|
GPTG2072 |
PHASE CONTROLLED SCR
|
Green Power Solutions srl
|
GPTS4510 |
PHASE CONTROLLED SCR
|
Green Power Solutions s...
|
GPTR2328 |
PHASE CONTROLLED SCR
|
Green Power Solutions srl
|
GPTJ2060 |
PHASE CONTROLLED SCR
|
Green Power Solutions srl
|
GPTP2165-17 |
PHASE CONTROLLED SCR
|
Green Power Solutions s...
|
GPTP2220 |
PHASE CONTROLLED SCR
|
Green Power Solutions srl
|