PART |
Description |
Maker |
WP06R WP06R12D05 WP06R12D12 WP06R12D15 WP06R12S05 |
High Density 5-6 Watt Wide Input Range DC/DC Converter 5-6 WATT HIGH DENSITY, WIDE INPUT RANGE DC/DC CONVERTER 5-6 WATT HIGH DENSITY/ WIDE INPUT RANGE DC/DC CONVERTER RECTIFIER SCHOTTKY SINGLE 2A 40V 50A-Ifsm 0.55Vf 0.5A-IR PowerDI-123 3K/REEL
|
CANDD[C&D Technologies]
|
IFX54441 |
Wide Input Range Low Noise 300mA LDO
|
Infineon Technologies A...
|
MAX17598 MAX17598ATE |
Low IQ, Wide-Input Range, Active Clamp Current-Mode PWM Controllers
|
Maxim Integrated Products Maxim Integrated Produc...
|
BD9302FP-E |
A wide input voltage range of 6 V to 18 V, Easy switching frequency setting in the range of 200 k to 2.5 MHz.
|
Rohm
|
BUT33 |
RP20 (F) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 48V; Output Voltage (Vdc): 3.3V; 2:1 Wide Input Voltage Range; 20 Watts POWERLINE: RP20-S_DEW - 4:1 Wide Input Voltage Range- 20 Watts Output Power- 1.6kVDC Isolation- Fixed Operating Frequency- Six-Sided Continuous Shield- Ul 1950 Component Recognised- Standard 50.8 x40.6x10.2mm Package- Efficiency to 84% 56 AMPERES NPN SILICON POWER DARLINGTON TRANSISTOR 600 VOLTS 250 WATTS
|
Motorola Inc Motorola, Inc. ONSEMI[ON Semiconductor]
|
LTC2323-12-15 |
Dual, 12-Bit Sign, 5Msps Differential Input ADC with Wide Input Common Mode Range
|
Linear Technology
|
LTC2321HUFD-12PBF LTC2321CUFD-12TRPBF |
Dual, 12-Bit Sign, 2Msps Differential Input ADC with Wide Input Common Mode Range
|
Linear Technology
|
AT26DF161-SU AT26DF161-14 |
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier (Dual); Package: SOIC; No of Pins: 8; Temperature Range: Industrial 16M X 1 FLASH 2.7V PROM, PDSO8 Serial Peripheral Interface (SPI) Compatible
|
聚兴科技股份有限公司 Atmel, Corp. ATMEL Corporation
|
LTC6652 |
18-Bit, 1Msps 8-Channel Differential ±10.24V Input SoftSpan ADC with Wide Input Common Mode Range
|
Linear Technology
|
AM26LS32DCB AM26LS32JCTR AM26LS32/BEA AM26LS33/B2C |
Micropower Precision Shunt Voltage Reference; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Wide Input Range, High Efficiency, Step-Down Switching Regulator; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Low Noise, Rail-to-Rail Precision Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 1.1MHz, 0.4V/us Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 1.1MHz, 0.4V/us Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Positive High Voltage Hot Swap Controllers; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Line Receiver 线路接收
|
接收 Advanced Micro Devices, Inc.
|
AD8602DRZ-REEL7 AD8601WDRTZ-REEL AD8602DR-REEL7 AD |
DigiTrim™ Dual Rail-to-Rail Input and Output Amplifier with Very Low Offset Voltage and Wide Bandwidths; Package: SOIC; No of Pins: 8; Temperature Range: Industrial DUAL OP-AMP, 7000 uV OFFSET-MAX, 8.2 MHz BAND WIDTH, PDSO8 DigiTrim™ Single Rail-to-Rail Input and Output Amplifier with Very Low Offset Voltage and Wide Bandwidths; No of Pins: 5; Temperature Range: Industrial OP-AMP, 7000 uV OFFSET-MAX, 8.2 MHz BAND WIDTH, PDSO5 DigiTrim™ Quad Rail-to-Rail Input and Output Amplifier with Very Low Offset Voltage and Wide Bandwidths; Package: SOIC; No of Pins: 14; Temperature Range: Industrial QUAD OP-AMP, 7000 uV OFFSET-MAX, 8.2 MHz BAND WIDTH, PDSO14 DigiTrim™ Quad Rail-to-Rail Input and Output Amplifier with Very Low Offset Voltage and Wide Bandwidths; Package: TSSOP; No of Pins: 14; Temperature Range: Industrial QUAD OP-AMP, 7000 uV OFFSET-MAX, 8.2 MHz BAND WIDTH, PDSO14 DigiTrim™ Dual Rail-to-Rail Input and Output Amplifier with Very Low Offset Voltage and Wide Bandwidths; Package: MSOP; No of Pins: 8; Temperature Range: Industrial DUAL OP-AMP, 7000 uV OFFSET-MAX, 8.2 MHz BAND WIDTH, PDSO8 Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
|
Analog Devices, Inc. ANALOG DEVICES INC
|
LI120-10B48 |
Wide input voltage range
|
MORNSUN Science& Techno...
|