PART |
Description |
Maker |
BA3632K A5800789 |
Audio LSIs > Headphone stereo amplifier > Prepower amplifier for headphone stereo PRE / POWER AMPLIFIER FOR 1.5V HEADPHONE STEREOS From old datasheet system
|
ROHM
|
NCP2809BDMR2G NCP2809BDMR2 NCP2809B NCP2809ADMR2 N |
Dual 135mW Stereo Headphone Power Amplifier NOCAP 135 mW Stereo Headphone Power Amplifier
|
ONSEMI[ON Semiconductor]
|
APA2058 APA2058QBI-TRG APA2058QBI-TRL |
2.4W Stereo Fully Differential Audio Power Amplifier With Stereo Class AB Cap-free Headphone Driver and LDO
|
Anpec Electronics Coropration
|
BS616LV1626TI BS616LV1622TC-55 BS616LV1622TC-70 BS |
Asynchronous 16M(2Mx8 or 1Mx16 Switchable) bits Static RAM Very Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable LM4922 Boomer ® Audio Power Amplifier Series Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier; Package: MICRO SMD; No of Pins: 14 LM4921 Low Voltage I 2 S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control; Package: MICRO SMD; No of Pins: 20 非常低功电压CMOS SRAM00万16M × 8位开 LM4921? Low Voltage I 2 S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control; Package: MICRO SMD; No of Pins: 20
|
Brilliance Semiconducto... http:// BSI[Brilliance Semiconductor] BRILLIANCE SEMICONDUCTOR, INC.
|
AT49LV080 AT49LV080- AT49LV080T AT49LV080T-12CC AT |
LM4674A Boomer ® Audio Power Amplifier Series Filterless 2.5W Stereo Class D Audio Power Amplifier; Package: MICRO SMD; No of Pins: 16 1M X 8 FLASH 2.7V PROM, 200 ns, PDSO44 8-Megabit 1M x 8 Single 2.7-volt Battery-Voltage Flash Memory 1M X 8 FLASH 3V PROM, 200 ns, PDSO44 LM4673 Filterless, 2.65W, Mono, Class D Audio Power Amplifier; Package: MICRO SMD; No of Pins: 9 1M X 8 FLASH 2.7V PROM, 200 ns, PBGA42 LM4671 Filterless High Efficiency 2.5W Switching Audio Amplifier; Package: MICRO SMD; No of Pins: 9 1M X 8 FLASH 2.7V PROM, 200 ns, PDSO40 LM4673 Filterless, 2.65W, Mono, Class D Audio Power Amplifier; Package: LLP; No of Pins: 8 IGBT Chips; Package: --; Technology: IGBT 3; VDS (max): 1,200.0 V; IC (max): 15.0 A; VCE(sat) (max): 2.1 V; VGE(th) (min): 5.0 V; LM4920 Boomer ® Audio Power Amplifier Series Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier; Package: MICRO SMD; No of Pins: 14 LM4917 Boomer ® Audio Power Amplifier Series Ground-Referenced, 95mW Stereo Headphone Amplifier; Package: TSSOP; No of Pins: 14 LM4917 Boomer ® Audio Power Amplifier Series Ground-Referenced, 95mW Stereo Headphone Amplifier; Package: LLP; No of Pins: 14 LM4674A Boomer ® Audio Power Amplifier Series Filterless 2.5W Stereo Class D Audio Power Amplifier; Package: MICRO SMD; No of Pins: 16
|
Micron Technology, Inc. Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
LX1720 LX1720-01CDB LX1720-01CDBT |
Dual Audio Amplifier SWITCHING CLASS-D, STEREO POWER AMPLIFIER CONTROLLER IC SWITCHING CLASS-D/ STEREO POWER AMPLIFIER CONTROLLER IC
|
MICROSEMI[Microsemi Corporation]
|
TDA7264A TDA7264 1477 |
25 W, 2 CHANNEL, AUDIO AMPLIFIER, PZFM11 25 25W STEREO AMPLIFIER WITH MUTE/ST-BY 25 25瓦立体声功放音箱,静意法半导体, 25 25W STEREO AMPLIFIER WITH MUTE/ST-BY From old datasheet system
|
ST Microelectronics STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
AN7105 |
Single Chip Stereo Pre-Amplifier/Power Amplifier IC
|
Panasonic
|
SSM225005 SSM2250RM-REEL SSM2250RU-REEL SSM2250RM- |
Mono 1.5 W/Stereo 250 mW Power Amplifier; Package: MSOP; No of Pins: 10; Temperature Range: Industrial 1 W, 2 CHANNEL, AUDIO AMPLIFIER, PDSO10
|
Analog Devices, Inc. http://
|
TDA1564TH TDA1564 TDA1564J TDA1564TH/N1 TDA1564J/N |
TDA1564; High efficiency 2 x 25 W/4 Ohm stereo car radio power amplifier High efficiency 2 X 25 W/4 stereo car radio power amplifier
|
PHILIPS[Philips Semiconductors]
|