PART |
Description |
Maker |
1N5242 1N5244 1N5253 1N5270 1N5238 1N5277 1N5245 1 |
Low Current Operation at 250 锛?ow Reverse Leakage,Low Noise Zener Diode Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 110 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Zener Voltage Regulator Diode MSTBW 2,5/15-G INDUCTOR 16MH COMMON MODE HORIZ SILICON 500 mW ZENER DIODES
|
MICROSEMI CORP-SCOTTSDALE Microsemi, Corp. MICROSEMI[Microsemi Corporation] http://
|
WS2259 WS2259DP WS2259SP WS2259YP |
Burst Mode function, Low startup current (4uA), Low operation current (1.7mA)
|
Shenzhen Winsemi Microelectronics Co., Ltd
|
NCP1365BABCYDR2G NCP1360BABCYSNT1G NCP1360AABCYSNT |
Low Power Offline Constant Current & Constant Voltage Primary Side PWM Current-Mode Controller
|
ON Semiconductor
|
BS62LV1027 BS62LV1027PIP70 BS62LV1027SCG70 BS62LV1 |
Asynchronous 1M(128Kx8) bits Static RAM LM5035 PWM Controller with Integrated Half-Bridge and SyncFET Drivers; Package: TSSOP EXP PAD; No of Pins: 20 LM5041A Cascaded PWM Controller; Package: TSSOP; No of Pins: 16 LM5041 Cascaded PWM Controller; Package: TSSOP; No of Pins: 16 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 55 ns, PDSO32 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 55 ns, PDIP32 Very Low Power/Voltage CMOS SRAM 非常低功电压的CMOS的SRAM LM5033 100V Push-Pull Voltage Mode PWM Controller; Package: LLP; No of Pins: 10 128K X 8 STANDARD SRAM, 70 ns, PDSO32 LM5030 100V Push-Pull Current Mode PWM Controller; Package: LLP; No of Pins: 10 128K X 8 STANDARD SRAM, 55 ns, PDIP32 LM5030 100V Push-Pull Current Mode PWM Controller; Package: LLP; No of Pins: 10 128K X 8 STANDARD SRAM, 70 ns, PDIP32 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 70 ns, PDSO32 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 70 ns, UUC
|
http:// BSI[Brilliance Semiconductor] BRILLIANCE SEMICONDUCTOR, INC. BRILLIANCE SEMICONDUCTOR INC
|
NCP1365BABCYDR2G NCP1360BABCYSNT1G NCP1360AABCYSNT |
Low Power Offline Constant Current & Constant Voltage PWM Current-Mode Controller
|
ON Semiconductor
|
T6340A T6505A T6505A-ADG T6505A-AEG T6505A-BDG T65 |
T6340A provides the low-dropout bias supply and the high performance alternative solution for the white LEDs application. T6505A is designed for LED displays. The T6506A is a 3-channel constant current LED drivers. 16-channel Constant Current LED Driver with LVDS Interface 24-channel LED Driver with LVDS Interface 16-channel LED Driver with LVDS Interface 24-channel Constant Current LED Driver with LVDS Interface The T8601 is a low cost, simple, high-efficiency off-line LED driver IC. The T8611 is a simple, high voltage, linear current regulator. The T6331A are integrated, high-efficiency white or RGB LED drivers. The T6322A is a continuous mode inductive step-down converter, designed for driving single or multiple series connected LEDs efficiently from a voltage source higher than the LED voltage. The T6333A is a continuous mode inductive step-down converter, designed for driving single or multiple series connected LEDs efficiently from a voltage source higher than the LED voltage.
|
Taiwan Memory Technology THine Electronics, Inc.
|
1N964B 1N957B-1 1N965B 1N991B 1N958B 1N959B 1N960B |
Low Current Operation at 250 锛?ow Reverse Leakage,Low Noise Zener Diode Low Current Operation at 250?录A茂录?Low Reverse Leakage,Low Noise Zener Diode(250?录A氓路楼盲陆?莽?碌忙碌?茫??氓掳?氓??氓??忙录?莽?碌忙碌?茫??盲陆?氓?陋氓拢掳茫??茅陆?莽潞鲁盲潞?忙??莽庐隆) Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 27 V, 0.417 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AA Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 82 V, 0.417 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AA Zener Voltage Regulator Diode 150 V, 0.417 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AA SILICON 400 mW ZENER DIODES Ultra-Low-Voltage SC70 Voltage Detectors and µP Reset Circuits SILICON 500 mW ZENER DIODES
|
MICROSEMI CORP-LAWRENCE Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
PI6C2409-LI PI6C2409 PI6C2409-1HL PI6C2409-1HW PI6 |
Zero-Delay Clock Buffer Low Input Voltage Current Mode Step-Down DC/DC Controller; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C Clock IC | 9 Output Zero-Delay Clock Driver. High Drive. Industrial Temp. Operation Low Input Voltage Current Mode Step-Down DC/DC Controller; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 时钟IC | 9输出零延迟时钟驱动器。工业温度。操 16-Bit, 200ksps, Serial Sampling ADC; Package: SO; No of Pins: 20; Temperature Range: -40°C to 85°C 时钟IC | 9输出零延迟时钟驱动器
|
Pericom Technology PERICOM[Pericom Semiconductor Corporation] Pericom Semiconductor Corp. Pericom Semiconductor, Corp.
|
78L12ACZ 78L05AC 78L15AC 78LXXA 78L05ACD 78L05ACD- |
three-terminal low current positive voltage regulators 三端低电流正电压调节 5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压 Voltage Regulator - Datasheet Reference The Linear ICs Three-Terminal Low Current Positive Voltage Regulators
|
Electronic Theatre Controls, Inc. Planeta Semiconductor ETC[ETC] List of Unclassifed Manufacturers
|