PART |
Description |
Maker |
QUICK-WIREFOX-18 |
Stripping pliers, for standard insulation such as PVC and PE, stripping range: 4 to 16 mm2, can cut wires up to 6 mm2 stranded and 4 mm2 solid
|
PHOENIX CONTACT
|
GS16S-120 GS3-0.5 GS3-1 GS3-2.5 GS3.5-0.5 GS3.5-1 |
120 mm2, WIRE TERMINAL RING TONGUE TERMINAL Non-insulated DIN 46234 1.5 mm2, WIRE TERMINAL 10 mm2, WIRE TERMINAL 16 mm2, WIRE TERMINAL
|
J S T MFG CO LTD List of Unclassifed Manufacturers List of Unclassifed Manufac... List of Unclassifed Man...
|
CRIMPFOX-RC-2 |
Crimping pliers. with positioner, for turned plug-in connector contacts 0.14 mm2 to 2.5 mm2
|
PHOENIX CONTACT
|
19044-0164 19054-0092 19044-0184 19054-0091 19070- |
RING KRIMPTITE H/D TAPED (B-128-10HDT) 2 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP H/D (B-228-08HDX) 2 mm2, COPPER ALLOY, WIRE TERMINAL Standard RingTongue Krimptite#3/8Awg14-16 2 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP H/D TAPED (B-228-06HDXT) 2 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP (BB-225-14X) 2 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP (BB-218-56X) 2 mm2, COPPER ALLOY, WIRE TERMINAL
|
Molex, Inc.
|
19002-0018 19002-0042 19002-0027 19002-0032 19002- |
.110X.032FM.FIQD AVIK. T CARRY (AA-5279Z 0.8 mm2, PUSH-ON TERMINAL .205X.032 FEM. FIQD AVIKRIMP (BB-5289) 2 mm2, PUSH-ON TERMINAL .250X.032FM.FIQD AVIK. T CARRY (BB-5263Z RoHS Compliant: Yes 2 mm2, PUSH-ON TERMINAL .187X.032 FEM. QD AVIK. TAPED (BB-5273T) 2 mm2, PUSH-ON TERMINAL .205X.020 FEM. FIQD AVIKRIMP (BB-5287) 2 mm2, PUSH-ON TERMINAL .205X.032 FEM. QD AVIK. TAPED (BB-5289T) 2 mm2, PUSH-ON TERMINAL 190020046 5 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .250X.032 MALE QD AVIK.TAPED (BB-5262T) 0.8 mm2, TAB TERMINAL .187X.020 MALE QD AVIK.TAPED (BB-5268T) 5 mm2, TAB TERMINAL Female Disconnect Solderless Terminal; Wire Size (AWG):22-19; Tab Width:0.187"; Insulator Color:Red RoHS Compliant: Yes 0.8 mm2, PUSH-ON TERMINAL .250X.032FM.FIQD AVIK. T CARRY (AA-5261Z RoHS Compliant: Yes 0.8 mm2, PUSH-ON TERMINAL CONN .250 FEMALE INSUL 10-12AWG 5 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL CONN .250 FEMALE INSUL 14-16AWG 2 mm2, PUSH-ON TERMINAL CONNECTOR 0.8 mm2, TAB TERMINAL .187X.020 MALE FIQD AVIKRIMP (BB-5268) 2 mm2, TAB TERMINAL .187X.020 MALE FIQD AVIKRIMP (AA-5266) 0.8 mm2, TAB TERMINAL .110X.032 FEM.FIQD AVIK TAPED (AA-5279T) 0.8 mm2, PUSH-ON TERMINAL .187X.020FM.FIQD AVIK. T CARRY (BB-5269Z 190020036 .250X.032 MALE QD AVIK. TAPED (C-5264T) .110X.032FM.FIQD AVIK. T CARRY (BB-5281Z .110X.032 FEM.FIQD AVIK TAPED (BB-5281T) 250X.032 MALE FIQD AVIKRIMP (BB-5262)
|
Molex, Inc. NXP Semiconductors N.V. MOLEX INC
|
0401023 |
Power terminal block, Connection method Screw connection, Load current : 125 A, Cross section: 0.75 mm2 - 35 mm2, Width: 12 mm,
|
PHOENIX CONTACT
|
EVQ-PSH02K EVQPSD02K |
6.1 mm4.0 mm Side-operational SMD Light Touch Switches
|
Panasonic Semiconductor
|
SRA-S-229-06X C-2006-MSXT |
1 mm2, STEEL, TIN FINISH, RING TERMINAL 6 mm2, COPPER ALLOY, RING TERMINAL
|
MOLEX INC
|
EVQP40B3M EVQP44B3M EVQP46B3M EVQP42B3M EVQP4KB3Q |
Light Touch Switches/EVQP4 6.2 mm2.5 mm Side-operational Edge Mount
|
Panasonic Semiconductor
|
BB-5289T AA-2201T AA-2201XC |
2 mm2, PUSH-ON TERMINAL 1 mm2, TIN FINISH, PUSH-ON TERMINAL
|
MOLEX INC
|
YAZ6C-2TC38E6-45 YAZ6C-2TC38E6-90 YAZ2C-2TC10E2 YA |
16 mm2, COPPER ALLOY, TIN FINISH, WIRE TERMINAL 35 mm2, COPPER ALLOY, TIN FINISH, WIRE TERMINAL 95 mm2, COPPER ALLOY, TIN FINISH, WIRE TERMINAL 70 mm2, COPPER ALLOY, TIN FINISH, WIRE TERMINAL 16 mm2, WIRE TERMINAL 185 mm2, COPPER ALLOY, TIN FINISH, WIRE TERMINAL 150 mm2, COPPER ALLOY, TIN FINISH, WIRE TERMINAL
|
Rohm Co., Ltd. KEC Holdings NIC Components, Corp. Everlight Electronics Co., Ltd. NXP Semiconductors N.V.
|
19035-0009 19035-0004 |
SNAP PLUG AVIKRIMP (B-589) 2 mm2, COPPER ALLOY, WIRE TERMINAL SNAP PLUG ON TAPE (A-569T RoHS Compliant: Yes 0.8 mm2, COPPER ALLOY, WIRE TERMINAL
|
Molex, Inc.
|
|