PART |
Description |
Maker |
M28W320EBB85ZB1T M28W320EBT85N1T M28W320EBB85N1T M |
Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 12.7 V; VZ min.: 11.4 V; VZ nom: 12 V surface mount silicon Zener diodes Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 15.6 V; VZ min.: 13.8 V; VZ nom: 15 V Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 11.6 V; VZ min.: 10.4 V; VZ nom: 11 V Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 10.6 V; VZ min.: 9.4 V; VZ nom: 10 V Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 3.5 V; VZ min.: 3.1 V; VZ nom: 3.3 V Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 14.1 V; VZ min.: 12.4 V; VZ nom: 13 V Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 2.6 V; VZ min.: 2.2 V; VZ nom: 2.4 V Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 2.9 V; VZ min.: 2.5 V; VZ nom: 2.7 V Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 3.2 V; VZ min.: 2.8 V; VZ nom: 3 V 32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory 32兆位(处理器x16插槽,引导块V电源快闪记忆
|
意法半导 STMicroelectronics N.V.
|
OPB16450UART |
This document provides the specification DS433 August 18, 2004 Product Specification
|
Xilinx, Inc.
|
KAQV210S11 |
PRODUCT SPECIFICATION
|
COSMO Electronics Corporation
|
UG-6028GDEBF02 |
Product Specification
|
List of Unclassifed Man...
|
KP2110H |
PRODUCT SPECIFICATION
|
COSMO Electronics Corporation
|
KSD203AC311 |
PRODUCT SPECIFICATION
|
COSMO Electronics Corporation
|
HUBL-5101L |
Product Specification
|
Electronic Theatre Controls, Inc.
|
KCP100811 |
PRODUCT SPECIFICATION
|
COSMO Electronics Corporation
|
KMOC3082H |
PRODUCT SPECIFICATION
|
COSMO Electronics Corporation
|
SSM3J02F |
Product specification
|
TY Semiconductor Co., L...
|
SSM3J05FU |
Product specification
|
TY Semiconductor Co., L...
|
CMA-5.08-F |
PRODUCT SPECIFICATION
|
List of Unclassifed Man...
|