PART |
Description |
Maker |
27C010RPFI-30 27C010RPFC-25 27C010RPFB-30 27C010RP |
x8 EPROM Evaluation Kit for the MAX3741 Evaluation Kit for the MAX3738 Evaluation Kit for the MAX3748A Evaluation Kit for the MAX3740A Evaluation Kit for the MAX3737 Evaluation Kit for the MAX3744, MAX3745 x8存储 Evaluation Kit for the MAX3747, MAX3747A x8存储
|
Atmel, Corp.
|
5962-8757902XC 5962-8757901YX 5962-8757901XX 5962- |
Evaluation Kit for the MAX9713 500mW, Low EMI, Filterless, Class D Audio Amplifier Evaluation Kit for the MAX9710 Evaluation Kit for the MAX9716 Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers Evaluation Kit for the MAX9715 Evaluation Kit for the MAX9704, MAX9714 Evaluation Kit/Evaluation System for the MAX9851 Transceiver 收发 Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers 收发
|
Air Cost Control Vishay Intertechnology, Inc.
|
DC590A-1 DC742A DC609A-B DC590A DC682A DC746A DC75 |
QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 590 USB SERIAL CONTROLLER FOR LINEAR TECHNOLOGY QUICKEVAL-TM DEMO BOARDS LTC2449 Evaluation Sales LTC4259A Evaluation Kit USB Controller for QuickEval Evaulation Kits LTC1859 Evaluation Kit LTC2412 Evaluation Kit LTC4150 Evaluation Kit LTC2601 Evaluation Kit LTC2433-1 Evaluation Kit
|
Linear Integrated Syste... LINEAR[Linear Integrated Systems] Linear Technology
|
25C040-P 25AA040-P 25LC040-P 25C040X-ST 25C040IN 2 |
Evaluation Kit for the MAX1748, MAX1779 Evaluation Kit for the MAX16803 Evaluation Kit for the MAX1760 High-Voltage, Step-Down DC-DC Controller in µMAX 500mA Low-Dropout Linear Regulator in UCSP Industry-Standard, 12-Bit ADC with Reference Evaluation Kit for the MAX1757, MAX1758 60mA, SOT23 Inverting Charge Pump with Shutdown Evaluation Kit for the MAX1700, MAX1701 125mA, Frequency-Selectable, Switched-Capacitor Voltage Converters Evaluation Kit for the MAX1684, MAX1685 Evaluation Kit for the MAX1698 Evaluation Kit for the MAX1692 Evaluation Kit for the MAX1703 Evaluation Kit for the MAX1820, MAX1821 Complete, 100ksps, 8-Channel, 12-Bit Data Acquisition Systems SPI串行EEPROM High-Voltage, 350mA, Adjustable Linear High-Brightness LED (HB LED) Driver SPI串行EEPROM Evaluation Kit for the MAX1744, MAX1745 SPI串行EEPROM SPI Serial EEPROM SPI串行EEPROM
|
Microchip Technology, Inc.
|
MAX1583XETB MAX1583YETB MAX1583ZETB MAX1583EVKIT M |
White LED Camera-Flash MAX1583 Evaluation Kit 1 A, 24 V, evaluation kit 500 mA, 24 V, evaluation kit 250 mA, 24 V, evaluation kit
|
MAXIM - Dallas Semiconductor
|
27C256/BXA-25 27C256/BUA-25 27C256/BXA-20 27C256/B |
2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC Evaluation Kit for the MAX3873 Evaluation Kit for the MAX3872, MAX3874 Low-Power, Compact 2.5Gbps/2.7Gbps Clock-Recovery and Data-Retiming IC Evaluation Kit for the MAX3980, MAX3981 Evaluation Kit for the MAX3982 x8存储 Quad Copper-Cable Signal Conditioner
|
NXP Semiconductors N.V.
|
8606301XG 8606301YA 8606301YG 8606302YA 8606303XG |
x8 EPROM EEPROM-Programmable, Quad, Power-Supply Tracker/Sequencer Circuit EEPROM-Programmable, Hex/Quad, Power-Supply Sequencers/Supervisors with Charge-Pump Outputs Evaluation System/Evaluation Kit for the MAX6870, MAX6871, MAX6872, MAX6873, MAX6874, MAX6875 Evaluation Kit/Evaluation System for the MAX6876 Dual-/Triple-Voltage, Power-Supply Trackers/Sequencers/Supervisors x8存储
|
Air Cost Control
|
PE-51590 PE-92117 PE-92402 PE-92107 |
LT3734 Evaluation Kit LTC2922 Evaluation Kit Low Cost Inductors - Bare Coil and Klipmount Series 低成本的电感裸线圈和Klipmount系列
|
Pulse Engineering, Inc.
|
DS1854EVKIT |
Evaluation Kit for the DS1854, DS1857, DS1858, and DS1859 Fiber Optic Monitor and Control Evaluation Kit
|
MAXIM - Dallas Semiconductor
|
243PC15M 242PC60G 242PC100GS 242PC250G 242PC150GS |
Burst-Mode PON Controller With Integrated Monitoring 工业控制IC Dual, Temperature-Controlled Resistors with Internally Calibrated Monitors 工业控制IC Evaluation Kit for the DS1854, DS1857, DS1858, DS1859 Fiber Optic Monitor and Control Evaluation Kit 工业控制IC Industrial Control IC 工业控制IC
|
Honeywell International, Inc.
|
MAX1258EVKIT |
Evaluation Kit/Evaluation System for the MAX1057, MAX1058, MAX1257, MAX1258
|
Maxim
|