PART |
Description |
Maker |
EPF10K30AQI240-1 EPF10K30RI240-3 |
LOADABLE PLD, 11 ns, PQFP240 PLASTIC, QFP-240 LOADABLE PLD, 17.2 ns, PQFP240 RQFP-240
|
Altera International Limited
|
EPF10K30RI240-4N |
LOADABLE PLD, 0.6 ns, PQFP240 RQFP-240
|
Altera International Limited
|
EPF10K30AQI240 |
LOADABLE PLD, PQFP240 PLASTIC, QFP-240
|
Altera International Limited
|
22V10 GAL22V10 GAL22V10C-5LJ GAL22V10C-7LJ GAL22V1 |
148 DCCE37S HighPerformanceE2CMOSPLDGenericArrayLogic Single LVDS Receiver Bus LVDS Dual 2x2 Crosspoint/Repeater PCB; Leaded Process Compatible:No; PCB Type:4 Channel I/O Rack; Peak Reflow Compatible (260 C):No; Size:3.5 x 3.5 in; Thickness:2.32" RoHS Compliant: No EE PLD, 15 ns, PQCC28 MR Series Rocker, 1 lamp circuit (Clear Red) miniature rectangle housing, SPDT, 2 position, Quick-connect, Snap-in panel, Silver alloy contacts EE PLD, 7.5 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 10 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 20 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDIP24 High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 4 ns, PQCC28 Electrically-Erasable PLD EE PLD, 15 ns, PDIP24 High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PDIP24 SOTiny Single LVDS Driver EE PLD, 5 ns, PQCC28
|
http:// Lattice Semiconductor Corporation LatticeSemiconductor Lattice Semiconductor, Corp.
|
GAL20XV10B-20LP GAL20XV10B-20LJ GAL20XV10B-10LJ GA |
High-Speed E2CMOS PLD Generic Array Logic EE PLD, 10 ns, PDIP24 Fuses, 3A 125V F MICRO BULK EE PLD, 20 ns, PQCC28
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation LATTICE[Lattice Semiconductor]
|
PAL12H6-2CFP01234 PAL12H6-2CFXXXXP01234 PAL12H6-2C |
OT PLD, 60 ns, MQFP20 OT PLD, MQFP20 OT PLD, 60 ns, CDIP20 OT PLD, 60 ns, PDIP20 OT PLD, 55 ns, PDIP20 OT PLD, 60 ns, PQCC20 OT PLD, 25 ns, PDIP20 OT PLD, MQCC20 OT PLD, PDIP20 OT PLD, CDIP20 OT PLD, 60 ns, MQCC20 OT PLD, PQCC20 OT PLD, 40 ns, CDIP20 OT PLD, 50 ns, CDIP24
|
Advanced Micro Devices, Inc. MONOLITHIC MEMORIES
|
PEEL22CV10AS-10L PEEL22CV10AS-25L PEEL22CV10AP-7L |
EE PLD, 7.5 ns, PQCC28 EE PLD, 15 ns, PQCC28 EE PLD, 7.5 ns, PDIP24 0.300 INCH, LEAD FREE, PLASTIC, DIP-24 CMOS Programmable Electrically Erasable Logic Device
|
Integrated Circuit Technology Corp ANACHIP[Anachip Corp] http://
|
LC5512MC-75F484I LC5512MC-75F256I LC5512MC-45QN208 |
EE PLD, 9.5 ns, PBGA484 EE PLD, 9.5 ns, PBGA256 EE PLD, 5.7 ns, PQFP208
|
LATTICE SEMICONDUCTOR CORP
|
ISPLSI2032VL-135LT44I ISPLSI2096VL ISPLSI2096VL-10 |
2.5VIn-SystemProgrammableSuperFASTHighDensityPLD 2.5V In-System Programmable SuperFAST⑩ High Density PLD 2.5V In-System Programmable SuperFAST High Density PLD 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 8 ns, PQFP128 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PQFP44
|
LATTICE[Lattice Semiconductor] LATTICE [Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
5384VA ISPLSI5384VA-70LB208 ISPLSI5384VA-70LB272 I |
In-System Programmable 3.3V SuperWIDEHigh Density PLD EE PLD, 13 ns, PBGA272 In-System Programmable 3.3V SuperWIDEHigh Density PLD EE PLD, 9.5 ns, PBGA208 In-System Programmable 3.3V SuperWIDEHigh Density PLD EE PLD, 9.5 ns, PBGA272 In-System Programmable 3.3V SuperWIDEHigh Density PLD EE PLD, 19 ns, PBGA388 In-System Programmable 3.3V SuperWIDE High Density PLD
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation
|
|