PART |
Description |
Maker |
BA00BC0WCP-V5 BA18BC0WFP BA33BC0WFP BAJ0BC0T BAJ0B |
1A Variable/Fixed Output LDO Regulators
|
ROHM
|
BD50HA3WEFJ |
300mA Variable Fixed Output LDO Regulators
|
Rohm
|
BD00GA5WEFJ-E2 BD30GA5WEFJ BDJ2GA5WEFJ-E2 BD90GA5W |
500mA Variable Output LDO Regulators 500mA Fixed Output LDO Regulators
|
ROHM
|
GS1117CT-3.3 GS1117CM-2.85 GS1117CE-2.85 VISHAYSEM |
3.3 V FIXED POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSFM3 IC VREG 2.85 V FIXED POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSSO2, TO-252, DPAK-3, Fixed Positive Single Output LDO Regulator IC VREG 5 V FIXED POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSSO2, TO-263AB, D2PAK-3, Fixed Positive Single Output LDO Regulator
|
VISHAY SEMICONDUCTORS
|
TC1268 TC1268-2.5VOA TC1268-2.5VOATR |
The TC1268 is a fixed output, fast turn-on, high accuracy (typically ±0.5%) CMOS low dropout regulator. Designed specifically ... 500mA Fixed Output / Fast Response CMOS LDO with Shutdown 500mA Fixed Output, Fast Response CMOS LDO with Shutdown
|
Microchip Technology Inc.
|
MIC5216 MIC5216-3.0BM5 MIC5216-3.0BMM MIC5216-3.3B |
500mA-Peak Output LDO Regulator Preliminary Information 3.6 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5 500mA-Peak Output LDO Regulator Preliminary Information 3 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8 3-A Active Bus Termination/ DDR Memory DC/DC Converter 20-HTSSOP -40 to 85
|
MICREL INC Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
RP154N013B-TR-F RP154L024A-E2 RP154N004A-TR-F RP15 |
DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO6 ROHS COMPLIANT, SOT-23, 6 PIN DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO8
|
RICOH COMPANY LTD
|
MIC2212_06 MIC2212 MIC2212-DNBML MIC2212-DNYML MIC |
Dual ??ap LDO and Power-On Reset DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10 Dual レCap LDO and Power-On Reset DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, DSO10 Dual μCap LDO and Power-On Reset
|
MICREL INC Micrel Semiconductor, Inc. MICREL[Micrel Semiconductor] Micrel Semiconductor,Inc.
|
MIC5209 MIC5209-1.8BM MIC5209-2.5BM MIC5209-2.5BS |
500mA Low-Noise LDO Regulator 2.5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8 4.5V to 20V, 3A Output Synchronous Step Down SWIFT Converter 1.8 Vout 16-HTSSOP -40 to 85 ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8 500mA Low-Noise LDO Regulator 4.2 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO4 500mA Low-Noise LDO Regulator 2.5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO4
|
MICREL INC Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
GM71C4400DLJ-80 GM71C4400D-60 GM71C4400D-80 GM71C4 |
Replaced by REG104-A : Single Output LDO, 1.0A, Fixed(2.7V), Low Noise, Fast Transient Response 6-SOT-223 Single Output LDO, 1.0A, Fixed(2.5V), Low Noise, Fast Transient Response 5-DDPAK/TO-263 Single Output LDO, 1.0A, Fixed(2.5V), Low Noise, Fast Transient Response 6-SOT-223 1,048,576 Words x Bit Organization 1,048,576字×位组织 Circular Connector; Body Material:Aluminum Alloy; Series:MS3112; Number of Contacts:21; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Circular Contact Gender:Pin 1,048,576字×位组织 Replaced by REG104-A : Single Output LDO, 1.0A, Fixed(2.7V), Low Noise, Fast Transient Response 5-DDPAK/TO-263
|
LG Corp. LG, Corp.
|
REC3-123.3SRW REC3-123.3SRW_H1 REC3-123.3SRWZ_H1 R |
8-Pin N-FET Linear Regulator Controller 8-SOIC 0 to 70 3瓦特DIP24 /贴片 3 Watt DIP24 / SMD Single & Dual Output 3瓦特DIP24 /贴片 Single Output LDO, 500mA, Fixed(5V), Low Quiescent Current, wide Input Voltage Range 8-SOIC 0 to 70 Single Output LDO, 500mA, Fixed(12V), Low Quiescent Current, wide Input Voltage Range 8-SOIC 0 to 70 BiCMOS Power Factor Preregualtor 16-SOIC 0 to 70 Single Output LDO, 3.0A, Fixed(3.3V), Reverse Current Protection, Thermal Shutdown 3-DDPAK/TO-263 0 to 70 BiCMOS Advanced Phase Shift PWM Controller 20-TSSOP 0 to 70 3 Watt DIP24 / SMD Single & Dual Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
|