PART |
Description |
Maker |
ML2350CCP_12 ML2350CCP_5 ML2350CCS_5 ML2350CIS_12 |
Single Supply, Programmable 8-Bit D/A Converters Single Supply Programmable 8-Bit D/A Converters Single Supply / Programmable 8-Bit D/A Converters
|
MICRO-LINEAR[Micro Linear Corporation]
|
LC86P7148 LC867148 LC867140 LC867108 LC867112 LC86 |
8-Bit Single Chip Microcontroller with One-Time Programmable PROM
|
SANYO[Sanyo Semicon Device]
|
ML2340 |
Single Supply, Programmable 8-Bit D/A Converters(单电源可编程8位D/A转换
|
Fairchild Semiconductor Corporation
|
LC86P6548 LC866528 LC866540 LC866524 LC866532 LC86 |
8-Bit Single Chip Microcontroller with One-Time Programmable PROM
|
SANYO[Sanyo Semicon Device]
|
LC86P7248 LC867232 LC867240 LC867224 LC867248 |
8-Bit Single-Chip Microcontroller with the One-Time Programmable PROM Built in
|
SANYO[Sanyo Semicon Device]
|
NCP5380 NCP5380MNR2G |
7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
|
ON Semiconductor
|
T89C51RD2-RDBC-M T89C51RD2-RDBI-L T89C51RD2-RDBC-L |
0 to 40MHz Flash Programmable 8-bit Microcontroller IC - OPTOISOLATOR 4N28 00MHz可编程闪位微控制 0 to 40MHz Flash Programmable 8-bit Microcontroller 00MHz可编程闪位微控制 0 to 40MHz Flash Programmable 8-bit Microcontroller 00MHz可编程闪8位微控制 SOCKET, 479P, MPGA479, PENTIUM M, CENTRINO, SMT, 1.27MM PITCH
|
ATMEL Corporation http:// Atmel, Corp. Atmel Corp.
|
KAD5510P-5009 KAD5510P-50Q72 |
10-Bit, 500MSPS Single-Channel ADC, Programmable LVDS/LVCMOS Outputs; Temperature Range: -40°C to 85°C; Package: 72-QFN 1-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PQCC72 10-Bit, 500MSPS A/D Converter
|
Intersil, Corp. Intersil Corporation
|
MAX11209 MAX11209EEE MAX11211EEE |
18-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADCs with Programmable Gain and GPIO
|
Maxim Integrated Products
|
M38037M6-122FP M38037M6-133FP M38037M6-154FP M3803 |
RAM size: 2048bytes single chip 8-bit CMOS microcomputer RAM size: 1536bytes single chip 8-bit CMOS microcomputer RAM size: 768bytes single chip 8-bit CMOS microcomputer SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 3803/04 Group: General Purpose, with Flash RAM size: 256bytes single chip 8-bit CMOS microcomputer RAM size: 640bytes single chip 8-bit CMOS microcomputer RAM size: 896bytes single chip 8-bit CMOS microcomputer RAM size: 512bytes single chip 8-bit CMOS microcomputer RAM size: 384bytes single chip 8-bit CMOS microcomputer RAM size: 1024bytes single chip 8-bit CMOS microcomputer RAM size: 3804bytes single chip 8-bit CMOS microcomputer RAM size: 192bytes single chip 8-bit CMOS microcomputer
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|