PART |
Description |
Maker |
DG2018DN |
DUAL 2-CHANNEL, DBL POLE DBL THROW SWITCH, QCC16
|
VISHAY SILICONIX
|
MAX4525LEUBT |
2-CHANNEL, DBL POLE DBL THROW SWITCH, PDSO10
|
MAXIM INTEGRATED PRODUCTS INC
|
2-103167-7 2-103167-2 1-103167-0 |
HDR ASSY, MOD II, SHROUDED, 4SIDES, DBL ROW, .100X.100 RIGHT ANGLE, W/ .025 SQ POSTS HDR ASSY, MOD II, SHROUDED, 4 SIDES, DBL ROW, .100X.100 RIGHT ANGLE, W/ .025 SQ POSTS HDR ASSY, MOD II, SHROUDED, 4 SIDES, DBL ROW, .100 x .100 RIGHT ANGLE, W/ .025 SQ POSTS
|
Tyco Electronics
|
2-103166-8 2-103166-3 1-103166-8 1-103166-0 1-1031 |
HDR ASSY, MOD II, SHROUDED, 4 SIDES, DBL ROW, .100X.100 RIGHT ANGLE, W/ .25 SQ POSTS HDR ASSY, MOD II, SHROUDED, 4 SIDES, DBL ROW, .100X.100 RIGHT ANGLE, W/ .025 SQ POSTS HDR ASSY, MOD II, SHROUDED, 4 SIDES, DBL ROW, .100 x .100 RIGHT ANGLE, W/ .025 SQ POSTS
|
Tyco Electronics
|
2-104434-0 |
HEADER ASSY, MOD II, BREAKAWAY, DBL ROW,.100X.100 CL, VERT .025 SQ POSTS, WITH RETENTION FEATURE
|
Tyco Electronics
|
2-104433-3 2-104433-4 |
HEADER ASSY, MOD II, BREAKAWAY, DBL ROW, .100X.100 C VERT, .025 SQ POSTS, WITH RETENTION FEATURE
|
Tyco Electronics
|
1-103165-1 1-103165-6 |
HEADER ASSY, MOD II, DBL ROW, .100 x .100 C/L, RIGHT ANGLE, (3) SIDED SHROUD
|
Tyco Electronics
|
2-104352-1 2-104352-0 1-104352-2 1-104352-6 |
HEADER ASSY, MOD II, BREAKAWAY, DBL ROW, .100X .100 VERT, .025 SQ POSTS W/ HOLD- OWN CONFIG HEADER ASSY, MOD II, BREAKAWY, DBL ROW, .100X.100 VERT, .025 SQ POSTS W/ HOLD- DOWN CONFIG 24 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 34 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Tyco Electronics
|
65039-002 65039-002LF 65039-003LF 65039-004 65039- |
MINI LATCH HOUSING SINGLE ROW 100 2.54 CC MICI LATCH SR POLARIZED HSG 2.54mm
|
FCI connector
|
HM628512BI HM628512BLFPI-7 HM628512BLFPI-8 HM62851 |
4 M SRAM (512-kword x 8-bit) Single Ic = 100 mA; Package: PG-SOT23-3; Polarity: NPN; R1 (typ): 47.0 kOhm; R2: 47.0 k; hFE (min): 70.0; Vi (on) (min): 1.0 2mA / 0.3V; Single Ic = 100 mA; Package: PG-SOT323-3; Polarity: NPN; R1 (typ): 47.0 kOhm; R2: 47.0 k; hFE (min): 70.0; Vi (on) (min): 1.0 2mA / 0.3V; Octal Buffers And Line Drivers With 3-State Outputs 20-CDIP -55 to 125 Single Ic = 100 mA; Package: PG-SOT23-3; Polarity: NPN; R1 (typ): 47.0 kOhm; R2: 47.0 k; hFE (min): 70.0; Vi (on) (min): 1.0 2mA / 0.3V; Single Ic = 100 mA; Package: PG-SOT23-3; Polarity: NPN; R<sub>1</sub> (typ): 47.0 kOhm; R<sub>2</sub>: 47.0 k?; h<sub>FE</sub> (min): 70.0; V<sub>i (on)</sub> (min): 1.0 2mA / 0.3V;
|
http:// HITACHI[Hitachi Semiconductor] Hitachi,Ltd.
|
54393-5181 MOLEXINC-54393-2381 54393-2181 |
0.3 FPC ZIF EO Hsg Assy 51Ckt EmbsTp Pkg 51 CONTACT(S), FEMALE, RIGHT ANGLE FFC/FPC CONNECTOR, SURFACE MOUNT 0.3 FPC ZIF EO Hsg Assy 21Ckt EmbsTp Pkg
|
Molex, Inc. MOLEX INC
|
|