PART |
Description |
Maker |
MPL135 MPL135-0R4 MPL135-1R0 MPL135-1R5 MPL135-R22 |
Big current (55A), Footprint compatible with most standard, Lower temperature rise at big current, Low DCR, Without noise
|
Delta Electronics, Inc.
|
IHLP-2525CZ-06 |
10 % DCR Tolerance, Low Profile, IHLP? Power Inductor 10 % DCR Tolerance, Low Profile, IHLP庐 Power Inductor 10 % DCR Tolerance, Low Profile, IHLP㈢ Power Inductor
|
Vishay Siliconix
|
IHLP-2525CZ-07 |
5 % DCR Tolerance, Low Profile, IHLP? Power Inductor 5 % DCR Tolerance, Low Profile, IHLP庐 Power Inductor 5 % DCR Tolerance, Low Profile, IHLP㈢ Power Inductor
|
Vishay Siliconix
|
PM1008M-R18M-RC PM1008M-R68M-RC PM1008M-R027M-RC P |
1 ELEMENT, 0.18 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008, ROHS COMPLIANT 1 ELEMENT, 0.68 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008, ROHS COMPLIANT 1 ELEMENT, 0.027 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008, ROHS COMPLIANT 1 ELEMENT, 2.7 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008, ROHS COMPLIANT 1 ELEMENT, 47 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008, ROHS COMPLIANT 1 ELEMENT, 0.82 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008, ROHS COMPLIANT 1 ELEMENT, 8.2 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008, ROHS COMPLIANT 1 ELEMENT, 0.082 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008, ROHS COMPLIANT 1 ELEMENT, 22 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008, ROHS COMPLIANT 1 ELEMENT, 0.022 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008, ROHS COMPLIANT 1 ELEMENT, 0.068 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008, ROHS COMPLIANT 1 ELEMENT, 27 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008, ROHS COMPLIANT 1 ELEMENT, 2.2 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008, ROHS COMPLIANT 1 ELEMENT, 12 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008, ROHS COMPLIANT 1 ELEMENT, 82 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008, ROHS COMPLIANT 1 ELEMENT, 0.12 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008, ROHS COMPLIANT 1 ELEMENT, 0.47 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008, ROHS COMPLIANT 1 ELEMENT, 0.15 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
Bourns, Inc. BOURNS INC
|
AP30T03GH-HF AP30T03GH-HF-14 |
Lower Gate Charge Lower Gate Charge 17 A, 30 V, 0.03 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252 Simple Drive Requirement
|
Advanced Power Electronics Corp. Advanced Power Electron...
|
PM1008-10NM-RC PM1008-18NM-RC PM1008-12NM-RC PM100 |
High Q Chip Inductors SMD Inductor; Series:PM1008; Inductance:120nH; Inductance Tolerance: /- 10 %; Q Factor:60; Self Resonant Frequency:950MHz; Package/Case:1008; Terminal Type:PCB Surface Mount; Core Material:Ceramic; Current Rating:650mA SMD Inductor; Series:PM1008; Inductance:680nH; Inductance Tolerance: /- 10 %; Q Factor:45; Self Resonant Frequency:375MHz; Package/Case:1008; Terminal Type:PCB Surface Mount; Core Material:Ceramic; Current Rating:400mA SMD Inductor; Series:PM1008; Inductance:390nH; Inductance Tolerance: /- 10 %; Q Factor:45; Self Resonant Frequency:500MHz; Package/Case:1008; Terminal Type:PCB Surface Mount; Core Material:Ceramic; Current Rating:470mA SMD Inductor; Series:PM1008; Inductance:820nH; Inductance Tolerance: /- 10 %; Q Factor:45; Self Resonant Frequency:350MHz; Package/Case:1008; Terminal Type:Surface Mount; Core Material:Ceramic; Current Rating:400mA SMD Inductor; Series:PM1008; Inductance:3.3uH; Inductance Tolerance: /- 10 %; Q Factor:22; Self Resonant Frequency:110MHz; Package/Case:1008; Terminal Type:PCB Surface Mount; Core Material:Ceramic; Current Rating:290mA
|
Bourns Electronic Solutions BOURNS INC
|
IHLP-1616BZ-1A |
Automotive Inductors, Low DCR
|
Vishay Siliconix
|
CS8129YT5G CS8129YTVA5G CS8129 CS8129YDW16 CS8129Y |
5.0 V, 750 mA Low Dropout Linear Regulator with Lower RESET Threshold 5.0 V, 750 mA Low Dropout Linear Regulator with Lower RESET Threshold(5.0 V, 750 mA带较低复位(RESET)门限的低压差线性稳压器) 5V, 750mA Low Dropout Linear Regulator with Lower RESETbar Threshold; Package: SO-16 WB; No of Pins: 16; Container: Tape and Reel; Qty per Container: 1000 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO16
|
ONSEMI[ON Semiconductor]
|
NL08JT-R15 NL08JT-R47 NL08JT-560 NL08JT-R56 NL08JT |
1 ELEMENT, 0.15 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008 1 ELEMENT, 0.47 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008 1 ELEMENT, 56 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008 1 ELEMENT, 0.56 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008 1 ELEMENT, 0.18 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008 1 ELEMENT, 3.9 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008 1 ELEMENT, 8.2 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008 1 ELEMENT, 33 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008 1 ELEMENT, 2.7 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008 1 ELEMENT, 12 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008 1 ELEMENT, 0.12 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008 1 ELEMENT, 68 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008 1 ELEMENT, 0.68 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008 1 ELEMENT, 18 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008 1 ELEMENT, 10 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008 1 ELEMENT, 0.33 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008 1 ELEMENT, 39 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008 1 ELEMENT, 0.27 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008 1 ELEMENT, 15 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008 1 ELEMENT, 27 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008 1 ELEMENT, 0.39 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008
|
Stackpole Electronics, Inc.
|
IHLM-2525CZ-07 |
5 % DCR Tolerance, Low Profile, Power Inductor
|
Vishay Siliconix
|
AISC-1008S-820M-T AISC-1008S-3R9M-T AISC-1008S-6R8 |
1 ELEMENT, 82 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008, ROHS COMPLIANT 1 ELEMENT, 3.9 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008, ROHS COMPLIANT 1 ELEMENT, 6.8 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008, ROHS COMPLIANT 1 ELEMENT, 4.7 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008, ROHS COMPLIANT 1 ELEMENT, 5.6 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 1008, ROHS COMPLIANT
|
Abracon, Corp.
|
|