PART |
Description |
Maker |
TAJC336K016RNJ TAJA684K025RNJ TAJC106M016BNJ TAJC1 |
Standard Tantalum TAJ Series
|
AVX Corporation
|
TAJE227M016 TAJE227XXX TAJEXXX |
TAJ Series / Standard Tantalum
|
AVX Corporation
|
TAJEXXXK_MXXX TAJCXXXK/MXXX TAJEXXXK/MXXX |
(TAJ Series) Standard Tantalum
|
AVX Corporation
|
TAJA475020NJ TAJB475020NJ TAJA474050NJ TAJE337M016 |
Standard Tantalum General purpose SMT chip tantalum series Standard Tantalum General purpose SMT chip tantalum series
|
AVX Corporation
|
R1140Q R1140Q151D-TL R1140Q281D-TL R1140Q151D-TR R |
120mA LDO regulator IC. Output voltage 3.8V. Mask option without auto discharge function at OFF state. Taping type TL. 120mA LDO regulator IC. Output voltage 3.8V. Mask option with auto discharge function at OFF state. Taping type TL. CAPACITOR, CASE S, 1UF, 35V; Application:Solid; Capacitance:1uF; Tolerance, capacitance:10%; Series:TAJ; Voltage, rating:35V; Capacitor dielectric type:Tantalum Electrolytic; Case style:S; Current, leakage:0.5uA; Depth, RoHS Compliant: Yes SC82 120mA LDO REGULATOR 1.5 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PDSO4 120mA LDO regulator IC. Output voltage 3.0V. Mask option without auto discharge function at OFF state. Taping type TL. 120mA LDO regulator IC. Output voltage 3.0V. Mask option without auto discharge function at OFF state. Standard taping type TR. 120mA LDO regulator IC. Output voltage 3.0V. Mask option with auto discharge function at OFF state. Taping type TL. 120mA LDO regulator IC. Output voltage 3.0V. Mask option with auto discharge function at OFF state. Standard taping type TR. 120mA LDO regulator IC. Output voltage 3.8V. Mask option with auto discharge function at OFF state. Standard taping type TR. 120mA LDO regulator IC. Output voltage 3.8V. Mask option without auto discharge function at OFF state. Standard taping type TR.
|
RICOH electronics devic... Ricoh Co., Ltd.
|
195D |
Solid Tantalum Chip Capacitors, Conformal, Industrial Grade, TANTAMOUNT? Tantalum Chips with Conformal Terminals, Minimum size, Meets IEC Specification QC300801/US0002, 2 Standard Electroplate Terminations
|
Vishay
|
293D1051025B2 293D1551025B2 293D2251025B2 293D3351 |
Solid Tantalum Surface Mount Capacitors TANTAMOUNT? Molded Case, Standard Industrial Grade Solid Tantalum Surface Mount Capacitors TANTAMOUNT庐 Molded Case, Standard Industrial Grade Solid Tantalum Surface Mount Capacitors TANTAMOUNT垄莽 Molded Case, Standard Industrial Grade Solid Tantalum Surface Mount Capacitors TANTAMOUNT㈢ Molded Case, Standard Industrial Grade
|
http:// Vishay Siliconix
|
T350A105K035AT |
Tantalum, MnO2 Tantalum, Commercial Grade, T350, 1 uF, 10%, 35 V, Radial, Solid Tantalum, Conformal, Dipped, Lead Spacing =2.54mm
|
Kemet Corporation
|
438417 293D1-7X0010D2TE3 293D1-7X0010D2WE3 293D227 |
Solid Tantalum Surface Mount Capacitors TANTAMOUNT? Molded Case, Standard Industrial Grade Solid Tantalum Surface Mount Capacitors
|
Vishay Siliconix
|
TB47/XXX |
(TB Series) Dipped Tantalum Capacitors
|
Nemco Electronics
|