PART |
Description |
Maker |
BUV28A BUV40 BUV27A BUW91 BUV26A |
8-bit MCU for automotive with single voltage, Flash memory, data EEPROM, ADC, timers, SPI 8-bit low cost, low pin-count MCU for automotive with single voltage Flash memory, ADC, timers 8-bit MCU for automotive with Flash or ROM, 10-bit ADC, 5 timers, SPI, LINSCI", active CAN 晶体管|晶体管| npn型| 150伏五(巴西)总裁| 12A条一(c)| TO - 220AB现有 VERY LOW DROP VOLTAGE REGULATOR 晶体管|晶体管| npn型| 200伏五(巴西)总裁|5A一(c)|的SOT - 93
|
STMicroelectronics N.V.
|
ST72F321J9TAS ST72F321J9TCS ST72F321J9TCXS ST72F32 |
8-bit MCU for automotive with 60 Kbyte Flash, 10-bit ADC, timers, SPI, SCI and I2C interfaces
|
ST Microelectronics
|
STM8AF51XX |
(STM8Axx1XX) Automotive 8-bit MCU
|
STMicroelectronics
|
UAA2050T |
8-bit MCU for automotive, 3.8 to 5.5V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
|
|
ST7MDT2-DVP2 ST7MDT2-EPB2_EU ST7MDT2-EPB2_UK ST7MD |
8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
|
STMicroelectronics
|
ST72124JX-AUTO ST72334J4TA_XXX ST72334J4TB_XXX ST7 |
8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
|
STMicroelectronics
|
STM8AF51XX STM8H61XX STM8AF6X86TAY STM8AP6X86TAY S |
Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
|
STMicroelectronics
|
SPC564A74L7CFAY SPC564A74B4CFAY SPC564A80B4CFAY SP |
32-bit Power Architecture MCU for Automotive Powertrain Applications
|
ST Microelectronics
|
SPC560P40L1 SPC560P40L1BEAAR SPC560P40L1BEAAY SPC5 |
32-bit Power Architecture MCU for Automotive Chassis and Safety Applications
|
ST Microelectronics
|
SPC560P60L3 |
32-bit Power Architecture? based MCU with 1088 KB Flash memory and 80 KB RAM for automotive chassis and safety applications
|
STMicroelectronics
|
ST7FL19F1MAE ST7FL15F1MAE |
8-bit MCU for automotive with single voltage Flash/ROM memory, data EEPROM, ADC, 5 timers, SPI
|
意法半导
|
|