PART |
Description |
Maker |
RJK1028DNS RJK1028DNS-00-J5 |
100V, 4A, 165m max. Silicon N Channel Power MOS FET Power Switching
|
Renesas Electronics Corporation
|
RJK1051DPB-00-J5 RJK1051DPB-15 |
100V, 15A, 39m max. Silicon N Channel Power MOS FET Power Switching 100V, 15A, 39m?max Silicon N Channel Power MOS FET Power Switching
|
Renesas Electronics Corporation
|
GBL400 GBL404 GBL402 GBL401 GBL406 GBL408 |
Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 800V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 600V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 100V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 200V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 400V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). IN-LINE MINIATURE SINGLE PHASE SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 4.0 Amperes) Aluminum Polymer SMT Capacitor; Capacitance: 1000uF; Voltage: 4V; Case Size: 10x8 mm; Packaging: Tape & Reel
|
PANJIT[Pan Jit International Inc.] PanJit International Inc.
|
WSC28X0 |
24-bit interface in total, Pixel sample rate up to 165M pixels/sec
|
List of Unclassifed Manufacturers
|
IRFY1310M-T257 |
N-Channel Power MOSFET For HI-REL Application(Vds:100V,Id(max):14A,Rds(on):0.055Ω)(N沟道功率MOS场效应管,HI-REL应用(Vds:100V,Id(max):14A,Rds(on):0.055Ω)) N-CHANNEL POWER MOSFET FOR HI-REL APPLICATIONS
|
Semelab(Magnatec) TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
T308N2000TOF |
2.0kV V[drm] Max., 308A I[T] Max. Silicon Controlled Rectifier
|
Telefunken Electronic
|
HT1260/26OG6 |
2.6kV V[drm] Max., 1260A I[T] Max. Silicon Controlled Rectifier
|
Herrmann
|
NTE5906 NTE6005 NTE5980 NTE5907 NTE5995 NTE5986 NT |
Silicon power rectifier diode. Cathode to case. Max repetitive peak reverse voltage 400V. Average forward current 40A. Silicon power rectifier diode. Cathode to case. Max repetitive peak reverse voltage 1600V. Average forward current 40A. Silicon power rectifier diode. Anode to case. Max repetitive peak reverse voltage 1000V. Average forward current 40A. Silicon power rectifier diode. Cathode to case. Max repetitive peak reverse voltage 1000V. Average forward current 40A. Receptacle With A Wire Wrap Tail Silicon Power Rectifier Diode / 40 Amp Silicon Power Rectifier Diode 40 Amp NTE5906, NTE5907, NTE5980 thru NTE6005 Silicon Power Rectifier Diode, 40 Amp 40 A, 300 V, SILICON, RECTIFIER DIODE 40 A, 200 V, SILICON, RECTIFIER DIODE
|
NTE Electronics, Inc. NTE[NTE Electronics]
|
FAN2502 FAN2503S285 FAN2502S27 FAN2502S25 FAN2503S |
150 mA CMOS LDO Regulators Pch Power MOSFET; ; Package: PS-8; Number Of Pins: 8; R DS On (Ω): (max 0.09) (max 0.041) (max 0.03); I_S (A): (max -5.6) Pch Power MOSFET; Surface Mount Type: Y; Package: SOP-8; Application Scope: mobile; R DS On (Ω): (max 0.03) (max 0.02); I_S (A): (max -10) Pch Power MOSFET; Surface Mount Type: N; Package: VS-6; R DS On (Ω): (max 0.09) (max 0.055) (max 0.035); I_S (A): (max -5.5) Pch Power MOSFET; Surface Mount Type: Y; Package: VS-8; Application Scope: mobile; R DS On (Ω): (max 0.3) (max 0.16) (max 0.11); I_S (A): (max -2.7)
|
Fairchild Semiconductor
|
IRF5Y1310CM |
100V Single N-Channel Hi-Rel MOSFET in a TO-257AA package THRU-HOLE (TO-257AA) 100V, N-CHANNEL POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.044ohm, Id=18A*)
|
IRF[International Rectifier]
|
1N4148-G |
Small Signal Switching Diodes, V-RRM=100V, V-R=100V, P-D=0mW, I-F=150mA
|
Comchip Technology
|