PART |
Description |
Maker |
A42-BP |
500 mA, 300 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
MICRO COMMERCIAL COMPONENTS
|
PBF259RS |
500 mA, 300 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-226AA
|
MOTOROLA INC
|
DDTD114TU-7 DDTD114EU-13 |
NPN PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR 500 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR 500 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. DIODES INC
|
DDTD133HC-7-F DDTD143EC DDTD113EC DDTD113EC09 DDTD |
Prebiased Transistors 500 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR 500 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR GREEN, PLASTIC PACKAGE-3 NPN PRE-BIASED 500mA SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Incorporated Diodes Inc.
|
MMBTA4207 MMBTA42 |
500 mA, 300 V, NPN, Si, SMALL SIGNAL TRANSISTOR Small signal NPN transistor
|
http:// STMicroelectronics
|
R6200230 R6202250 R6201050 R6201850 R6201040 R6200 |
500 A, 400 V, SILICON, RECTIFIER DIODE General Purpose Rectifier (300-500 Amperes Average 2400 Volts) 通用整流器(300-500安培平均2400伏特 300 A, 2200 V, SILICON, RECTIFIER DIODE HERMETIC SEALED PACKAGE-2 300 A, 1200 V, SILICON, RECTIFIER DIODE 300 A, 200 V, SILICON, RECTIFIER DIODE
|
Powerex Power Semicondu... POWEREX INC Powerex, Inc. POWEREX[Powerex Power Semiconductors] Powerex Power Semiconductor...
|
2N6517BU 2N6517BUNL |
NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Bulk 500 mA, 350 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Transistor 500 mA, 350 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
2SB1236ATV3 2SD1866TV6C 2SD1866TV3C 2SC4016TV2 2SD |
1500 mA, 160 V, PNP, Si, SMALL SIGNAL TRANSISTOR 2000 mA, 70 V, NPN, Si, SMALL SIGNAL TRANSISTOR 500 mA, 32 V, NPN, Si, SMALL SIGNAL TRANSISTOR 5000 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
|
2SC2673C1 2SA1555TL2B 2SD1919TL3 2SD1919TL2 2SC202 |
1000 mA, 32 V, NPN, Si, SMALL SIGNAL TRANSISTOR 300 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR 2000 mA, 32 V, NPN, Si, SMALL SIGNAL TRANSISTOR 150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
|
2N3859A |
NPN General Purpose Amplifier 500 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
2N6426RLRAG |
Darlington Transistors NPN Silicon 500 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
ON Semiconductor
|
S8050-C S8050-B S8050-D S8050-C-BP S8050-D-AP |
NPN Silicon Transistors 500 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Micro Commercial Components
|
|