PART |
Description |
Maker |
EBJ40UG8EBU0-GN-F EBJ40UG8EBU0-DJ-F |
4GB DDR3L SDRAM SO-DIMM
|
Elpida Memory
|
HMT451U7AFR8A-H9 HMT451U7AFR8A-G7 HMT451U6AFR8A-PB |
DDR3L SDRAM Unbuffered DIMMs Based on 4Gb A-Die
|
Hynix Semiconductor
|
HMT451R7AFR8A-RD HMT451R7AFR8A-H9 HMT451R7AFR8A-PB |
DDR3L SDRAM Registered DIMM Based on 4Gb A-die
|
Hynix Semiconductor
|
MT41K2G4 MT41K1G8 |
TwinDie 1.35V DDR3L SDRAM
|
Micron Technology
|
MT41K512M16 |
32 Meg x 16 x 8 Banks 1.35V DDR3L-RS SDRAM
|
Micron Technology
|
TS4GJF300 |
4GB USB2.0 JetFlash垄莽300 4GB USB2.0 JetFlash?300
|
Transcend Information. Inc.
|
TS4GJFV15 |
4GB USB2.0 JetFlash垄芒V15 4GB USB2.0 JetFlash?V15
|
Transcend Information. Inc.
|
MB84VD22193EC MB84VD22193EC-90 MB84VD22193EC-90-PB |
32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM 32M的(x 8/x16)闪 32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM SPECIALTY MEMORY CIRCUIT, PBGA73 Trimmer; Series:3262; Track Resistance:5kohm; Resistance Tolerance: 10%; Power Rating:0.25W; Operating Temperature Range:-65 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm; Adjustment Type:Top RoHS Compliant: Yes CONN, M HEADER ST 1X2 .230 32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
|
FUJITSU LTD Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited.
|
MB84VD22387EJ-90-PBS MB84VD22396EJ-90-PBS MB84VD22 |
32M (X16) FLASH MEMORY 16M (X16) SRAM Interface FCRAM 32M的(x16)的闪存16M内存(x16)的SRAM接口的FCRAM 32M (X16) FLASH MEMORY 16M (X16) SRAM Interface FCRAM SPECIALTY MEMORY CIRCUIT, PBGA71 ER 9C 9#16 SKT RECP WALL SPECIALTY MEMORY CIRCUIT, PBGA71
|
Spansion Inc. Spansion, Inc.
|
M36WT8B10ZA6T M36WT8B70ZA6T M36WT864T70ZA6T M36WT8 |
HEATSHRINK BLACK 4IN X 50FT 64兆位4Mb的x16插槽,多银行,突发闪存和8兆位的SRAM12k x16,内存产品多 64 Mbit 4Mb x16, Multiple Bank, Burst Flash Memory and 8 Mbit 512K x16 SRAM, Multiple Memory Product 64兆位4Mb的x16插槽,多银行,突发闪存和8兆位的SRAM12k x16,内存产品多
|
STMicroelectronics N.V. 意法半导
|
HY62LF16406D-SF HY62LF16406D-SFI HY62LF16406D-DF H |
256Kx16bit full CMOS SRAM x16 SRAM x16|2.5V|70/85|Super Low Power Slow SRAM - 4M x16 | 2.5V的| 70/85 |超级低功耗SRAM的速度 4
|
HYNIX[Hynix Semiconductor] Hynix Semiconductor, Inc.
|