PART |
Description |
Maker |
RT9263CPX5 RT926307 RT9263EPX5 RT9263CGX5 RT9263EG |
High Efficiency, Low Supply Current, Step-Up DC/DC Converter
|
Richtek Technology Corporation
|
HWD2001 HWD20011 HWD20012 HWD2001EUA HWD20011EUA H |
HIGH-EFFICIENCY, LOW-SUPPLY-CURRENT, COMPACT, STEP-UP DC-DC CONVERTERS
|
List of Unclassifed Manufacturers ETC
|
MAX1649 MAX1649C_D MAX1649CPA MAX1649CSA MAX1649EP |
5V/3.3V or Adjustable, High-Efficiency,Low-Dropout, Step-Down DC-DC Controllers(5V或可降压型,输出电流2A,DC-DC变换MAX649的改进型) 5V/3.3V或可调、高效率、低压差、降压型DC-DC控制 Circular Connector; Body Material:Aluminum Alloy; Series:D38999; No. of Contacts:100; Connector Shell Size:23; Connecting Termination:Grounded; Gender:Male SWITCHING CONTROLLER, 300 kHz SWITCHING FREQ-MAX, PDSO8 5V/3.3V or Adjustable / High-Efficiency / Low-Dropout / Step-Down DC-DC Controllers 5V/3.3V or Adjustable High-Efficiency Low-Dropout Step-Down DC-DC Controllers 5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
783R3Q10-50A 727P1Q10-20K 719R1Q2-1A 720R1Q2-20K 7 |
High-Efficiency LCD Boost with True Shutdown Low-Noise, Low-Dropout, 150mA Linear Regulators with '2982 Pinout 3.3V/5V or Adjustable Output, Step-Up DC-DC Converters SC70, 5ns, Low-Power, Single-Supply, Precision TTL Comparators High-Speed, Low-Power Voltage Comparators 模拟IC Analog IC 模拟IC Low-Power, High-Speed, Single-Supply Op Amp Comparator Reference ICs 模拟IC Low-Noise, Low-Dropout, 150mA Linear Regulators with '2982 Pinout 模拟IC
|
3M Company TE Connectivity, Ltd. Pletronics HIROSE ELECTRIC Co., Ltd.
|
MAX640C/D MAX653C/D MAX653EPA MAX653ESA MAX653 MAX |
5V/3.3V/3V Adjustable, High-Efficiency, Low-IQ, Step-Down DC-DC Converters 700-mW Mono, Differential Input, Class-AB Audio Amplifier with Active Low Shutdown 8-SOIC -40 to 85 5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters 5V/3.3V/3V/可调、高效率、低IQ、降压型DC-DC转换 8-Bit Shift Register 24-SOIC -40 to 125 1 A SWITCHING REGULATOR, PDIP8 5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters 1 A SWITCHING REGULATOR, PDSO8
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
FAN5332ASX FAN5332A |
High Efficiency, High Current Serial LED Driver and OLED Supply with 30V Integrated Switch
|
FAIRCHILD[Fairchild Semiconductor]
|
ISR2800DESRH ISR2800DHURH ISR2800DHDRH ISR2805DHDR |
2-OUTPUT 2.5 W DC-DC REG PWR SUPPLY MODULE Adj, Radiation hardened high-power, high efficiency DC-DC power converter 5V, Radiation hardened high-power, high efficiency DC-DC power converter
|
MS KENNEDY CORP M.S. Kennedy Corp.
|
A6155SO8B A6155 A6155DL8A A6155SO8A |
High Efficiency Linear Power Supply
|
EM Microelectronic-Marin SA ETC[ETC] List of Unclassifed Manufacturers
|
ISL98608 |
High Efficiency Power Supply for Small Size Displays
|
Intersil Corporation
|
PEG-3E-500B PEP-3R-10B PEG-3E-25B PEP-3R-70 PEP-3R |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 4A High Efficiency Switching Regulators; Package: DD PAK; No of Pins: 5; Temperature Range: 0°C to 70°C Micropower High Efficiency 3.3/5V Step-Up DC/DC Converter 10 to 500 MHz / Continuous 0° to 180° Adjustment / Voltage Controlled / Low Insertion Loss PHASE SHIFTERS
|
Merrimac Industries, Inc.
|
8205 A8205SLH A8205SLH-XX A8205SLH-ADJ A8205SLH-3. |
LOW-DROPOUT REGULATORS . HIGH EFFICIENCY LOW-DROPOUT REGULATORS - HIGH EFFICIENCY 低压差稳压器-高效 2 V-6.8 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO5
|
ALLEGRO[Allegro MicroSystems] Allegro MicroSystems, Inc.
|