PART |
Description |
Maker |
AD5429 AD5429YRU-REEL AD5553 AD5555 |
(AD54x9) Bandwidth Multiplying DACs Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface SERIAL INPUT LOADING, 0.08 us SETTLING TIME, 8-BIT DAC, PDSO16
|
Analog Devices, Inc.
|
AD5425 AD5425YRM-REEL7 AD5425YRM-REEL |
High Bandwidth, CMOS 8-Bit Serial Interface Multiplying D/A Converter 8-Bit, High Bandwidth Multiplying DAC with Serial Interface
|
Analog Devices, Inc.
|
QS3VH16210 IDTQS3VH16210PA IDTQS3VH16210PAG IDTQS3 |
2.5V / 3.3V 20-Bit, 2-Port High Bandwidth Bus Switch QUICKSWITCH - TM PRODUCTS 2.5V / 3.3V 20 - BIT 2 - PORT, HIGH BANDWIDTH BUS SWITCH
|
IDT[Integrated Device Technology]
|
PI3C16234 PI3C16234A |
3.3V, HIGH BANDWIDTH, 16-BIT TO 32-BIT MUX/DEMUX BUSSWITCH
|
Pericom Semiconductor Corporation
|
PI3C16234 |
3.3V, High Bandwidth, 16-Bit to 32-Bit Mux/Demux BusSwitch
|
Pericom Semiconductor Corp.
|
IDTQS3VH2862 |
QUICKSWITCH? PRODUCTS 2.5V / 3.3V 10-BIT ACTIVE HIGH AND LOW ENABLE, HIGH BANDWIDTH SWITCH
|
IDT
|
AD5450 AD5450YUJ AD5451 AD5451YUJ AD5452 AD5452YRM |
2.5 V to 5.5 V, 14-bit high bandwidth multiplying DAC with serial interface 12-Bit High Bandwidth Multiplying DACs with Serial Interface 10-Bit High Bandwidth Multiplying DACs with Serial Interface 8/10/12/14-Bit High Bandwidth Multiplying DACs with Serial Interface 8-Bit High Bandwidth Multiplying DACs with Serial Interface 5 #22 PVC PVC RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:5; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper; Features:Unshielded RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper; Features:Unshielded RoHS Compliant: Yes
|
Advanced Analogic Technologies AD[Analog Devices] Analog Devices, Inc.
|
QS3VH16861PA8 |
2.5V/3.3V 20-Bit Flow-Through Pin Out, High Bandwidth Bus Switch
|
IDT
|
IDTQS3VH16211PV IDTQS3VH16211 IDTQS3VH16211PA IDTQ |
QUICKSWITCH PRODUCTS 2.5V / 3.3V 24-BIT HIGH BANDWIDTH BUS SWITCH
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
IDTQS3VH16245 |
QUICKSWITCH? PRODUCTS 2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
|
IDT
|