PART |
Description |
Maker |
PDTA115ES PDTA115E PDTC115EU PDTA115EE PDTA115EEF |
PNP resistor-equipped transistors; R1 = 100 kOhm, R2 = 100 kOhm; Package: SOT416 (SC-75); Container: Tape reel smd PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW 20 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW 20 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236 From old datasheet system PDTA115E series; PNP resistor-equipped transistors; R1 = 100 kOhm, R2 = 100 kOhm PNP resistor-equipped transistors; R1 = 100 kOhm, R2 = 100 kOhm; Package: SOT883 (SC-101); Container: Tape reel smd
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
DDTA143FCA-7 DDTA113ZCA-7 |
100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PLASTIC PACKAGE-3 TRANS PREBIASED PNP 200MW SOT-23 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc.
|
BC556B BC556 BC558B BC557B BC557C BC557A |
PNP Amplifier Transistor(集电发射极电45V,集电极-基极电压-50V的PNP放大器晶体管) 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-226AA Amplifier Transistors(PNP Silicon) From old datasheet system
|
Motorola Mobility Holdings, Inc. ONSEMI[ON Semiconductor]
|
OC70 OC75 OC66 2N217 OC74 OC65 OC73 OC76 OC77 OC78 |
TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 100MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 10MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 25V V(BR)CEO | 150MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 300MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 16V V(BR)CEO | 300MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 250MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 200MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 10V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 1A I(C) | TO-5 TRANSISTOR | BJT | PNP | 35V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 1A I(C) | TO-5 68HC11/Bidirectional-Compatible µP Reset Circuit TRANSISTOR | BJT | PNP | 18V V(BR)CEO | 500MA I(C) | TO-5 晶体管|晶体管|进步党| 18V的五(巴西)总裁| 500mA的一(c)|
|
APEM SA
|
MMUN2112LT1 MMUN2113LT1 MMUN2114LT1 MMUN2115LT1 MM |
100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB From old datasheet system PNP SILICON BIAS RESISTOR TRANSISTOR
|
MOTOROLA INC ONSEMI[ON Semiconductor]
|
FJN4306RBU |
PNP Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Bulk 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
MSB709RT1 MSB709-RT1 ON2370 |
PNP General Purpose Amplifier Transistor Surface Mount 100 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR From old datasheet system
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola Inc] ONSEMI[ON Semiconductor]
|
ZXTP19100C ZXTP19100CG ZXTP19100CGTA |
100V PNP medium transistor in SOT223 2 A, 100 V, PNP, Si, POWER TRANSISTOR SOT-223, 4 PIN
|
ZETEX PLC Diodes Incorporated Zetex Semiconductors Diodes, Inc.
|
DTA143EL-T92-B DTA143EL-T92-K DTA143E-T92-B DTA143 |
PNP DIGITAL TRANSISTOR (BULT-IN RESISTORS) 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|
FJV4108RMTF |
PNP Epitaxial Silicon Transistor; Package: SOT-23; No of Pins: 3; Container: Tape & Reel 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Fairchild Semiconductor, Corp.
|
KSA812GAMTF |
PNP Epitaxial Silicon Transistor; Package: SOT-23; No of Pins: 3; Container: Tape & Reel 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Fairchild Semiconductor, Corp.
|