PART |
Description |
Maker |
24C02SC 24C01SC/WF 24C02SC/W08 |
串行EEPROM的| 256X8 |CMOS |晶圆 SERIAL EEPROM|128X8|CMOS|WAFER The 24C02SC is a 2K bit Electrically Erasable PROM with bondpad positions optimized for smart card specific applications. The 24C02SC is organized as a single block of 256 x 8-bit memory with an I2C compatible 2-wire seria
|
Microchip
|
AT24C64 AT24C64-10PC AT24C64-10PC-1.8 AT24C64-10PC |
128 x 64 pixel format, LED or EL Backlight available 2-WireSerialEEPROM ECONOLINE: RSZ/P - 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- No Heatsink Required- No Extern. Components Required- Toroidal Magnetics- ContinuousShort Circuit Protection ( /P-Suffix) IC,Normally-Open PC-Mount Solid-State Relay,1-CHANNEL,M:ML043MW015 M Series (0.4") I/O Module 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 2-Wire Serial EEPROM 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 2-Wire Serial EEPROM 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 Quadruple 2-Input Positive-OR Gates 14-VQFN -40 to 85 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 2-Wire Serial EEPROM 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 16 characters x 4 Lines, 5x7 Dot Matric Character and Cursor 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 2-Wire Serial EEPROM 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 16 characters x 4 Lines, 5x7 Dot Matric Character and Cursor 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 CAP 2.2UF 16V 10% TANT SMD-3216-18 TR-13 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 Hex Buffers And Line Drivers With 3-State Outputs 16-SSOP -40 to 85 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 2-Wire Serial EEPROM 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 Quadruple 2-Input Positive-OR Gates 14-TSSOP -40 to 85 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14
|
ATMEL[ATMEL Corporation] Atmel Corp. ATMELCorporation Atmel, Corp. ATM Electronic, Corp. TE Connectivity, Ltd.
|
AD5245BRJZ10-R2 AD5245BRJZ50-RL7 AD5245BRJZ50-R2 A |
256 Position I2C Compatible Digital Potentiometer 10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO8 256-Position I2C-Compatible Digital Potentiometer 256-Position I2C?-Compatible Digital Potentiometer
|
Analog Devices, Inc.
|
24C512 AT24C512 AT24C512-10PC AT24C512-10PC-1.8 AT |
Quadruple 2-Input Positive-OR Gates 14-TVSOP -40 to 85 64K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 2-wire Serial EEPROM 64K X 8 I2C/2-WIRE SERIAL EEPROM, DSO8 2-wire Serial EEPROM 64K X 8 I2C/2-WIRE SERIAL EEPROM, PBGA8 2-wire Serial EEPROM 64K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 CABLE 9539, 9CORE, PER M; Cores, No. of:9; Conductor make-up:7/32AWG; Area, conductor CSA:0.2mm2; Diameter, External:6.2mm; Material, secondary insulation:PVC; Colour, secondary insulation:Chrome; Approval Bodies:CSA, SRPVC, UL RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:80 C; Voltage Nom.:300V RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:9; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:80 C; Voltage Nom.:300V RoHS Compliant: Yes 320 x 240 pixel format, LED or CFL Backlight 2-wireSerialEEPROM
|
Atmel, Corp. PROM Atmel Corp. ATMELCorporation ATMEL[ATMEL Corporation]
|
24C16 AT24C164 24C164 AT24C164-10SI-2.7 AT24C16 AT |
2-Wire Serial EEPROM 2-WireSerialEEPROM 16 characters x 4 Lines, 5x7 Dot Matric Character and Cursor 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 Triple 3-Input Positive-NOR Gate 14-SOIC -40 to 85 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 Triple 3-Input Positive-NOR Gate 14-TVSOP -40 to 85 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 2-Wire Serial EEPROM 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8
|
ATMEL[ATMEL Corporation] ATMELCorporation Atmel Corp. Atmel, Corp.
|
AT24C02AY1-10YI-2.7 AT24C04AY1-10YI-2.7 AT24C04AY1 |
256 X 8 I2C/2-WIRE SERIAL EEPROM, DSO8 4.90 X 3 MM, MSOP-8 512 X 8 I2C/2-WIRE SERIAL EEPROM, DSO8 4.90 X 3 MM, MSOP-8 2K X 8 I2C/2-WIRE SERIAL EEPROM, DSO8 4.90 X 3 MM, MSOP-8 2K X 8 I2C/2-WIRE SERIAL EEPROM, DSO8 2 X 3 MM, 0.50 MM PITCH, LEAD AND HALOGEN FREE, MO-229, DFN-8
|
Atmel, Corp.
|
FM24C08U_09U FM24C16U_17U FM24C02U FM24C04U_05U FM |
I2C Serial EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 I2C Serial EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 CONN HEADER .05 90POS DUAL T/H M1 - M1 CABLE 6 FEET 2K-Bit Standard 2-Wire Bus Interface Serial EEPROM From old datasheet system 2K--Bit Standard 2-Wire Bus Interface Serial EEPROM
|
http:// Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
AT24C04C-SSHM-T AT24C08C-SSHM-T AT24C08C-SSHM-B AT |
I2C-Compatible, (2-wire) Serial EEPROM 4-Kbit (512 x 8), 8-Kbit (1024 x 8)
|
ATMEL Corporation
|
CAT24WC08L-2.5 CAT24WC08J-1.8TE7 CAT24WC08P-2.7 CA |
1K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 0.300 INCH, PLASTIC, DIP-8 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 0.150 INCH, SOIC-8 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8
|
Electronic Theatre Controls, Inc. HIROSE ELECTRIC Co., Ltd.
|
CAT24WC08WETE13F CAT24WC08WATE13F CAT24WC01PATE13F |
1K/2K/4K/8K/16K-Bit Serial EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 GREEN, MO-187AA, MSOP-8 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 0.150 INCH, MS-012, SOIC-8 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 0.150 INCH, MS-012, SOIC-8 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 TSSOP-8 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8
|
CATALYST[Catalyst Semiconductor] NXP Semiconductors N.V. TE Connectivity, Ltd.
|
CAT24WC01 CAT24WC16 CAT24WC02YE-1.8 CAT24WC04ZE-1. |
128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 SOIC-8 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 LEAD AND HALOGEN FREE, PLASTIC, DIP-8 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 LEAD AND HALOGEN FREE, MSOP-8 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 LEAD AND HALOGEN FREE, MSOP-8 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 LEAD AND HALOGEN FREE, TSSOP-8 Serial EEPROM, Full Array Write Protect, 16Kb Serial EEPROM, Full Array Write Protect, 1Kb
|
NXP Semiconductors N.V. Fox Electronics Intersil, Corp. Catalyst Semiconductor
|
|