PART |
Description |
Maker |
LTC1966 LTC1966CMS8 LTC1966IMS8 |
Precision Micropower, SIGMA RMS-to-DC Converter
|
Linear Technology
|
LTC1967 LTC1967CMS8 LTC1967IMS8 LTC1967CMS8PBF LIN |
Precision Extended Bandwidth, RMS-to-DC Converter; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C RMS TO DC CONVERTER, PDSO8 Precision Extended Bandwidth, RMS-to-DC Converter; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 85°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
HA2-2602_883 HA-2602883 HA-2602_883 HA-2602/883 HA |
Wideband, High Impedance Operational Amplifier OP-AMP, 5000 uV OFFSET-MAX, 12 MHz BAND WIDTH, MBCY8 Wideband, High Impedance Operational Amplifier 宽带,高阻抗运算放大
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
HA7-5222_883 HA-5222_01 HA-522201 |
Dual, Low Noise, Wideband, Precision Operational Amplifier
|
INTERSIL[Intersil Corporation]
|
5962-89805012A 5962-8980501CA 5962-8980501IA AD536 |
Complete Monolithic IC Which Performs True RMS-to-DC Conversion Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3126; No. of Contacts:15; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Straight Plug RoHS Compliant: No JT 28C 26#20 2#16 SKT PLUG Integrated Circuit True RMS-to-DC Converter RMS TO DC CONVERTER, 0.09 MHz, CDIP14 Integrated Circuit True RMS-to-DC Converter RMS TO DC CONVERTER, 0.09 MHz, MBCY10
|
AD[Analog Devices] Analog Devices, Inc.
|
DK015L D8025L D2015L D2020L D2025 D2025L D4015L D4 |
Teccor manufactures 15 A rms to 25 A rms rectifiers with voltages rated from 200V to 1000V
|
LITTELFUSE[Littelfuse]
|
BTA10-800AW BTA10-200AW BTA10-400AW BTA10-700AW BT |
TRIAC|800V V(DRM)|10A I(T)RMS|TO-220 TRIAC|200V V(DRM)|10A I(T)RMS|TO-220 TRIAC|400V V(DRM)|10A I(T)RMS|TO-220 TRIAC|700V V(DRM)|10A I(T)RMS|TO-220 Transient Voltage Suppressor Diodes 可控硅| 600V的五(DRM)的| 10A条口(T)的有效值|20
|
Volex PLC
|
IPT240 I3PT430 ISPT640 IPT130 |
TRIAC|200V V(DRM)|40A I(T)RMS|PRESS-19 TRIAC|400V V(DRM)|30A I(T)RMS|FBASE-R-HW30 可控硅| 400V五(DRM)的| 30A条口(T)的有效值| FBASE受体- HW30 TRIAC|600V V(DRM)|40A I(T)RMS|IST-3RT-1/4 可控硅| 600V的五(DRM)的| 40A条口(T)的有效值|北京时间- 3RT - 1 / 4 TRIAC|100V V(DRM)|30A I(T)RMS|PRESS-19
|
Electronic Theatre Controls, Inc.
|
SDV1005-600 |
600W RMS,Class D Audio Amplifier Module(600W RMS,D级音频放大器模块) 600W额定功率,D类音频放大器模块00W额定功率级音频放大器模块
|
Electronic Theatre Controls, Inc.
|