PART |
Description |
Maker |
AS9C25128M2036L-250PI AS9C25128M2036L-133FC AS9C25 |
Miniature Enclosed Switches Series 914CE: Top Plunger; 1NC 1NO SPDT Snap Action; 9 foot Cable RECTIFIER STANDARD SINGLE 6A 50V 50 400A-ifsm 10uA-ir 0.9V-vf R6 500/REEL-13 IC REG LDO 1.0A 1.5V TO-252 RECTIFIER STANDARD SINGLE 6A 800V 800 400A-ifsm 10uA-ir 0.9V-vf R6 500/REEL-13 RECTIFIER STANDARD SINGLE 6A 600V 600 400A-ifsm 10uA-ir 0.9V-vf R6 500/REEL-13 RECTIFIER BRIDGE 2A 800V 60A-ifsm 1.1V-vf 5uA-ir WOG 1K/BULK IC REG LDO 1.5A 1.8V TO-252 RECTIFIER STANDARD SINGLE 6A 100V 100 400A-ifsm 10uA-ir 0.9V-vf R6 500/REEL-13 IC REG LDO 1.5A POS ADJ TO-252 RECTIFIER STANDARD SINGLE 6A 1000V 1000 400A-ifsm 10uA-ir 0.9V-vf R6 500/REEL-13 RECTIFIER STANDARD SINGLE 6A 200V 200 400A-ifsm 10uA-ir 0.9V-vf R6 500/REEL-13 RECTIFIER STANDARD SINGLE 6A 400V 400 400A-ifsm 10uA-ir 0.9V-vf R6 500/REEL-13 IC REG LDO 1.5A 3.3V TO-252 RECTIFIER BRIDGE 2A 1000V 60A-ifsm 1.1V-vf 5uA-ir WOG 1K/BULK RECTIFIER BRIDGE 2A 600V 60A-ifsm 1.1V-vf 5uA-ir WOG 1K/BULK 2.5V 256/128K X 36 Synchronous Dual-port SRAM with 3.3V or 2.5V interface 128K X 36 DUAL-PORT SRAM, 12 ns, PBGA256 2.5V 256/128K X 36 Synchronous Dual-port SRAM with 3.3V or 2.5V interface 256K X 36 DUAL-PORT SRAM, 6.5 ns, PBGA208 2.5V 256/128K X 36 Synchronous Dual-port SRAM with 3.3V or 2.5V interface 256K X 36 DUAL-PORT SRAM, 12 ns, PQFP208 128K X 36 DUAL-PORT SRAM, 10 ns, PQFP208
|
Alliance Semiconductor Corporation Alliance Semiconductor, Corp. INTEGRATED SILICON SOLUTION INC Alliance Semiconductor Corp...
|
400DMQ045 400DMQ035 400DMQ040 |
SCHOTTKY RECTIFIER 肖特基整流器 40V 400A Schottky DOUBLER Diode in a TO-244AB Isolated package 45V 400A Schottky DOUBLER Diode in a TO-244AB Isolated package
|
International Rectifier, Corp. IRF[International Rectifier]
|
MUR40005CT MUR40005CTR MUR40010CT MUR40010CTR MUR4 |
Super Fast Recovery Diode, 400A
|
Naina Semiconductor ltd.
|
MUR40040CT MUR40040CTR MUR40060CT MUR40060CTR |
Super Fast Recovery Diode, 400A
|
Naina Semiconductor ltd.
|
PC4008 |
DIODE 400A Avg 800 Volts
|
Nihon Inter Electronics Corporation
|
88HFR100M 88HFR120M 88HFR10M 88HFR140M 88HFR160M 8 |
STANDARD RECOVERY DIODES Diode Switching 1.6KV 85A 2-Pin DO-5 Diode Switching 800V 85A 2-Pin DO-5 Diode Switching 600V 85A 2-Pin DO-5 STANDARD RECOVERY DIODES
|
New Jersey Semi-Conductor Products, Inc. New Jersey Semiconductors New Jersey Semi-Conduct...
|
400CNQ040 |
40V 400A Schottky Common Cathode Diode in a TO-244AB Non-Isolated package
|
International Rectifier
|
1N3163 1N3162 1N3174 1N3176 1N3166 1N3167 |
Diode Switching 150V 240A 2-Pin DO-9 Diode Switching 100V 240A 2-Pin DO-9 Diode Switching 1KV 300A 2-Pin DO-9 Diode Switching 1.4KV 240A 2-Pin DO-9 Diode Switching 300V 240A 2-Pin DO-9 Diode Switching 350V 240A 2-Pin DO-9
|
New Jersey Semiconductor
|
25ETS12STRR 25ETS08S 25ETS08STRL 25ETS08STRR 25ETS |
800V 25A Std. Recovery Diode in a D2-Pak package INPUT RECTIFIER DIODE
|
IRF[International Rectifier]
|
SPMQ613-02TXV |
400 A, 600 V, N-CHANNEL IGBT HERMETIC SEALED PACKAGE-8 600V, 400A FAST SWITCHING IGBT HALF BRIDGE
|
Solid State Devices, Inc. Solid States Devices, Inc
|
2SK2294 A5800288 |
Switching (800V, 3A) From old datasheet system
|
ROHM
|