PART |
Description |
Maker |
L6902D013TR L6902D |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 1A CONSTANT CURRENT BATTERY CHARGER UP TO 1A SWITCHING REGULATOR WITH ADJUSTABLE CURRENT LIMIT
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
2SB1202L-X-T6C-K 2SB1202L-X-TM3-T 2SB1202L-R-TN3-K |
HIGH CURRENT SWITCHING APPLICATION 3 A, 50 V, PNP, Si, POWER TRANSISTOR, TO-252 HIGH CURRENT SWITCHING APPLICATION 大电流开关应 HIGH CURRENT SWITCHING APPLICATION 3 A, 50 V, PNP, Si, POWER TRANSISTOR, TO-126 HIGH CURRENT SWITCHING APPLICATION 3 A, 50 V, PNP, Si, POWER TRANSISTOR, TO-251
|
UTC[Unisonic Technologies] 友顺科技股份有限公司 Unisonic Technologies Co., Ltd. UNISONIC TECHNOLOGIES CO LTD ??『绉???′唤??????
|
2SK1365 E001341 K1365 |
FET, Silicon N Channel MOS Type(for High Speed, High Current Switching, Switching Power Supply) HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS SWITCHING POWER SUPPLY APPLICATIONS From old datasheet system FET/ Silicon N Channel MOS Type(for High Speed/ High Current Switching/ Switching Power Supply)
|
Toshiba Corporation Toshiba Semiconductor
|
2SC5175 E001059 |
NPN EPITAXIAL TYPE (HIHG CURRENT SWITCHING APPLICATIONS) npn型外延型HIHG电流开关应用) HIGH CURRENT SWITCHING APPLICATIONS From old datasheet system
|
Toshiba, Corp. Toshiba Corporation Toshiba Semiconductor
|
2SK3084 EA09398 |
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS) N通道马鞍山型(高速,大电流开关,斩波调压器,DC - DC变换器和电机驱动应用 HIGH SPEED, HIGH VOLTAGE SWITCHING APPLICATIONS From old datasheet system
|
Toshiba, Corp. TOSHIBA[Toshiba Semiconductor]
|
2SD2414SM E001183 2SD2414 |
HIGH CURRENT SWITCHING APPLICATIONS POWER AMPLIFIER APPLICATIONS From old datasheet system NPN TRIPLE DIFFUSED TYPE (HIGH CURRENT SWITCHING/ POWER AMPLIFIER APPLICATIONS)
|
Toshiba Semiconductor
|
2SC3303 E000823 |
NPN EPITAXIAL TYPE (HIGH CURRENT SWITCING APPLICATIONS) HIGH CURRENT SWITCHING APPLICATIONS From old datasheet system
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
MG600Q1US41 E002366 |
Triac; Thyristor Type:Snubberless; Peak Repetitive Off-State Voltage, Vdrm:600V; On State RMS Current, IT(rms):12A; Gate Trigger Current (QI), Igt:35mA; Current, It av:12A; Gate Trigger Current Max, Igt:35mA RoHS Compliant: Yes From old datasheet system HIGH POWER SWITCHING APPLICATIONS MOTOR CONTROL APPLICATIONS N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
|
Toshiba Corporation Toshiba Semiconductor
|
UC3845BVD1G UC2845BDR2G UC2845BD1G |
HIGH PERFORMANCE CURRENT MODE CONTROLLERS 1 A SWITCHING CONTROLLER, 275 kHz SWITCHING FREQ-MAX, PDSO14 1A, 52kHz (250kHz Max) Current Mode PWM Control Circuit with 8.4V UVLO Threshold and 48% Max Duty Cycle; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Rail; Qty per Container: 98 1 A SWITCHING CONTROLLER, 275 kHz SWITCHING FREQ-MAX, PDSO8
|
Rectron Semiconductor
|
2SB1151-T60-T 2SB1151L-T60-T 2SB1412-TN3-F-R 2SB14 |
NPN SILICON TRANSISTOR POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS HIGH VOLTAGE HIGH SPEED SWITCHING BIPOLAR POWER GENERAL PURPOSE TRANSISTOR HIGH VOLTAGE SWITCHING TRANSISTOR LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT
|
友顺科技股份有限公司 UTC[Unisonic Technologies]
|
UC3842ADR2 UC3842A05 UC3843AD2R2 UC3843AD2R2G UC38 |
1 A SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PDSO8 High Performance Current Mode Controllers
|
ONSEMI[ON Semiconductor]
|
2SD1049 |
TRIPLE DIFFUSED PLANER TYPE HIGH CURRENT HIGH SPEED SWITCHING
|
FUJI[Fuji Electric]
|