PART |
Description |
Maker |
AC20 AC04 AC10 AC03 AC15 AC07 AC01 AC05 |
Cemented wirewound resitors CEMENTED WIREWOUND RESISTORS
|
ETC[ETC] PHILIPS[Philips Semiconductors]
|
AC03 AC15 |
Cemented wirewound resistors 硬质合金线绕电阻
|
NXP Semiconductors N.V.
|
PAC |
Cemented Wirewound Precision Resistors
|
Vishay Siliconix
|
M29F040 M295V040-120N6R M295V040-120XK6R M295V040- |
Excalibur Low-Noise High-Speed JFET-Input Dual Operational Amplifier 8-SOIC JFET-Input Low Power High Drive Quad Operational Amplifier 14-CFP -55 to 125 JFET-Input Low Power High Drive Quad Operational Amplifier 14-SOIC 4兆位512KB的8,统一座单电源闪存 JFET-Input High Speed Low Noise Single Operational Amplifier 8-CDIP -55 to 125 4兆位512KB的8,统一座单电源闪存 Switch Mode Power Supply; Series:ZWS; Output Voltage:48VDC; Output Power Max:302.4W; Output Current:6.3A; Number of Outputs:1; Approval Bodies:UL, CSA, CE; Input Current Max:4A; Input Current Min:2A; Supply Voltage Max:265VAC 4兆位512KB的8,统一座单电源闪存 Switch Mode Power Supply; Series:ZWS; Output Voltage:36VDC; Output Power Max:302.4W; Output Current:8.4A; Number of Outputs:1; Leaded Process Compatible:No; Approval Bodies:UL, CSA, CE; Input Current Max:4A; Input Current Min:2A 4兆位512KB的8,统一座单电源闪存 Excalibur Low-Noise High-Speed JFET-Input Operational Amplifier 8-SOIC 4兆位512KB的8,统一座单电源闪存 Switch Mode Power Supply; Series:ZWS; Output Voltage:12VDC; Output Power Max:15W; Output Current:1.25A; Number of Outputs:1; Supply Voltage Max:265VAC; Supply Voltage Min:85VAC 4兆位512KB的8,统一座单电源闪存 JFET-Input Low Power High Drive Quad Operational Amplifier 14-CDIP -55 to 125 4兆位512KB的8,统一座单电源闪存 4 Mbit 512Kb x8, Uniform Block Single Supply Flash Memory 4兆位512KB的8,统一座单电源闪存 Switch Mode Power Supply; Series:ZWS; Output Voltage:24VDC; Output Power Max:300W; Output Current:12.5A; Number of Outputs:1; Approval Bodies:UL, CSA, CE; Input Current Max:4A; Input Current Min:2A; Supply Voltage Max:265VAC Switch Mode Power Supply; Series:ZWS; Output Voltage:48VDC; Output Power Max:206.4W; Output Current:4.3A; Number of Outputs:1; Approval Bodies:UL, CSA, CE; Input Current Max:2.8A; Input Current Min:1.4A; Supply Voltage Max:265VAC PSU, OPEN FRAME, 150W, 12V; Voltage, output:12V; Current, output:12.5A; Power rating:150W; Voltage, supply min:85V; Voltage, supply max:265V; Length / Height, external:40mm; Width, external:75mm; Depth, external:222mm; Frequency, RoHS Compliant: Yes Switch Mode Power Supply; Series:ZWS; Output Voltage:24VDC; Output Power Max:201.6W; Output Current:8.4A; Number of Outputs:1; Approval Bodies:UL, CSA, CE; Input Current Max:2.8A; Input Current Min:1.4A; Supply Voltage Max:265VAC POWER SUPPLY, 150 WATTS Switch Mode Power Supply; Series:ZWS; Output Voltage:36VDC; Output Power Max:201.6W; Output Current:5.6A; Number of Outputs:1; Approval Bodies:UL, CSA, CE; Input Current Max:2.8A; Input Current Min:1.4A; Supply Voltage Max:265VAC JFET-Input Low Power High Drive Quad Operational Amplifier 20-LCCC -55 to 125 4 Mbit 512Kb x8 / Uniform Block Single Supply Flash Memory
|
STMicroelectronics N.V. 意法半导 ST Microelectronics
|
40NJR10E 41NJR10E 42NJR10E 43NJR10E 45NJR10E 47NJR |
RESISTOR SILICONE 1.2K OHM 5W RESISTOR, WIRE WOUND, 5 W, 1 %, 20 ppm, 1200 ohm, THROUGH HOLE MOUNT Ohmicone? Silicone-Ceramic Conformal Axial Term. Wirewound, 1% and 5% Tol. Std. Ohmicone庐 Silicone-Ceramic Conformal Axial Term. Wirewound, 1% and 5% Tol. Std. Ohmicone垄莽 Silicone-Ceramic Conformal Axial Term. Wirewound, 1% and 5% Tol. Std.
|
Ohmite Mfg. Co.
|
ZW.../...FST |
Cemented Resistors with Push-on Terminals, All welded construction, Fast - on terminals for a reliable electrical contact, Taps and insulated windings on a common core available (please contact factory), Suited for a customer design
|
Vishay
|
126S 117S 151S 176S |
THYRISTOR/DIODE MODULE, 40A 1200VTHYRISTOR/DIODE MODULE, 40A 1200V; Voltage, Vrrm:1200V; Current, It av:40A; Case style:SEMIPACK 1; Current, It rms 3/8 (9.52mm) Sq. Wirewound Trimmers 3/8in [9.52mm] Sq. Wirewound Trimmers, Precious Metal Wiper, Solderable Leads, Military Quality at Affordable Prices
|
Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
OC-O87VT01A OC-O87VT01B OC-O87VT01C OC-O87VT01D OC |
Resistor Wirewound 25.5 OHM 1% 10W 20PPM AXIAL Thru-Hole T/R Resistor Wirewound 20.5 OHM 1% 10W 20PPM AXIAL Thru-Hole T/R Micro-miniature OCXO
|
NEL Frequency Controls, Inc. NEL[Nel Frequency Controls,inc] Nel Frequency Controls,...
|
CD54 |
Ind / Wirewound
|
Sumida
|
RKT-3540S |
WIREWOUND ELEMENT
|
Kingtronics International Company
|
RT500 |
Wirewound Rheostat/Potentiometer
|
Vishay Siliconix
|
|