PART |
Description |
Maker |
R6031.522PSYA R6221.530PSYA R6220.530PSYA R9GS2010 |
220 A, 150 V, SILICON, RECTIFIER DIODE R60, 1 PIN 300 A, 150 V, SILICON, RECTIFIER DIODE R62, 2 PIN 300 A, 50 V, SILICON, RECTIFIER DIODE R62, 2 PIN 1000 A, 2000 V, SILICON, RECTIFIER DIODE R9G, 2 PIN 350 A, 2200 V, SILICON, RECTIFIER DIODE 100 A, 200 V, SILICON, RECTIFIER DIODE 200 A, 1500 V, SILICON, RECTIFIER DIODE 1500 A, 1200 V, SILICON, RECTIFIER DIODE 125 A, 800 V, SILICON, RECTIFIER DIODE 150 A, 1200 V, SILICON, RECTIFIER DIODE 400 A, 200 V, SILICON, RECTIFIER DIODE 800 A, 3200 V, SILICON, RECTIFIER DIODE 350 A, 700 V, SILICON, RECTIFIER DIODE 400 A, 900 V, SILICON, RECTIFIER DIODE 100 A, 1500 V, SILICON, RECTIFIER DIODE 1000 A, 1500 V, SILICON, RECTIFIER DIODE 1000 A, 1700 V, SILICON, RECTIFIER DIODE 800 A, 3100 V, SILICON, RECTIFIER DIODE 250 A, 50 V, SILICON, RECTIFIER DIODE 800 A, 3600 V, SILICON, RECTIFIER DIODE 330 A, 500 V, SILICON, RECTIFIER DIODE
|
Powerex, Inc. POWEREX INC
|
CR80-040 CR150-100 CR80-020LEADFREE CENTRALSEMICON |
2.5V to 5.5V, 230µA Dual Rail-to-Rail Voltage Output 10-Bit DAC with Parallel Interface in 24-lead TSSOP 80 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 150 A, 1000 V, SILICON, RECTIFIER DIODE, DO-8 80 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 600 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 800 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 1200 V, SILICON, RECTIFIER DIODE, DO-5 True Bipolar Input, Dual 12-Bit, 2-Channel, Simultaneous Sampling SAR ADC; Package: TSSOP; No of Pins: 24; Temperature Range: Industrial 80 A, 800 V, SILICON, RECTIFIER DIODE, DO-5
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
S1X-13-F S1K-13-F |
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER RECTIFIER STANDARD SINGLE 1A 800V 800 30A-ifsm 5uA-ir 1.1V-vf SMA 5K/REEL 1 A, 800 V, SILICON, SIGNAL DIODE
|
Diodes Incorporated Diodes, Inc.
|
1N4007GPP 1N4006GPP |
GLASS PASSIVATED JUNCTION SILICON RECTIFIER 1.0 AMP, 50 THRU 1000 VOLTS 1 A, 800 V, SILICON, SIGNAL DIODE, DO-41
|
Central Semiconductor Corp. Vishay Intertechnology, Inc.
|
2N689A 2N684A 2N686A 2N684 2N691 2N683 2N688 2N692 |
SILICON CONTROLLED RECTIFIER 25 AMPS, 25 THRU 800 VOLTS 25 A, 150 V, SCR, TO-48 SILICON CONTROLLED RECTIFIER 25 AMPS 25 THRU 800 VOLTS Leaded Thyristor SCR
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp] Central Semiconductor C...
|
CS220-10B CS220-10D CS220-10M CS220-10N |
SILICON CONTROLLED RECTIFIER 10 AMP, 200 THRU 800 VOLTS 10 A, 400 V, SCR, TO-220AB SILICON CONTROLLED RECTIFIER 10 AMP, 200 THRU 800 VOLTS 10 A, 200 V, SCR, TO-220AB SILICON CONTROLLED RECTIFIER 10 AMP, 200 THRU 800 VOLTS 10 A, 800 V, SCR, TO-220AB
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
MAC229-4 MAC229-6 MAC229-8 MAC229-10 MAC229A10 MAC |
TRIACs 8 AMPERES RMS 200 thru 800 VOLTS 800 V, 8 A, TRIAC, TO-220AB
|
Motorola Mobility Holdings, Inc.
|
0071.1241.B1 0071.1241.A2 0071.1241.XX 0071.1241.T |
120 - 360 VAC ・ 800 - 13000 A ・ 5 - 25 mm 123-360VAC 800-13000A 5-25MM
|
Schurter Inc.
|
DD21S8K-A DD68S10K-A DD68S8K-A |
32 A, 800 V, SILICON, RECTIFIER DIODE 76 A, 1000 V, SILICON, RECTIFIER DIODE 76 A, 800 V, SILICON, RECTIFIER DIODE
|
Xicon Passive Components
|
DD46S8K |
64 A, 800 V, SILICON, RECTIFIER DIODE
|
|
MUR480 |
4 A, 800 V, SILICON, RECTIFIER DIODE
|
FREESCALE SEMICONDUCTOR INC
|
BYW96D/22113 BYW96D/22112 |
3 A, 800 V, SILICON, RECTIFIER DIODE
|
NXP Semiconductors N.V.
|
|