PART |
Description |
Maker |
1N6148 1N6148A 1N6122 1N6147 1N6153 1N6156 1N6143 |
From old datasheet system HC-B 16-SD-FQ/FS HC-D 15-AP OG BIDIRECTIONAL TRANSIENT SUPPRESSORS 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE BIDIRECTIONAL TRANSIENT SUPPRESSORS 500 W, BIDIRECTIONAL, SILICON, TVS DIODE Transient Voltage Suppressor 瞬态电压抑制器 Dual, Ultra-Low-Voltage SOT23 µP Supervisors with Manual Reset and Watchdog Timer 瞬态电压抑制器
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp. MICROSEMI CORP-SCOTTSDALE TVS-瞬态抑制二极管 Semtech, Corp.
|
SA43A-TP SA6.0A-TP SA150CA-TP SA8.0A-TP SCA45CA SA |
500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS TVS 500W 20V BIDIRECT DO-15 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 500W 10V BIDIRECT DO-15 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 500W 20V UNIDIRECT DO-15 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 500W 6.5V UNIDIRECT DO-15 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 500W 5.0V UNIDIRECT DO-15 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 500W 6.0V BIDIRECT DO-15
|
http:// Micro Commercial Components, Corp. Micro Commercial Compon...
|
S8LCC24-2 |
500 W, BIDIRECTIONAL, 4 ELEMENT, SILICON, TVS DIODE
|
SENSITRON SEMICONDUCTOR
|
USB50805C-T13 |
500 W, BIDIRECTIONAL, 4 ELEMENT, SILICON, TVS DIODE
|
PROTEK DEVICES
|
MSPP5K30CATR MQP5K30CATR MSPP5K30CAE3TR MAP5K30CAE |
500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-204AL PLASTIC, DO-41, 2 PIN 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AL
|
Microsemi, Corp. MICROSEMI CORP-SCOTTSDALE
|
SA110-G SA24-GT3 SA13C-T3 SA10A-T3 |
500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15
|
SENSITRON SEMICONDUCTOR
|
SEN-R-956-XXX SEN-R-956-009 SEN-R-956-012 SEN-R-95 |
TRANSIENT VOLTAGE SUPPRESSOR 500 WATT SERIES Glass Passivated Die Plus Dual Heat Strips BIDIRECTIONAL, SILICON, TVS DIODE
|
Sensitron Semiconductor
|
SM1615C-LF-T7 SM1603C-T7 |
STANDARD CAPACITANCE TVS ARRAY 500 W, BIDIRECTIONAL, 8 ELEMENT, SILICON, TVS DIODE
|
ProTek Devices
|
SM1612C-LF-T13 SM1615-LF SM1615C-LF-T13 |
500 W, BIDIRECTIONAL, 8 ELEMENT, SILICON, TVS DIODE 500 W, UNIDIRECTIONAL, 8 ELEMENT, SILICON, TVS DIODE
|
PROTEK DEVICES
|
MAC08BT105 MAC08BT1G MAC08MT1G MAC08MT1 MAC08BT1 |
Silicon Bidirectional Thyristor(0.8A锛?00V涓????????纭???哥?) Sensitive Gate Triacs Silicon Bidirectional Thyristors Silicon Bidirectional Thyristor(0.8A00V三端双向可控硅晶闸管) 200 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-261AA
|
ONSEMI[ON Semiconductor]
|
2N6072 2N6072A 2N6072B 2N6074 2N6074A 2N6074B 2N60 |
Sensitive gate triac. Silicon bidirectional thyristor. 4 A RMS. Peak repetitive off-state voltage 300 V. Sensitive gate triac. Silicon bidirectional thyristor. 4 A RMS. Peak repetitive off-state voltage 500 V. Sensitive gate triac. Silicon bidirectional thyristor. 4 A RMS. Peak repetitive off-state voltage 600 V.
|
Motorola
|
SMDB24C SMDA15C SMDA12 SMDA05 SMDA05C SMDA03C SMDA |
TVSarray Series From old datasheet system TVSarray Series 500 W, BIDIRECTIONAL, 4 ELEMENT, SILICON, TVS DIODE
|
MICROSEMI[Microsemi Corporation] Micro Commercial Components, Corp.
|
|