PART |
Description |
Maker |
PI5A4764GAE PI5A4764 |
Smal Package, Dual SPDT Audio Clickless Analog Switch
|
PERICOM[Pericom Semiconductor Corporation]
|
EMH2602 |
3500 mA, 30 V, 2 CHANNEL, N AND P-CHANNEL, Si, SMALL SIGNAL, MOSFET N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
|
SANYO SEMICONDUCTOR CO LTD Sanyo Semicon Device
|
HI3-0506A-5Z |
16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel,CMOS Analog MUXs with Active Overvoltage Protection
|
Intersil Corporation
|
ADG506A ADG506ABQ ADG506AKN ADG506AKP ADG506AKR AD |
CMOS ± 15 V 8 Channel Analog Multiplexer CMOS 15 V 8 Channel Analog Multiplexer CMOS 8-/16-Channel Analog Multiplexers 16-CHANNEL, SGL ENDED MULTIPLEXER, PQCC28 Portable Work Lamp, 3.5 in x 5 in [76,2 mm x 127,0 mm], Spot Beam Pattern, 12 Vdc/50 W/4 A 8-CHANNEL, DIFFERENTIAL MULTIPLEXER, PDIP28 16-Channel Multiplexer (Superior DG506A Replacement); Package: PLCC; No of Pins: 28; Temperature Range: Commercial 16-CHANNEL, SGL ENDED MULTIPLEXER, PQCC28
|
http:// AD[Analog Devices] Analog Devices, Inc.
|
FDS8936S |
Dual N-Channel Enhancement Mode Field Effect Transistor 5 A, 30 V, 0.04 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET
|
Fairchild Semiconductor, Corp.
|
AK4628 AK4628VQ |
2-channel 96KHz ADC 8-channel 192KHz DAC HIGH PERFORMANCE MULTI CHANNEL AUDIO CODEC
|
AKM[Asahi Kasei Microsystems]
|
BSS84DW2 BSS84DW-7-F |
DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR 130 mA, 50 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Diodes Incorporated Diodes, Inc.
|
DMN5L06VAK DMN5L06VK-7 |
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR 280 mA, 50 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Diodes Inc. Diodes, Inc.
|
FDC6420 FDC6420C FDC6420CD84Z |
20V N & P-Channel PowerTrench MOSFETs 3000 mA, 20 V, 2 CHANNEL, N AND P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
FAIRCHILD[Fairchild Semiconductor] FAIRCHILD SEMICONDUCTOR CORP
|
IXTL2X240N055T |
140 A, 55 V, 0.0044 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET ISOPLUS, I5PAC-5 N-Channel Enhancement Mode Avalanche Rated
|
IXYS Corporation
|
CMLDM5757 |
SURFACE MOUNT DUAL P-CHANNEL ENHANCEMENT-MODE SILICON MOSFETS 430 mA, 20 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Central Semiconductor Corp
|
|