PART |
Description |
Maker |
1N2282 1N1185A 1N1612 1N3055 1N4510 1N3573R 1N1581 |
35 A, 300 V, SILICON, RECTIFIER DIODE, DO-5 40 A, 150 V, SILICON, RECTIFIER DIODE, DO-5 5 A, 50 V, SILICON, RECTIFIER DIODE, DO-4 0.125 A, SILICON, SIGNAL DIODE 12 A, 1000 V, SILICON, RECTIFIER DIODE, DO-4 3.5 A, 500 V, SILICON, RECTIFIER DIODE, DO-4 3 A, 50 V, SILICON, RECTIFIER DIODE, DO-4 1 A, 400 V, SILICON, SIGNAL DIODE, DO-4 1 A, 200 V, SILICON, SIGNAL DIODE, DO-4 0.8 A, SILICON, SIGNAL DIODE 35 A, 800 V, SILICON, RECTIFIER DIODE, DO-5 275 A, 150 V, SILICON, RECTIFIER DIODE, DO-9
|
|
KSC2330YNBU KSC2330YTA KSC2330YH2TA KSC2330ONBU |
100 mA, 300 V, NPN, Si, SMALL SIGNAL TRANSISTOR TO-92L, 3 PIN NPN Epitaxial Silicon Transistor; Package: TO-92L; No of Pins: 3; Container: Ammo 100 mA, 300 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
2SK1228TMG MA3027-LH MA3027TSK MA3150-LTMG MA3360- |
100 mA, 50 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 2.7 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 0.1 A, SILICON, SIGNAL DIODE SILICON, PIN DIODE UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR 0.035 A, 2 ELEMENT, SILICON, SIGNAL DIODE
|
PANASONIC CORP
|
1N6639US 1N6639 1N6641US 1N6641 1N6640US 1N6640 |
300 mAmp 75-100 Volts 4 nsec Computer Switching Diode 0.3 A, SILICON, SIGNAL DIODE, DO-35
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
KSC2330 KSC2330YBU KSC2330YNBU KSC2330YTA KSC2330R |
100 mA, 300 V, NPN, Si, SMALL SIGNAL TRANSISTOR TO-92L, 3 PIN Color TV Chroma Output NPN Epitaxial Silicon Transistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
MMFT960T106 MMFT960T1 MMFT960T1G |
Power MOSFET 300 mA, 60 Volts; Package: SOT-223 (TO-261) 4 LEAD; No of Pins: 4; Container: Tape and Reel; Qty per Container: 1000 300 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-261AA Power MOSFET 300 mA, 60 Volts N−Channel SOT−223
|
ON Semiconductor
|
DDA114EU DDA114EU-7 DDA114TU DDA114TU-7 DDA114YU D |
PNP PRE-BIASED SMALL SIGNAL SOT-63 DUAL SURFACE MOUNT TRANSISTOR 100 mA, 50 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR CONN, 300 PIN PLUG, 0.05 X 0.05 IN. CENTERLINES, MEG-ARRAY, UL REQUIRED 30 mA, 50 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR CONN, PLUG, .050 IN, MEG-ARRAY, 300 X NPN PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Inc. DIODES[Diodes Incorporated]
|
BF550 Q62702-F944 |
PNP Silicon RF Transistor (For common emitter amplifier stages up to 300 MHz For mixer applications in AM/FM radios and VHF TV tuners) 25 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236 From old datasheet system
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
NTE2404N NTE2404NPN NTE2404 NTE2405 |
300 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR Silicon Complementary Transistors Darlington / General Purpose Silicon Complementary Transistors Darlington, General Purpose
|
NTE[NTE Electronics]
|
R6031.522PSYA R6221.530PSYA R6220.530PSYA R9GS2010 |
220 A, 150 V, SILICON, RECTIFIER DIODE R60, 1 PIN 300 A, 150 V, SILICON, RECTIFIER DIODE R62, 2 PIN 300 A, 50 V, SILICON, RECTIFIER DIODE R62, 2 PIN 1000 A, 2000 V, SILICON, RECTIFIER DIODE R9G, 2 PIN 350 A, 2200 V, SILICON, RECTIFIER DIODE 100 A, 200 V, SILICON, RECTIFIER DIODE 200 A, 1500 V, SILICON, RECTIFIER DIODE 1500 A, 1200 V, SILICON, RECTIFIER DIODE 125 A, 800 V, SILICON, RECTIFIER DIODE 150 A, 1200 V, SILICON, RECTIFIER DIODE 400 A, 200 V, SILICON, RECTIFIER DIODE 800 A, 3200 V, SILICON, RECTIFIER DIODE 350 A, 700 V, SILICON, RECTIFIER DIODE 400 A, 900 V, SILICON, RECTIFIER DIODE 100 A, 1500 V, SILICON, RECTIFIER DIODE 1000 A, 1500 V, SILICON, RECTIFIER DIODE 1000 A, 1700 V, SILICON, RECTIFIER DIODE 800 A, 3100 V, SILICON, RECTIFIER DIODE 250 A, 50 V, SILICON, RECTIFIER DIODE 800 A, 3600 V, SILICON, RECTIFIER DIODE 330 A, 500 V, SILICON, RECTIFIER DIODE
|
Powerex, Inc. POWEREX INC
|
A42 |
300 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
BCD SEMICONDUCTOR MANUFACTURING LTD
|
|