PART |
Description |
Maker |
P9-221199 P9-411377 |
PUSHBUTTON SWITCH, SPST, MOMENTARY, 5A, 28VDC, THROUGH HOLE-STRAIGHT PUSHBUTTON SWITCH, SPST, MOMENTARY, 0.01A, 5VDC, PANEL MOUNT
|
OTTO ENGINEERING INC
|
FP11SPC1B1TP FP11SPC1B1TP00 FP11SPB1TP FP11SPB1TP0 |
Sealed Ultra Miniature Pushbutton Switches PUSHBUTTON SWITCH, SPST, MOMENTARY, 0.02A, 28VDC, THROUGH HOLE-STRAIGHT PUSHBUTTON SWITCH, SPST, MOMENTARY, 0.02A, 28VDC, THROUGH HOLE-RIGHT ANGLE
|
C&K Components C & K COMPONENTS INC
|
1241.2858 |
Vandal Resistant Pushbutton Switch; Actuator Diameter:14mm; Circuitry:SPST-NO; Switch Operation:Momentary; Contact Current Max:125mA; Leaded Process Compatible:Yes; Mounting Type: PCB; Switch Function:SPST-NO; External Width:21.5mm
|
SCHURTER INC
|
SCHURTERINC-1241.6612.1110000 1241.6631.1110000 12 |
Vandal Resistant Pushbutton Switch; Circuitry:SPST-NO SPST-NC; Switch Operation:(On); Contact Current Max:0.1A; Approval Categories:IP 67 Degree of Protection, IK 07 Shock Resistance according To DIN EN 50102
|
SCHURTER INC
|
TP33MW03000 TP32MW03000 TP42MW03000 TP33P083000 TP |
PUSHBUTTON SWITCH, SPST, MOMENTARY, 0.02A, 20VDC, PANEL MOUNT PUSHBUTTON SWITCH, SPDT, MOMENTARY, 0.02A, 20VDC, PANEL MOUNT PUSHBUTTON SWITCH, DPDT, MOMENTARY, 0.02A, 20VDC, PANEL MOUNT PUSHBUTTON SWITCH, SPST, MOMENTARY, 0.02A, 20VDC, THROUGH HOLE-STRAIGHT PUSHBUTTON SWITCH, SPDT, MOMENTARY, 0.5A, 48VDC, THROUGH HOLE-RIGHT ANGLE PUSHBUTTON SWITCH, SPST, MOMENTARY, 0.5A, 48VDC, THROUGH HOLE-STRAIGHT
|
|
1241.2832.066 1241.2825.000 |
PUSHBUTTON SWITCH, SPST, MOMENTARY, 0.125A, 48VDC, PANEL MOUNT PUSHBUTTON SWITCH, SPST, MOMENTARY, 0.08A, 24VDC, PANEL MOUNT
|
SCHURTER INC
|
TPC11CGVRA0 TPD21RGPC2 TPC11FGVRA0 TPB11CGPC2 TPA2 |
PUSHBUTTON SWITCH, SPST, MOMENTARY, 0.02A, 20VDC, THROUGH HOLE-RIGHT ANGLE PUSHBUTTON SWITCH, DPDT, MOMENTARY, 0.02A, 20VDC, THROUGH HOLE-STRAIGHT PUSHBUTTON SWITCH, SPDT, MOMENTARY, 0.02A, 20VDC, THROUGH HOLE-RIGHT ANGLE PUSHBUTTON SWITCH, SPST, MOMENTARY, 0.02A, 20VDC, THROUGH HOLE-STRAIGHT PUSHBUTTON SWITCH, DPST, MOMENTARY, 0.02A, 20VDC, THROUGH HOLE-RIGHT ANGLE PUSHBUTTON SWITCH, DPST, MOMENTARY, 0.02A, 20VDC, THROUGH HOLE-STRAIGHT
|
TYCO ELECTRONICS ALCOSWITCH
|
MSP103C0 |
PUSHBUTTON SWITCH, SPST, MOMENTARY, 3A, PANEL MOUNT-THREADED
|
TYCO ELECTRONICS ALCOSWITCH
|
8532MCGE3 |
PUSHBUTTON SWITCH, SPST, MOMENTARY, 1A, 28VDC, THROUGH HOLE-STRAIGHT ROHS COMPLIANT
|
C.K Components
|
FA2LAA13 LCB22 |
PUSHBUTTON SWITCH, SPST, MOMENTARY, 30A, 30VDC, PANEL MOUNT PUSHBUTTON SWITCH, DPST, MOMENTARY, 6A, 30VDC, PANEL MOUNT
|
THE CHERRY CORP
|
SOF-232HST SOF-232HNT SOF-262HNT |
PUSHBUTTON SWITCH, SPST, MOMENTARY-TACTILE, 0.05A, 12VDC, SURFACE MOUNT-STRAIGHT
|
MITSUMI ELECTRIC CO., LTD. MITSUMI ELECTRIC CO LTD
|
P5-A22224 P5-A24114 P5-A51213 P5-A51224 P5-A51222 |
PUSHBUTTON SWITCH, SPST, MOMENTARY-TACTILE, 10A, 28VDC, PANEL MOUNT-THREADED
|
OTTO ENGINEERING INC
|
|