PART |
Description |
Maker |
MN103E040HYB |
MICROPROCESSOR, CBGA424
|
PANASONIC CORP
|
ICL7104 ICL7104-14CPL ICL8052 ICL8068 LCL8052CDD L |
14-Bit/16-Bit/ Microprocessor- Compatible/ 2-Chip/ A/D Converter 14-Bit/16-Bit Microprocessor 14-Bit/16-Bit / Microprocessor- Compatible / 2-Chip / A/D Converter 14-BitMicroprocessor-Compatible,
2-Chip, A/D Converter(14位、微处理器兼容的2片A/D转换 16-Bit, Microprocessor-Compatible, 2-Chip, A/D Converter(16位、微处理器兼容的2片ADC) 16位微处理器兼容,2芯片,A / D转换16位,微处理器兼容片ADC)的 16-Bit, Microprocessor-Compatible, 2-Chip, A/D Converter(16浣??寰??????煎?????DC)
|
Intersil Corporation Intersil, Corp.
|
TD7103F TMPZ84C00AP-10 TMPZ84C00AM-8 TMPZ84C00AT-8 |
TD71 SERIES, PRESCALER 8-BIT, 10 MHz, MICROPROCESSOR, PDIP40 8-BIT, 8 MHz, MICROPROCESSOR, PDSO40 8-BIT, 8 MHz, MICROPROCESSOR, PQCC44
|
|
80C88/883 80C88 |
Microprocessor, 8/16 Bit, CMOS, 883 Compliant, Process Speed 8MHz Microprocessor, 8/16 Bit, CMOS, Process Speed 5 and 8MHz Microprocessor 3.08V Reset Monitor, -40C to 125C, 3-SC-70, T/R 16位产品的CMOS微处理器
|
Intersil
|
ADM810JART-REEL ADM810JART-REEL-7 ADM810LART-REEL- |
0.3-6V; 20mA; 320mW; microprocessor supervisory circuit. For microprocessor systems, computers, controllers, intelligent instruments, automotive systems
|
Analog Devices
|
RM7000A RM7000A-400T RM7000A-300T RM7000A-350T RM7 |
64-Bit MIPS RISC Microprocessor with Integrated L2 Cache RM7000A⑩ Microprocessor with On-Chip Secondary Cache Data Sheet Released
|
PMC[PMC-Sierra, Inc]
|
MCF532908 MCF5327 MCF5328 |
ColdFire垄莽 Microprocessor ColdFire? Microprocessor
|
Freescale Semiconductor, Inc
|
MR80C88-2B 5962-8601601QA |
CMOS 8/16-Bit Microprocessor 16位产品的CMOS微处理器 CMOS 8/16-Bit Microprocessor 16-BIT, 5 MHz, MICROPROCESSOR, CDIP40
|
Intersil, Corp.
|
HS1-80C85RH-8 HS9-80C85RH-8 HS1-80C85RH-Q HS9-80C8 |
Radiation Hardened 8-Bit CMOS Microprocessor 8-BIT, 2 MHz, MICROPROCESSOR, CDFP42
|
Intersil, Corp. Intersil Corporation
|
TS68020MF1B/C20 TS68020MFB/C20 TS68020MR1B/C20 TS6 |
HCMOS 32-bit Virtual Memory Microprocessor 32-BIT, 25 MHz, MICROPROCESSOR, CPGA114 MB 41C 27#20 14#16 SKT RECP 32-BIT, 16.67 MHz, MICROPROCESSOR, CQFP132 HCMOS 32-bit Virtual Memory Microprocessor 32-BIT, 16.67 MHz, MICROPROCESSOR, CQFP132 HCMOS 32-bit Virtual Memory Microprocessor 32-BIT, 16.67 MHz, MICROPROCESSOR, CPGA114 CAP 47PF 200V 200V X7R RAD.20 .20X.20 BULK P-MIL-PRF-39014 32-BIT, 16.67 MHz, MICROPROCESSOR, CPGA114 HCMOS 32-bit Virtual Memory Microprocessor 32-BIT, 20 MHz, MICROPROCESSOR, CQFP132 CAP 33PF 200V 200V X7R RAD.20 .20X.20 BULK P-MIL-PRF-39014 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT01; Number of Contacts:41; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle CAP 47PF 200V 200V X7R RAD.20 .20X.20 BULK P-MIL-PRF-39014 STANDOFF CAP 68PF 200V 200V X7R RAD.20 .20X.20 BULK P-MIL-PRF-39014 T1/E1 Transformer HCMOS 32-bit Virtual Memory Microprocessor
|
http:// Atmel, Corp. Atmel Corp. ATMEL Corporation
|
MC68EC030FE40C MC68EC030FE25C MC68EC030FE25CB1 MC6 |
32-BIT, 40 MHz, MICROPROCESSOR, CQCC132 CERQUAD-132 32-BIT, 25 MHz, MICROPROCESSOR, CQCC132 CERQUAD-132 32-BIT, 25 MHz, MICROPROCESSOR, CQFP132 CERAMIC, QFP-132 32-BIT, 25 MHz, MICROPROCESSOR, CPGA128
|
Motorola Mobility Holdings, Inc. MOTOROLA INC
|
|