PART |
Description |
Maker |
CD4001BC CD4011BC CD4001BCMX CD4011BCMX CD4001BCM |
From old datasheet system Quad 2-Input NOR Buffered B Series Gate • Quad 2-Input NOR Buffered B Series Gate . Quad 2-Input NAND Buffered B Series Gate 4000/14000/40000 SERIES, QUAD 2-INPUT NOR GATE, PDSO14 16-Bit Bus Transceiver And Register With 3-State Outputs 56-TSSOP -40 to 85 4000/14000/40000 SERIES, QUAD 2-INPUT NAND GATE, PDSO14
|
http:// FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
MC14093BCL MC14093B ON0871 MC14093BCP MC14XXXBCL M |
QUAD 2 INPUT NAND SCHMITT TRIGGER From old datasheet system ORDERING INFORMATION IEEE 802.3af PoE Powered Device Controllers 8-TSSOP -40 to 85 Quad 2-Input NAND Schmitt Trigger 4000/14000/40000 SERIES, QUAD 2-INPUT NAND GATE, CDIP14 Quad 2-Input NAND Schmitt Trigger 4000/14000/40000 SERIES, QUAD 2-INPUT NAND GATE, PDSO14
|
ON Semi Motorola, Inc. Motorola Mobility Holdings, Inc.
|
HEF4077BDB HEF4077BPB |
4000/14000/40000 SERIES, QUAD 2-INPUT XNOR GATE, CDIP14 4000/14000/40000 SERIES, QUAD 2-INPUT XNOR GATE, PDIP14
|
NXP SEMICONDUCTORS
|
MC14001UBDG MC14001UBCPG MC14011UBCPG MC14011UBDG |
UB-Suffix Series CMOS Gates 4000/14000/40000 SERIES, QUAD 2-INPUT NOR GATE, PDSO14 UB-Suffix Series CMOS Gates 4000/14000/40000 SERIES, QUAD 2-INPUT NOR GATE, PDIP14 UB-Suffix Series CMOS Gates 4000/14000/40000 SERIES, QUAD 2-INPUT NAND GATE, PDIP14 UB-Suffix Series CMOS Gates(UB后缀系列CMOS
|
ONSEMI[ON Semiconductor]
|
CD4011BCSJ CD4011BCSJX CD4011BCMXNL |
Quad 2-Input NAND Buffered B Series Gate; Package: SOP; No of Pins: 14; Container: Rail 4000/14000/40000 SERIES, QUAD 2-INPUT NAND GATE, PDSO14 Quad 2-Input NAND Buffered B Series Gate; Package: SOP; No of Pins: 14; Container: Tape & Reel 4000/14000/40000 SERIES, QUAD 2-INPUT NAND GATE, PDSO14 Quad 2-Input NAND Buffered B Series Gate 4000/14000/40000 SERIES, QUAD 2-INPUT NAND GATE, PDSO14
|
Fairchild Semiconductor, Corp.
|
CD4071BDMSR CD4071BKMSR |
CMOS OR Gate; Temperature Range: -; Package: 14-SBDIP 4000/14000/40000 SERIES, QUAD 2-INPUT OR GATE, CDIP14 CMOS OR Gate; Temperature Range: -; Package: 14-FlatPack 4000/14000/40000 SERIES, QUAD 2-INPUT OR GATE, CDFP14
|
Intersil, Corp.
|
HCF4572M013TR |
4000/14000/40000 SERIES, QUAD 1-INPUT INVERT GATE, PDSO16
|
STMICROELECTRONICS
|
SCL4093BC |
4000/14000/40000 SERIES, QUAD 2-INPUT NAND GATE, CDIP14
|
|
CD4047BC CD4047BC_02 CD4047BCM CD4047BCN CD4047BC0 |
Low Power Monostable/Astable Multivibrator 4000/14000/40000 SERIES, MONOSTABLE MULTIVIBRATOR, PDIP14 Low Power Monostable/Astable Multivibrator; Package: SOIC; No of Pins: 14; Container: Tape & Reel 4000/14000/40000 SERIES, MONOSTABLE MULTIVIBRATOR, PDSO14
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
CD4024BDMSR CD4040BDMSR |
CMOS Ripple-Carry Binary Counter/Dividers; Temperature Range: -55°C to 125°C; Package: 14-SBDIP 4000/14000/40000 SERIES, ASYN NEGATIVE EDGE TRIGGERED 7-BIT UP BINARY COUNTER, CDIP14 4000/14000/40000 SERIES, ASYN NEGATIVE EDGE TRIGGERED 12-BIT UP BINARY COUNTER, CDIP16
|
Intersil, Corp. HARRIS SEMICONDUCTOR
|