PART |
Description |
Maker |
CD54HCT147F/3 |
HCT SERIES, 9-BIT ENCODER, TRUE OUTPUT, CDIP16
|
HARRIS SEMICONDUCTOR
|
5962F9863301V9A 5962F9863301VCC 5962F9863301VXC AC |
Radiation Hardened 10-to-4 Line Priority Encoder AC SERIES, 9-BIT ENCODER, CDFP16 Radiation Hardened 10-to-4 Line Priority Encoder AC SERIES, 9-BIT ENCODER, CDIP16 Quadruple Bus Buffer Gate With 3-State Outputs 14-PDIP 0 to 70
|
Intersil, Corp. Intersil Corporation
|
74HCT243DB-T |
HCT SERIES, 4-BIT TRANSCEIVER, TRUE OUTPUT, PDSO14 PLASTIC, SSOP-14 HCT SERIES, 4-BIT TRANSCEIVER, TRUE OUTPUT, PDSO14 PLASTIC, SO-14
|
NXP Semiconductors N.V.
|
74HCT4510D-T |
HCT SERIES, SYN POSITIVE EDGE TRIGGERED 4-BIT BIDIRECTIONAL DECADE COUNTER, PDSO16
|
NXP SEMICONDUCTORS
|
MC74HCT373ANG |
Octal Latch; Package: 20 LEAD PDIP; No of Pins: 20; Container: Tape and Ammunition Box; Qty per Container: 18 HCT SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDIP20
|
ON Semiconductor
|
EM14R1D-R25-L032S EM14R1D-R20-L032S EM14A0A-B28-L0 |
ROTARY OPTICAL ENCODER - 14MM SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER 14 mm Rotary Optical Encoder w/Switch SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Optical Encoder; Encoder Type:Optical; Encoder Resolution:16CPR; No. of Channels:2; Shaft Diameter:6mm; Series:EM14; Rotation Speed:120rpm; Rotational Life Revolutions:1000000; Torque Max:1.5in-oz RoHS Compliant: Yes ENCODER, ROTARY, OPTICAL, W/SW, 14MM; Resolution, PPR:32; Current rating:25mA; Series:EM14A0D-C24-L032S; Depth, behind panel:10.03mm; Speed, rotational:120rpm; Temperature, operating range:-40(degree C) to 70(degree C); Current, RoHS Compliant: Yes Optical Encoder; Encoder Type:Optical; Encoder Resolution:8CPR; No. of Channels:2; Shaft Diameter:6.35mm; Series:EM14; Rotation Speed:120rpm; Rotational Life Revolutions:1000000; Torque Max:1.5in-oz RoHS Compliant: Yes
|
Bourns, Inc. BOURNS INC
|
TRU-12VDC-FB-CL TRU-9VDC-XX-XX |
TRU
|
TTI
|
HCTS138KMSR |
HCT SERIES, OTHER DECODER/DRIVER, INVERTED OUTPUT, CDFP16
|
HARRIS SEMICONDUCTOR
|
LP49 LP21 LP24 |
CRYSTAL IN HC-49/S TRU-HOLE PACKAGE
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
|