PART |
Description |
Maker |
BY329X1500 BY329X-1500S BY329X-1500 BY329X-1500S12 |
Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:1000V; On State RMS Current, IT(rms):8A; Gate Trigger Current (QI), Igt:50mA; Current, It av:8A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes Damper diode fast, high-voltage Damper diode fast/ high-voltage Damper diodes fast, high-voltage - I<sub>FRM</sub>: 16 A; I<sub>O (AV)</sub>: 10 A; V<sub>RRM</sub>: 1500 V; Package: SOD113 (TO-220F); Container: Horizontal, Rail Pack
|
http:// NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
FS1UM-16A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
Powerex Power Semiconductors Mitsubishi Electric Corporation
|
S4KW12KA-3 S4KW4KA-1 S4KW24KA-6 S4KW8KA-2 |
High Voltage,High Current,Standard Recovery Rectifier Assembly(反向电压12000V,高压,大电流,标准恢复整流器部 高电压,大电流,标准恢复整流大会(反向电2000V,高压,大电流,标准恢复整流器部件) High Voltage,High Current,Standard Recovery Rectifier Assembly(反向电压8000V,高压,大电流,标准恢复整流器部 STANDARD RECOVERY HIGH VOLTAGE, HIGH CURRENT RECTIFIER
|
Semtech Corporation
|
XR-2001 XR-2002 XR2001 XR-2003 |
(XR-2001 - XR2-004) High Voltage / High Current Darlington Transistor Arrays (XR2001 - XR2004) High Voltage / High Current Darlington Transistor Arrays
|
Exar
|
C4600 |
OCXO Standard Package Low Aging AT-Cut and SC-Cut Crystal Options Fast Warm-up
|
VECTRON[Vectron International, Inc]
|
29160B910JO0 29160B331JO0 29120B243JO0 29110B823JO |
Silver Mica Capacitor; Capacitance:10000pF; Capacitance Tolerance: 5%; Series:291; Voltage Rating:4000VDC; Capacitor Dielectric Material:Mica; Termination:Screw; Working Voltage, DC:4000V CAPACITOR, MICA, 0.01 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.0075 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.00075 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.075 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.000075 uF, CHASSIS MOUNT High-Voltage Mica Capacitors Cylindrical Case, High-Current and High-Voltage Circuits High-Voltage Mica Capacitors Cylindrical Case, High-Current and High-Voltage Circuits
|
Cornell Dubilier Electronics, Inc. http:// Cornell Dubilier Electr...
|
LT3845A LT3844 LTC3891 LT3741 LT37241 LTC3835-1 LT |
High Voltage, Current Mode Switching Regulator Controller Thermal Shutdown High Voltage, Current Mode Switching Regulator Controller; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 0.3 A SWITCHING CONTROLLER, 220 kHz SWITCHING FREQ-MAX, PDSO16 High Voltage, Current Mode Switching Regulator Controller
|
Linear Technology, Corp.
|
BC369 C62702-C748 |
From old datasheet system PNP Silicon AF Transistor (High current gain High collector current Low collector-emitter saturation voltage)
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
ATS-55210R-C1-R0 |
High Performance X-CUT - Heat Sink, T412, BLACK-ANODIZED High Perfomance X-CUT - Heat Sink, T412, BLACK-ANODIZED
|
Advanced Analog Technology, Inc. Advanced Thermal Solutions, Inc.
|
P600K P600G |
HIGH CURRENT PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 6.0 Amperes)
|
Pan Jit International Inc. Pan Jit International I...
|
SB530 SB550 SB5100 |
HIGH CURRENT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 5.0 Amperes)
|
Pan Jit International Inc. Pan Jit International I...
|