PART |
Description |
Maker |
1N5629 JANTX1N5632A JANTXV1N5665A 1N5629A 1N5630 1 |
1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-202AA 1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-13 CAP .068UF 100V 20% CER AXIAL 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-13 1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation] http://
|
1.5KE180 1.5KE33A 1.5KE16C 1N6268A 1N6303 1.5KE51 |
1500W Unidirectional and Bidirectional Transient Voltage Suppressor Diodes 18 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 36 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 8.2 V, 10 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 10 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 320 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 43 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 24 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 12 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode Transient Voltage Suppressor (TVS) 瞬态电压抑制器(TVS 56 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 33 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 6.8 V, 10 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 75 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 68 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 47 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 130 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode
|
Fagor List of Unclassifed Manufac... List of Unclassifed Manufacturers ETC[ETC] Jameco Electronics TE Connectivity, Ltd. Electronic Theatre Controls, Inc. Ecliptek, Corp. IDEC, Corp. List of Unclassifed Man...
|
LC110 LC90A LC10 LC100 LC100A LC10A LC11 LC110A LC |
From old datasheet system 1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-202AA
|
http:// MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
SMCJ7.5 SMCJ60A SMCJ85A SMCJ6.5A |
CMOS Decade Counter with 10 Decoded Outputs 16-SO -55 to 125 Replaced by CD4024B : CMOS 7-Stage Ripple-Carry Binary Counter/Divider 14-CDIP -55 to 125 Transient Voltage Suppressor 5.0 to 170 Volts 1500 Watt 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB
|
Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
1N5639A |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
GENERAL SEMICONDUCTOR INC
|
SMCJ26 |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
LITE-ON SEMICONDUCTOR CORP
|
1SMC9.0ABK 1SMC9.0ATR13 1SMC26ATR13 1SMC45ATR13LEA |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
CENTRAL SEMICONDUCTOR CORP
|
1N5646A |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
PROTEK DEVICES
|
1.5KE440A/1 |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
GENERAL SEMICONDUCTOR INC
|
HSMCG95AH2 HSMCG95AH1 HSMCG95AH3 HSMCG13CAH1 HSMCG |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE HERMETIC SEALED PACKAGE-2 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
ProTek Devices
|
1.5SMC400A |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB
|
GENERAL SEMICONDUCTOR INC
|
SMCG7.5-E3/57T |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-215AB
|
VISHAY SEMICONDUCTORS
|
|