PART |
Description |
Maker |
NSS1C200LT1G |
100V 2A Low Vce(sat) PNP SOT-23 2000 mA, 100 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236
|
ON Semiconductor
|
RN6002 |
2000 mA, PNP, Si, SMALL SIGNAL TRANSISTOR
|
|
ZTX749 ZTX749D26Z ZTX749D27Z ZTX749J61Z |
PNP Low Saturation Transistor; Package: TO-226; No of Pins: 3; Container: Bulk 2000 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-226AE
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
MPS750RLRP |
Amplifier Transistors 2000 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
ON Semiconductor
|
FCX790A FCX790ATA FCX790A-15 |
SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR TRANSISTOR PNP-40V -2000MA SOT89 2000 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated Zetex Semiconductor PLC
|
ZXTD4591AM832TA |
2000 mA, 40 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR 3 X 2 MM, MLP832, 10 PIN
|
Diodes, Inc.
|
2SB1516F5/NP 2SA1727F5/NP 2SD1918F5/NP 2SD1767T101 |
3000 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR 500 mA, 400 V, PNP, Si, SMALL SIGNAL TRANSISTOR 1500 mA, 160 V, NPN, Si, SMALL SIGNAL TRANSISTOR 0.7 A, 80 V, NPN, Si, POWER TRANSISTOR 3000 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR 5 A, 20 V, PNP, Si, POWER TRANSISTOR 1 A, 32 V, NPN, Si, POWER TRANSISTOR 2000 mA, 100 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
International Rectifier, Corp. Dielectric Laboratories, Inc.
|
BC560CZL1G |
General Purpose Transistor PNP; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Ammunition Box; Qty per Container: 2000 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
ON Semiconductor
|
ZTX653DCSM ZTX753DCSM ZTX653DCSM02 ZTX653/753DCSMG |
2000 mA, 100 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR HERMETIC SEALED, CERAMIC, LCC2-6 NPN/PNP DUAL TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICTIONS
|
TT electronics Semelab, Ltd. Seme LAB http://
|
BC858AW-7-F BC858BW-7-F BC857CW-7-F BC858CW-7-F BC |
TRANS PNP BIPOLAR 45V SOT-323 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR 100 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR GREEN, PLASTIC PACKAGE-3 PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
|
Diodes Inc. Diodes, Inc. Diodes Incorporated
|
2SA1615-Z-T1K FP1A4M-T1B FP1J3P-T1B FP1L3N-T1B 2SK |
10000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR PLASTIC, MP-3, SC-63, 3 PIN 700 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR PLASTIC, SC-59, 3 PIN 30 mA, N-CHANNEL, Si, SMALL SIGNAL, JFET 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 1000 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Welwyn Components, Ltd. Sumida, Corp.
|
|