PART |
Description |
Maker |
SG120 SG120A-8T_883B SG120-12IG SG120-12IG_883B SG |
Negative Fixed Linear Voltage Regulators BOX 4.94X2.75X1.275 AA W/CLP ALMOND NEGATIVE FIXED VOLTAGE REGULATOR 8 V FIXED NEGATIVE REGULATOR, MBFM2 NEGATIVE FIXED VOLTAGE REGULATOR 负固定电压调节器 NEGATIVE FIXED VOLTAGE REGULATOR 18 V FIXED NEGATIVE REGULATOR, MBFM2 NEGATIVE FIXED VOLTAGE REGULATOR 15 V FIXED NEGATIVE REGULATOR, CQCC20 NEGATIVE FIXED VOLTAGE REGULATOR 12 V FIXED NEGATIVE REGULATOR, MBCY3 NEGATIVE FIXED VOLTAGE REGULATOR 15 V FIXED NEGATIVE REGULATOR, MBCY3 NEGATIVE FIXED VOLTAGE REGULATOR 12 V FIXED NEGATIVE REGULATOR, CQCC20 NEGATIVE FIXED VOLTAGE REGULATOR 20 V FIXED NEGATIVE REGULATOR, MBFM2 NEGATIVE FIXED VOLTAGE REGULATOR 15 V FIXED NEGATIVE REGULATOR, MSFM3 NEGATIVE FIXED VOLTAGE REGULATOR 18 V FIXED NEGATIVE REGULATOR, MSFM3 HIGH SURGE CARBON COMP REPLACEMENT RESISTOR , 1K, 5% 负固定电压调节器 NEGATIVE FIXED VOLTAGE REGULATOR 12 V FIXED NEGATIVE REGULATOR, MSFM3 NEGATIVE FIXED VOLTAGE REGULATOR 5.2 V FIXED NEGATIVE REGULATOR, MBFM2 NEGATIVE FIXED VOLTAGE REGULATOR 5.2 V FIXED NEGATIVE REGULATOR, MBCY3 NEGATIVE FIXED VOLTAGE REGULATOR 18 V FIXED NEGATIVE REGULATOR, CQCC20 NEGATIVE FIXED VOLTAGE REGULATOR 18 V FIXED NEGATIVE REGULATOR, MBCY3
|
MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
74LVC125A 74LVC125AD 74LVC125ADB 74LVC125APW 7LVC1 |
Data Selectors/Multiplexers With 3-State Outputs 16-SOIC -40 to 85 SC Series, 3 Ohms, 1.0 W, Fixed, Wirewound Resistor Quad buffer/line driver with 5-volt tolerant inputs/outputs 3-State
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
ISC1210SY820K ISC1210EB1R5K ISC1210EB101J ISC1210B |
General Fixed Inductor, IND,POWDERED IRON,82UH,10% TOL,10% -TOL,1210 CASE General Fixed Inductor, 1 ELEMENT, 1.5 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR, SMD, CHIP, 1210, HALOGEN FREE AND ROHS COMPLIANT General Fixed Inductor, IND,POWDERED IRON,100UH,5% TOL,5% -TOL,1210 CASE ISC-1210 Wirewound, Surface Mount, Molded, Shielded Inductors General Fixed Inductor, IND,POWDERED IRON,10UH,10% TOL,10% -TOL,1210 CASE General Fixed Inductor, 1 ELEMENT, 22 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR, SMD, ROHS COMPLIANT General Fixed Inductor, IND,POWDERED IRON,3.3UH,10% TOL,10% -TOL,1210 CASE General Fixed Inductor, IND,POWDERED IRON,15UH,10% TOL,10% -TOL,1210 CASE General Fixed Inductor, IND,POWDERED IRON,15UH,5% TOL,5% -TOL,1210 CASE
|
Vishay Dale
|
RT012AS6800KB VISHAYSFERNICE-RT012AS2600KB RT012AS |
Potentiometer, RES,TAPPED,WIREWOUND,680 OHMS,90.3WVDC,10% /-TOL Potentiometer, RES,TAPPED,WIREWOUND,150 OHMS,42.4WVDC,10% /-TOL Potentiometer, RES,TAPPED,WIREWOUND,330 OHMS,62.9WVDC,10% /-TOL
|
Vishay Sfernice
|
RER40XXXX RER70XXXX RER70FR261R RER75XXXX |
ERH/ENH Series / Wirewound Resistors (RER Series) Wirewound Resistors
|
Vishay Intertechnology
|
IMS05SH472J IMS05ST101K IMS05WDST101K40 IMS05RU680 |
General Fixed Inductor, IND,FERRITE,4.7MH,5% TOL,5% -TOL General Fixed Inductor, IND,FERRITE,100UH,10% TOL,10% -TOL General Fixed Inductor, IND,FERRITE,68UH,10% TOL,10% -TOL General Fixed Inductor, IND,FERRITE,6.8MH,10% TOL,10% -TOL General Fixed Inductor, IND,FERRITE,1.2MH,10% TOL,10% -TOL General Fixed Inductor, IND,FERRITE,56UH,5% TOL,5% -TOL General Fixed Inductor, 1 ELEMENT, 100 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, AXIAL LEADED, ROHS COMPLIANT General Fixed Inductor, IND,FERRITE,150UH,5% TOL,5% -TOL General Fixed Inductor, IND,FERRITE,120UH,5% TOL,5% -TOL General Fixed Inductor, IND,FERRITE,82UH,5% TOL,5% -TOL General Fixed Inductor, IND,FERRITE,82UH,10% TOL,10% -TOL General Fixed Inductor, IND,FERRITE,560UH,5% TOL,5% -TOL
|
Vishay Dale
|
RT025AL6800KN RT025AM2701KB RT025AM1501KB RT025AS6 |
Potentiometer, RES,TAPPED,WIREWOUND,680 OHMS,130WVDC,10% /-TOL RT25 Wirewound Rheostat/Potentiometer Potentiometer, RESISTOR, POTENTIOMETER, WIRE WOUND, 1 TURN(S), 25 W, 1500 ohm, ROHS COMPLIANT Potentiometer, RESISTOR, POTENTIOMETER, WIRE WOUND, 1 TURN(S), 25 W, 150 ohm, ROHS COMPLIANT Potentiometer, RES,TAPPED,WIREWOUND,100 OHMS,50WVDC,10% /-TOL Potentiometer, RESISTOR, POTENTIOMETER, WIRE WOUND, 1 TURN(S), 25 W, 1000 ohm, ROHS COMPLIANT
|
Vishay Sfernice
|
MPAT-340420-20-10 MPAT-340420-20-15 MPAT-340420-30 |
3400 MHz - 4200 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 5845 MHz - 6430 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 11700 MHz - 12200 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 2000 MHz - 2200 MHz RF/MICROWAVE FIXED ATTENUATOR, 1.7 dB INSERTION LOSS-MAX 17300 MHz - 18100 MHz RF/MICROWAVE FIXED ATTENUATOR, 3 dB INSERTION LOSS-MAX 17300 MHz - 17800 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.7 dB INSERTION LOSS-MAX 13750 MHz - 14500 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.5 dB INSERTION LOSS-MAX 12200 MHz - 12750 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 1500 MHz - 1800 MHz RF/MICROWAVE FIXED ATTENUATOR, 1.1 dB INSERTION LOSS-MAX 7900 MHz - 8400 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.2 dB INSERTION LOSS-MAX
|
MITEQ, Inc. MITEQ INC
|
RSSD20117A11R0JB00 RSSD20117A22R0JB00 RSSD20117A15 |
Potentiometer, RESISTOR, POTENTIOMETER, WIRE WOUND, 100 W, 11 ohm, ROHS COMPLIANT Potentiometer, RESISTOR, POTENTIOMETER, WIRE WOUND, 100 W, 22 ohm, ROHS COMPLIANT RSSD - Adjustable Wirewound Vitreous Resistors Low Ohmic Values (0.10 Ohm available) Potentiometer, RESISTOR, POTENTIOMETER, WIRE WOUND, 70 W, 22 ohm, ROHS COMPLIANT Potentiometer, RES,VARIABLE,WIREWOUND,2 OHMS,10% /-TOL,75PPM TC Potentiometer, RES,VARIABLE,WIREWOUND,15 OHMS,5% /-TOL,75PPM TC
|
Vishay Sfernice
|
ATS135-100-BB ATS135-100-BT ATS135-100-CB ATS135-1 |
TEMPERATURE SENSITIVE PRECISION WIREWOUND RESISTORS TCR’S FROM 80 TO 6000 PPM TEMPERATURE SENSITIVE PRECISION WIREWOUND RESISTORS TCR?? FROM 80 TO 6000 PPM TEMPERATURE SENSITIVE PRECISION WIREWOUND RESISTORS TCR隆炉S FROM 80 TO 6000 PPM
|
RCD COMPONENTS INC.
|
IRUB1117-33CP IRU1117-33CD IRU1117-33CP IRU1117-33 |
0.8A Fixed LDO Linear Regulator in a SOT-223 3-Leads package 0.8A Fixed LDO Linear Regulator in a SOIC 8-Lead package 0.8A Fixed LDO Linear Regulator in a ULTRA THIN-PAK 2-Leads package 0.8A Fixed LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package 800mA LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
|
IRF[International Rectifier]
|
|