PART |
Description |
Maker |
AWS5533 |
0.5 to 2.5 GHz SP3T SWITCH The AWS5533 is a single pole, three throw (SP3T) RF switch developed for CDMA systems.
|
ANADIGICS, Inc. Anadigics Inc
|
P4-417113 P4-117113 P4-521217 P4-433116 P4-433124 |
PUSHBUTTON SWITCH, 4PDT, MOMENTARY, THROUGH HOLE-STRAIGHT PUSHBUTTON SWITCH, SPDT, LATCHED, PANEL MOUNT-THREADED PUSHBUTTON SWITCH, DPDT, MOMENTARY, PANEL MOUNT-THREADED PUSHBUTTON SWITCH, DPDT, MOMENTARY, THROUGH HOLE-STRAIGHT
|
OTTO Engineering, Inc. OTTO ENGINEERING INC
|
305V-1QE 305CBEJ8122 302CBEJ8122 301ST1ZBEJ81 |
PUSHBUTTON SWITCH, SPST, MOMENTARY, 3A, 28VDC, THROUGH HOLE-RIGHT ANGLE PUSHBUTTON SWITCH, SPST, MOMENTARY, 0.02A, 20VDC, THROUGH HOLE-STRAIGHT Miniature pushbutton switches
|
List of Unclassifed Man...
|
TP33MW03000 TP32MW03000 TP42MW03000 TP33P083000 TP |
PUSHBUTTON SWITCH, SPST, MOMENTARY, 0.02A, 20VDC, PANEL MOUNT PUSHBUTTON SWITCH, SPDT, MOMENTARY, 0.02A, 20VDC, PANEL MOUNT PUSHBUTTON SWITCH, DPDT, MOMENTARY, 0.02A, 20VDC, PANEL MOUNT PUSHBUTTON SWITCH, SPST, MOMENTARY, 0.02A, 20VDC, THROUGH HOLE-STRAIGHT PUSHBUTTON SWITCH, SPDT, MOMENTARY, 0.5A, 48VDC, THROUGH HOLE-RIGHT ANGLE PUSHBUTTON SWITCH, SPST, MOMENTARY, 0.5A, 48VDC, THROUGH HOLE-STRAIGHT
|
|
PE7122 |
SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 4GHz TO 8GHz SWITCH TYPE:SP3T
|
Pasternack Enterprises, Inc...
|
PE7123 |
SMA FEMALE,COAXIAL SWITCH FREQUENCY RANGE: 8GHz TO 12 GHz SWITCH TYPE:SP3T
|
Pasternack Enterprises, Inc...
|
1241.2832.066 1241.2825.000 |
PUSHBUTTON SWITCH, SPST, MOMENTARY, 0.125A, 48VDC, PANEL MOUNT PUSHBUTTON SWITCH, SPST, MOMENTARY, 0.08A, 24VDC, PANEL MOUNT
|
SCHURTER INC
|
1241.3260 1241.3123 |
SPECIAL SWITCH-PIEZO SWITCH, SPST, MOMENTARY, 0.1A, 60VDC, PANEL MOUNT Vandal Resistant Pushbutton Switch; Actuator Diameter:19mm; Circuitry:SPST-NO; Contact Current Max:2.6A; Mounting Type: PCB; Switch Function:SPST-NO
|
SCHURTER INC
|
10-101 10-10UL 10C1015-1 07C1040-1 10-100 4002UL |
SPST, 1 and 3 Amp Pushbuttons PUSHBUTTON SWITCH, SPST, MOMENTARY, PANEL MOUNT-THREADED Wiping Contact Pushbutton Switches Momentary or Momentary With Positive Feel
|
Grayhill, Inc.
|
UPG2405T6Q-E2 UPG2405T6Q-E2-A UPG2405T6Q |
1 W SP3T SWITCH
|
NEC
|
|