PART |
Description |
Maker |
IFM004G IFM008G |
5 V Series 200 Flash Memory Miniature Card(5V 200系列闪速存储器微型 256K X 16 FLASH 5V PROM CARD, 150 ns, XMA60 5 V Series 200 Flash Memory Miniature Card(5V 200系列闪速存储器微型 512K X 16 FLASH 5V PROM CARD, 150 ns, XMA60
|
Intel, Corp.
|
AMMCL002AWP-150 |
2 or 4 Megabyte 3.0 Volt-only Flash Miniature Card 2M X 8 FLASH 3V PROM CARD, 150 ns, XMA60
|
ADVANCED MICRO DEVICES INC SPANSION LLC
|
AT29LV040A-15JC AT29LV040A-15TI AT29LV040A-15TUT/R |
150NS, PLCC, COM TEMP(FLASH) 512K X 8 FLASH 3V PROM, 150 ns, PQCC32 150NS, TSOP, IND TEMP(FLASH) 512K X 8 FLASH 3V PROM, 150 ns, PDSO32
|
Atmel, Corp. ATMEL CORP
|
PA28F008SC-90 E28F008SC-150 PA28F008SC-170 |
1M X 8 FLASH 3.3V PROM, 90 ns, PDSO44 13.30 X 28.20 MM, PLASTIC, SOP-44 1M X 8 FLASH 3.3V PROM, 150 ns, PDSO40 1M X 8 FLASH 3.3V PROM, 170 ns, PDSO44
|
Intel, Corp. INTEL CORP
|
ATA502SD01 KWB513SDY0 |
2726298 X 16 FLASH 5V PROM CARD, XMA68 512K X 8 MASK PROM CARD, 250 ns, XMA68
|
|
HY29LV320BF-80 HY29LV320BF-80I HY29LV320BT-12I HY2 |
32 Mbit (2M x 16) Low Voltage Flash Memory 2M X 16 FLASH 3V PROM, 80 ns, PDSO48 32 Mbit (2M x 16) Low Voltage Flash Memory 2M X 16 FLASH 3V PROM, 70 ns, PDSO48 122 x 32 pixel format, LED Backlight available 2M X 16 FLASH 3V PROM, 120 ns, PBGA63 32 Mbit (2M x 16) Low Voltage Flash Memory 2M X 16 FLASH 3V PROM, 90 ns, PBGA63 150 x 32 pixel format, LED Backlight available ECONOLINE: RKZ - Safety standards and approvals: EN 60950 certified, rated for 250VAC (LVD test report)- Custom Solutions Available- 3kVDC & 4kVDC Isolation- UL94V-0 Package Material- Power Sharing on Output- Efficiency to 84%
|
http:// Hynix Semiconductor, Inc. Hynix Semiconductor Inc.
|
AM29LV800DB-70EF AM29LV800DB-90EF AM29LV800DB-70WC |
Flash Memory IC; Memory Size:8Mbit; Package/Case:48-TSOP; Supply Voltage Max:3V; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Access Time, Tacc:70nS; Series:AM29 RoHS Compliant: Yes 512K X 16 FLASH 3V PROM, 70 ns, PDSO48 512K X 16 FLASH 3V PROM, 90 ns, PDSO48 512K X 16 FLASH 3V PROM, 70 ns, PBGA48 512K X 16 FLASH 3V PROM, 90 ns, PBGA48 512K X 16 FLASH 3V PROM, 120 ns, PDSO48 512K X 16 FLASH 3V PROM, 120 ns, PDSO44 512K X 16 FLASH 3V PROM, 90 ns, PDSO44
|
Spansion, Inc. SPANSION LLC
|
SST48CF048-C1 SST48CF024-C1 SST48CF032-C1 SST48CF0 |
CAP ROUND W/SHUTTER WINDOW BLU CompactFlash Card 4M X 16 FLASH 3.3V PROM CARD, 100 ns, XMA50 CompactFlash Card CF
|
Silicon Storage Technology, Inc.
|
W25P40-VSNI W25P40-VSNIG W25P40 W25P20 W25P10-VSNI |
4 Mbit Uniform Sector, Serial Flash Memory 2M X 1 FLASH 2.7V PROM, PDSO8 4M X 1 FLASH 2.7V PROM, PDSO8 0.150 INCH, GREEN, PLASTIC, SOIC-8 1M-BIT, 2M-BIT AND 4M-BIT SERIAL FLASH MEMORY WITH 40MHZ SPI
|
Winbond Electronics, Corp.
|
SST39LF016 SST39LF016-90-4I-EI SST39VF016-90-4I-EI |
(SST39VF080 / SST39VF016 / SST39LF080 / SST39LF016) 8 Mbit / 16 Mbit (x8) Multi-Purpose Flash 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays CONNECTOR ACCESSORY LED Light Bars D52 - BACKSHELL ENVIRON EMI-RFI STRT MIL 2M X 8 FLASH 2.7V PROM, 70 ns, PBGA48 64 Mbit (x16) Multi-Purpose Flash Plus 2M X 8 FLASH 3V PROM, 55 ns, PDSO40 64 Mbit (x16) Multi-Purpose Flash Plus 2M X 8 FLASH 3V PROM, 55 ns, PBGA48 64 Mbit (x16) Multi-Purpose Flash Plus 2M X 8 FLASH 2.7V PROM, 90 ns, PDSO40 64 Mbit (x16) Multi-Purpose Flash Plus 64兆位(x16)的多功能闪存加 64 Mbit (x16) Multi-Purpose Flash Plus 2M X 8 FLASH 2.7V PROM, 70 ns, PDSO40
|
Silicon Storage Technology, Inc. SILICON STORAGE TECHNOLOGY INC
|
AM29LV002T-150FEB AM29LV002T-150EEB |
2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 256K X 8 FLASH 3V PROM, 150 ns, PDSO40
|
Advanced Micro Devices, Inc.
|
|