PART |
Description |
Maker |
ISL62882HRTZ ISL62882IRTZ ISL62882BHRTZ |
Multiphase PWM Regulator for IMVP-6.5?Mobile CPUs and GPUs Multiphase PWM Regulator for IMVP-6.5™ Mobile CPUs; Temperature Range: -40°C to 85°C; Package: 40-TQFN SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PQCC40 Multiphase PWM Regulator for IMVP-6.5™ Mobile CPUs; Temperature Range: Hi-Temp Comm; Package: 40-TQFN SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PQCC40
|
Intersil Corporation Intersil, Corp.
|
ISL62883IRTZ ISL62883HRTZ |
Multiphase PWM Regulator for IMVP-6.5?Mobile CPUs
|
Intersil Corporation
|
ISL62882CHRTZ-T ISL62882CIRTZ ISL62882CEVAL2Z ISL6 |
Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs Multiphase PWM Regulator for IMVP-6.5?Mobile CPUs and GPUs
|
Intersil Corporation
|
HIP631104 HIP6311CBZA HIP6301EVAL1 HIP6311 HIP6311 |
Microprocessor CORE Voltage Regulator Multiphase Buck PWM Controller; Temperature Range: 0°C to 70°C; Package: 20-SOIC T&R SWITCHING CONTROLLER, 1500 kHz SWITCHING FREQ-MAX, PDSO20 Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ISL95858 |
Multiphase PWM Regulator for Intel IMVP8 Desktop CPUs
|
Intersil Corporation
|
CHL8112B-00CRT |
Dual Loop, 4 1 multiphase AMD PWM controller for high efficiency, highly accurate VR solutions
|
International Rectifier
|
ISL6564AIRZ ISL6564ACRZ ISL6564A |
Multiphase PWM Controller with Linear 6-Bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
|
INTERSIL[Intersil Corporation]
|
EPF8282ALC84-3 EPF8282ALC84-4 EPF8636AGC192-3 EPF8 |
Eval Board for HFA1110 750MHz, Low Distortion Unity Gain, Closed Loop Buffer Eval Board for HI5805 12-Bit, 5MSPS A/D Converter Eval Board for HIP6521 PWM and Triple Linear Power Controller Field Programmable Gate Array (FPGA) 现场可编程门阵列(FPGA Eval Board for ISL5314 CommLink™ Direct Digital Synthesizer 现场可编程门阵列(FPGA Eval Board for HIP6302 Microprocessor CORE Voltage Regulator Multiphase Buck PWM Controller 现场可编程门阵列(FPGA Eval Board for HA5023 Dual 125MHz Video Current Feedback Amplifier
|
Altera, Corp.
|
EMD108 |
Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers; Temperature Range: -40°C to 85°C; Package: 24-QFN Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers; Temperature Range: -40°C to 85°C; Package: 24-QFN 模拟IC
|
NXP Semiconductors N.V.
|
ISL6564A |
Multiphase PWM Controller with Linear 6-Bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing 多相PWM控制器,带有线位DAC能精密的RDSON)或DCR差分电流检
|
Intersil, Corp.
|
IR3564B IR3570B IR3564BMTRPBF IR3570BMTRPBF |
Dual Loop, 4 1 multiphase AMD SVI1 and SVI2 and Intel VR12 and VR12.5 PWM controller for high efficiency, highly accurate VR solutions Dual Loop, 3 2 multiphase AMD SVI1 and SVI2 and Intel VR12 and VR12.5 PWM controller for high efficiency, highly accurate VR solutions
|
International Rectifier
|
IR3567BMTRPBF |
Dual Loop, 6 2 multiphase AMD SVI1 and SVI2 and Intel VR12 and VR12.5 PWM controller for high efficiency, highly accurate VR solutions
|
International Rectifier
|