PART |
Description |
Maker |
3PF0 |
(3PF0 / 3PF8) RECTIFIE
|
Semtech Corporation
|
SPK1245-C-S-A01 |
SCHOTTKY BARRIER SOLAR RECTIFIE VOLTAGE 45 Volts CURRENT 12 Amperes
|
Rectron Semiconductor
|
APT30D20SG APT30D20B APT30D20B_05 APT30D20BG APT30 |
30 A, 200 V, SILICON, RECTIFIER DIODE, TO-247 Fast Recovery Epitaxial Diode; Package: D3 [S]; IO (A): 30; VR (V): 200; trr (nsec): 21; VF (V): 1.1; Qrr (nC): 150; 30 A, 200 V, SILICON, RECTIFIER DIODE ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
|
Advanced Power Technolo... Microsemi, Corp. ADPOW[Advanced Power Technology]
|
R6031.522PSYA R6221.530PSYA R6220.530PSYA R9GS2010 |
220 A, 150 V, SILICON, RECTIFIER DIODE R60, 1 PIN 300 A, 150 V, SILICON, RECTIFIER DIODE R62, 2 PIN 300 A, 50 V, SILICON, RECTIFIER DIODE R62, 2 PIN 1000 A, 2000 V, SILICON, RECTIFIER DIODE R9G, 2 PIN 350 A, 2200 V, SILICON, RECTIFIER DIODE 100 A, 200 V, SILICON, RECTIFIER DIODE 200 A, 1500 V, SILICON, RECTIFIER DIODE 1500 A, 1200 V, SILICON, RECTIFIER DIODE 125 A, 800 V, SILICON, RECTIFIER DIODE 150 A, 1200 V, SILICON, RECTIFIER DIODE 400 A, 200 V, SILICON, RECTIFIER DIODE 800 A, 3200 V, SILICON, RECTIFIER DIODE 350 A, 700 V, SILICON, RECTIFIER DIODE 400 A, 900 V, SILICON, RECTIFIER DIODE 100 A, 1500 V, SILICON, RECTIFIER DIODE 1000 A, 1500 V, SILICON, RECTIFIER DIODE 1000 A, 1700 V, SILICON, RECTIFIER DIODE 800 A, 3100 V, SILICON, RECTIFIER DIODE 250 A, 50 V, SILICON, RECTIFIER DIODE 800 A, 3600 V, SILICON, RECTIFIER DIODE 330 A, 500 V, SILICON, RECTIFIER DIODE
|
Powerex, Inc. POWEREX INC
|
R720366XXWA R5010210XXWA R9G00822XXWA R9G00622XXWA |
600 A, 3600 V, SILICON, RECTIFIER DIODE 100 A, 200 V, SILICON, RECTIFIER DIODE 2200 A, 800 V, SILICON, RECTIFIER DIODE 2200 A, 600 V, SILICON, RECTIFIER DIODE 2200 A, 400 V, SILICON, RECTIFIER DIODE 450 A, 150 V, SILICON, RECTIFIER DIODE 550 A, 50 V, SILICON, RECTIFIER DIODE 550 A, 150 V, SILICON, RECTIFIER DIODE 2500 A, 1300 V, SILICON, RECTIFIER DIODE 300 A, 900 V, SILICON, RECTIFIER DIODE 1800 A, 200 V, SILICON, RECTIFIER DIODE 1200 A, 3100 V, SILICON, RECTIFIER DIODE 2000 A, 2300 V, SILICON, RECTIFIER DIODE 3600 A, 2300 V, SILICON, RECTIFIER DIODE 100 A, 150 V, SILICON, RECTIFIER DIODE
|
POWEREX INC
|
CS48-35N CS48-35D CS48-35M CS48-35P CS48-35PB CS48 |
SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 800 V, SCR, TO-48 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 600 V, SCR, TO-48 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 200 V, SCR, TO-48 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 1200 V, SCR, TO-48 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 1000 V, SCR, TO-48 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 400 V, SCR, TO-48
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
MUR2020RG |
ULTRAFAST RECTIFIER 20 AMPERES, 200 VOLTS 20 A, 200 V, SILICON, RECTIFIER DIODE, TO-220AC
|
ON Semiconductor
|
CS65-70N CS65-70D CS65-70M CS65-70B CS65-70P CS65- |
SILICON CONTROLLED RECTIFIER 70 AMPS RMS, 200 THRU 1200 VOLTS 63 A, 600 V, SCR, TO-65 SILICON CONTROLLED RECTIFIER 70 AMPS RMS, 200 THRU 1200 VOLTS 63 A, 200 V, SCR, TO-65 SILICON CONTROLLED RECTIFIER 70 AMPS RMS, 200 THRU 1200 VOLTS 63 A, 400 V, SCR, TO-65 SILICON CONTROLLED RECTIFIER 70 AMPS RMS, 200 THRU 1200 VOLTS 63 A, 1200 V, SCR, TO-65
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
NZ9F5V1T5G NZ9F3V9T5G NZ9F22VT5G NZ9F7V5T5G NZ9F20 |
Zener Voltage Regulators 200 mW SOD−923 Surface Mount 3.3V 200 mW SOD-923 Zener 5% Tolerance 3.3 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.9V 200 mW SOD-923 Zener 5% Tolerance 3.9 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
ON Semiconductor http://
|
CMZ5944B CMZ5948B CMZ5921B CMZ5925B CMZ5926B CMZ59 |
SURFACE MOUNT SILICON ZENER DIODE 1.5 WATT, 6.8 THRU 200 VOLTS 5% TOLERANCE SURFACE MOUNT SILICON ZENER DIODE 1.5 WATT, 6.8 THRU 200 VOLTS ± 5% TOLERANCE surface mount silicon Zener diodes 24 V, 0.9 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
Central Semiconductor Corp
|
APT2X31D20J_05 APT2X30D20J APT2X31D20J APT2X31D20J |
Fast Recovery Epitaxial Diode; Package: ISOTOP®; IO (A): 30; VR (V): 200; trr (nsec): 21; VF (V): 1.1; Qrr (nC): 150; 30 A, 200 V, SILICON, RECTIFIER DIODE ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
|
Microsemi, Corp. ADPOW[Advanced Power Technology]
|
|