PART |
Description |
Maker |
CQ92BT CQ92NT CQ92DT CQ92MT |
Leaded Thyristor TRIAC Triac 12 Amp, 600 Volt Triac Chip TRIAC
|
Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp] Central Semiconductor C...
|
BT139F BT139F-500 BT139F-500F BT139F-500G BT139F-6 |
Triacs(??????纭? Triacs(双向可控 500 V, 16 A, TRIAC Triacs 600 V, 16 A, TRIAC Triacs 800 V, 16 A, TRIAC Transient Voltage Suppressor Diodes
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BTA40A BTA40B 2939 BTA40-400B BTA40-400A BTA40-600 |
Standard triac, 40Ampere, 800V Standard triac, 40Ampere, 700V Standard triac, 40Ampere, 600V Standard triac, 40Ampere, 400V From old datasheet system STANDARD TRIACS RP Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 15V; Output Voltage (Vdc): 12V; Power: 1W; Pot-Core Transformer - separated
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 ST Microelectronics
|
CQ220I-8 CQ220I-8D CQ220I-8M CQ220I-8N CQ220I-8B C |
Leaded Thyristor TRIAC ISOLATED TAB TRIAC 8.0 AMP 200 THRU 800 VOLTS 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED TAB TRIAC 8.0 AMP 200 THRU 800 VOLTS 600 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB TRIAC|400V V(DRM)|8A I(T)RMS|TO-220AB 400 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED TAB TRIAC 8.0 AMP 200 THRU 800 VOLTS 400 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB TRIAC|200V V(DRM)|8A I(T)RMS|TO-220AB 200 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB TRIAC|800V V(DRM)|8A I(T)RMS|TO-220AB 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED TAB TRIAC 8.0 AMP 200 THRU 800 VOLTS 隔震统计表可控硅8.0放大00 7860 800伏特 TRIAC|600V V(DRM)|8A I(T)RMS|TO-220AB 600 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
CQ220I-16B CQ220I-16M CQ220I-16N CQ220I-16D |
ISOLATED RAB TRIAC 16 AMP 600 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED RAB TRIAC 16 AMP 400 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED RAB TRIAC 16 AMP 200 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED RAB TRIAC 16 AMP 800 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB Leaded Thyristor TRIAC
|
Central Semiconductor, Corp. Central Semiconductor Corp.
|
T405-700H-TR T410-700H-TR T435-700H-TR T410-600H-T |
Thyristor TRIAC 600V 31A 3TO-220AB T/R 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB Absolute Maximum Ratings 800 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC T4 Series 4A TRIACS
|
ST Microelectronics STMicroelectronics
|
CHTB12-600 |
TRIAC ALTERNIST 12A 600V TO220AB 600 V, 12 A, ALTERNISTOR TRIAC, TO-220AB
|
Crydom, Inc.
|
CQ39BS CQ39MS CQ39DS CQ39NS |
Leaded Thyristor TRIAC TRIAC 4.0 AMP, 200 THRU 800 VOLTS
|
CENTRAL[Central Semiconductor Corp]
|
CQ220I-8BR CQ220I-8MR CQ220I-8NR CQ220I-8DR |
Leaded Thyristor TRIAC ISOLATED TAB TRIAC 8.0AMP, 200 THRU 800 VOLTS
|
Central Semiconductor Corp
|
IS6010X IS6005X IS6015 IS6015X IS6015-G |
OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER
|
ISOCOM COMPONENTS Panasonic Semiconductor ISOCOM COMPONENTS LTD
|
CQDD-16M CQDD-16N |
SMD TRIAC 16 AMP TRIAC 600 THRU 800 VOLTS
|
Central Semiconductor Corp
|