PART |
Description |
Maker |
FAR-G6CH-1G9600-L215 FAR-G6CH-1G7475-L216 |
1 FUNCTIONS, 1960 MHz, SAW FILTER 1 FUNCTIONS, 1747.5 MHz, SAW FILTER
|
FUJITSU LTD
|
STM32F100VCT6 STM32F100VCT6BTR STM32F100VCT7BTR ST |
Mainstream Value line, ARM Cortex-M3 MCU with 384 Kbytes Flash, 24 MHz CPU, motor control and CEC functions Mainstream Value line, ARM Cortex-M3 MCU with 256 Kbytes Flash, 24 MHz CPU, motor control and CEC functions Mainstream Value line, ARM Cortex-M3 MCU with 512 Kbytes Flash, 24 MHz CPU, motor control and CEC functions High-density value line, advanced ARM-based 32-bit MCU with 256 to 512 KB Flash, 16 timers, ADC, DAC & 11 comm interfaces Mainstream Value line, ARM Cortex-M3 MCU with 512 Kbytes, 24 MHz CPU, motor control and CEC functions
|
ST Microelectronics STMicroelectronics N.V.
|
BLM18BD470SN1D BLM18BD470SN1J BLM18BD470SN1B BLM18 |
1 FUNCTIONS, 0.5 A, FERRITE CHIP EIA STD PACKAGE SIZE 0603, 2 PIN BDSM, FER BLM18BA100SN1D 0603 1 FUNCTIONS, 0.5 A, FERRITE CHIP EMI 120 OHM 100 MHZ 200MA 1 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE CHIP 120 OHM 200MA 0603
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
U210 |
1 FUNCTIONS, 45.75 MHz, SAW FILTER
|
EPCOS AG
|
B39202B9506L310 |
1 FUNCTIONS, 1960 MHz, SAW FILTER
|
EPCOS AG
|
KF426BV |
1 FUNCTIONS, 426 MHz, SAW FILTER
|
|
SF1103B |
1 FUNCTIONS, 285 MHz, SAW FILTER
|
RF MONOLITHICS INC
|
SF0915BA02531S |
1 FUNCTIONS, 915 MHz, SAW FILTER
|
INTEGRATED DEVICE TECHNOLOGY INC
|
SAFEA942MFR0F00R12 |
1 FUNCTIONS, 942.5 MHz, SAW FILTER
|
MURATA MANUFACTURING CO LTD
|
B39182-B7716-B610 |
1 FUNCTIONS, 1842.5 MHz, SAW FILTER
|
EPCOS AG
|
|